Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FM850 Datasheet(PDF) 1 Page - Formosa MS

Part # FM850
Description  Chip Schottky Barrier Diodes - Silicon epitaxial planer type
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORMOSA [Formosa MS]
Direct Link  http://www.formosams.com
Logo FORMOSA - Formosa MS

FM850 Datasheet(HTML) 1 Page - Formosa MS

  FM850 Datasheet HTML 1Page - Formosa MS FM850 Datasheet HTML 2Page - Formosa MS  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FM820 THRU FM860
Features
Plastic package has Underwriters Laboratory
Flammability Classification 94V-O Utilizing Flame
Retardant Epoxy Molding Compound.
For surface mounted applications.
Exceeds environmental standards of MIL-S-19500 /
228
Low leakage current.
Mechanical data
Case : Molded plastic, JEDECDO-214AB
Terminals : Solder plated, solderable per MIL-STD-750,
Method 2026
Polarity : Indicated by c athode band
Mounting Position : Any
Weight : 0.00585 ounce, 0.195 gram
(V)
(V)
(V)
(V)
(
oC)
FM820
SK82
20
14
20
FM830
SK83
30
21
30
FM840
SK84
40
28
40
FM850
SK85
50
35
50
FM860
SK86
60
42
60
0.70
SYMBOLS
MARKING
CODE
-55 to +125
Operating
temperature
VRRM
*1
VRMS
*2
VR
*3
VF
*4
0.65
MAXIMUM RATINGS (AT TA=25
oC unless otherwise noted)
PARAMETER
CONDITIONS
Symbol
MIN.
TYP.
MAX.
UNIT
Forward rectified current
See Fig.1
IO
8.0
A
Forward surge current
8.3ms single half sine-wave superimposed on
rate load (JEDEC methode)
IFSM
150
A
VR = VRRM TA = 25oC
5.0
mA
VR = VRRM TA = 100oC
50
mA
Thermal resistance
Junction to ambient
RqJA
55
oC / w
Diode junction capacitance
f=1MHz and applied 4vDC reverse voltage
CJ
700
pF
Storage temperature
TSTG
-55
+150
oC
Reverse current
IR
*1 Repetitive peak reverse voltage
*2 RMS voltage
*3 Continuous reverse voltage
*4 Maximum forward voltage
Chip Schottky Barrier Diodes
Silicon epitaxial planer type
Formosa MS
0.276(7.0)
0.260(6.6)
0.012(0.3) Typ.
0.189(4.8)
0.173(4.4)
0.244(6.2)
0.228(5.8)
0.087(2.2)
0.071(1.8)
0.040 (1.0) Typ.
0.040(1.0) Typ.
Dimensions in inches and (millimeters)
SMC
0.152(3.8)
0.144(3.6)
0.032(0.8) Typ.


Similar Part No. - FM850

ManufacturerPart #DatasheetDescription
logo
Formosa MS
FM850-B FORMOSA-FM850-B Datasheet
78Kb / 2P
   Chip Schottky Barrier Diodes - Silicon epitaxial planer type
FM850-T FORMOSA-FM850-T Datasheet
79Kb / 2P
   Chip Schottky Barrier Diodes - Silicon epitaxial planer type
logo
PACELEADER INDUSTRIAL
FM850-T1 PACELEADER-FM850-T1 Datasheet
257Kb / 2P
   SILICON EPITAXIAL PLANCE TYPE
logo
SHENZHEN FUMAN ELECTRON...
FM8501 FUMAN-FM8501 Datasheet
426Kb / 8P
   Non-isolated step-down LED constant current driver IC
FM8501A FUMAN-FM8501A Datasheet
426Kb / 8P
   Non-isolated step-down LED constant current driver IC
More results

Similar Description - FM850

ManufacturerPart #DatasheetDescription
logo
Formosa MS
SK52-B FORMOSA-SK52-B Datasheet
80Kb / 2P
   Chip Schottky Barrier Diodes - Silicon epitaxial planer type
FM120-L FORMOSA-FM120-L Datasheet
68Kb / 2P
   Chip Schottky Barrier Diodes - Silicon epitaxial planer type
FM0206-L FORMOSA-FM0206-L Datasheet
68Kb / 2P
   Chip Schottky Barrier Diodes - Silicon epitaxial planer type
FM520-B FORMOSA-FM520-B Datasheet
80Kb / 2P
   Chip Schottky Barrier Diodes - Silicon epitaxial planer type
FM620-T FORMOSA-FM620-T Datasheet
80Kb / 2P
   Chip Schottky Barrier Diodes - Silicon epitaxial planer type
FM860-B FORMOSA-FM860-B Datasheet
78Kb / 2P
   Chip Schottky Barrier Diodes - Silicon epitaxial planer type
FM1520 FORMOSA-FM1520 Datasheet
70Kb / 2P
   Chip Schottky Barrier Diodes - Silicon epitaxial planer type
FM120-S FORMOSA-FM120-S Datasheet
80Kb / 2P
   Chip Schottky Barrier Diodes - Silicon epitaxial planer type
FM150L FORMOSA-FM150L Datasheet
68Kb / 2P
   Chip Schottky Barrier Diodes - Silicon epitaxial planer type
FM320-AN FORMOSA-FM320-AN Datasheet
72Kb / 2P
   Chip Schottky Barrier Diodes - Silicon epitaxial planer type
FM340-A FORMOSA-FM340-A Datasheet
68Kb / 2P
   Chip Schottky Barrier Diodes - Silicon epitaxial planer type
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com