Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FM580-T Datasheet(PDF) 1 Page - Formosa MS

Part # FM580-T
Description  Chip Schottky Barrier Diodes - Silicon epitaxial planer type
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORMOSA [Formosa MS]
Direct Link  http://www.formosams.com
Logo FORMOSA - Formosa MS

FM580-T Datasheet(HTML) 1 Page - Formosa MS

  FM580-T Datasheet HTML 1Page - Formosa MS FM580-T Datasheet HTML 2Page - Formosa MS  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FM520-T THRU FM5100-T
Features
Plastic package has Underwriters Laboratory
Flammability Classification 94V-O Utilizing Flame
Retardant EpoxyMolding Compound.
For surface mounted applications.
Exceeds environmental standards of MIL-S-19500 /
228
Low leakage current.
Mechanical data
Case : Molded plastic, JEDEC DO-214AB
Terminals : Solder plated, s olderable per MIL-STD-750,
Method 2026
Polarity : Indicated by cathode band
Mounting Position : Any
Weight : 0.00585 ounce, 0.195 gr am
(V)
(V)
(V)
(V)
(
oC)
FM520-T
SS52
20
14
20
FM530-T
SS53
30
21
30
FM540-T
SS54
40
28
40
FM550-T
SS55
50
35
50
FM560-T
SS56
60
42
60
FM580-T
SS58
80
56
80
FM5100-T
S510
100
70
100
-55 to +150
0.70
0.85
Operating
temperature
VF
*4
SYMBOLS
MARKING
CODE
0.55
-55 to +125
VRRM
*1
VRMS
*2
VR
*3
MAXIMUM RATINGS (AT TA=25
oC unless otherwise noted)
PARAMETER
CONDITIONS
Symbol
MIN.
TYP.
MAX.
UNIT
Forward rectified current
See Fig.1
IO
5.0
A
Forward surge current
8.3ms single half sine-wave superimposed on
rate load (JEDEC methode)
IFSM
150
A
VR = VRRM TA =
25
oC
0.5
mA
VR = VRRM TA = 125
oC
50
mA
Thermal resistance
Junction to ambient
RqJA
15
oC / w
Diode junction capacitance
f=1MHz and applied 4vDC reverse voltage
CJ
380
pF
Storage temperature
TSTG
-55
+150
oC
Reverse current
IR
*1 Repetitive peak reverse voltage
*2 RMS voltage
*3 Continuous reverse voltage
*4 Maximum forward voltage
Chip Schottky Barrier Diodes
Silicon epitaxial planer type
Formosa MS
0.276(7.0)
0.260(6.6)
0.012(0.3) Typ.
0.189(4.8)
0.173(4.4)
0.244(6.2)
0.228(5.8)
0.087(2.2)
0.071(1.8)
0.040 (1.0) Typ.
0.040(1.0) Typ.
Dimensions in inches and (millimeters)
SMC-T
0.152(3.8)
0.144(3.6)
0.032(0.8) Typ.


Similar Part No. - FM580-T

ManufacturerPart #DatasheetDescription
logo
PACELEADER INDUSTRIAL
FM580-T1 PACELEADER-FM580-T1 Datasheet
202Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
More results

Similar Description - FM580-T

ManufacturerPart #DatasheetDescription
logo
Formosa MS
SK52-B FORMOSA-SK52-B Datasheet
80Kb / 2P
   Chip Schottky Barrier Diodes - Silicon epitaxial planer type
FM120-L FORMOSA-FM120-L Datasheet
68Kb / 2P
   Chip Schottky Barrier Diodes - Silicon epitaxial planer type
FM0206-L FORMOSA-FM0206-L Datasheet
68Kb / 2P
   Chip Schottky Barrier Diodes - Silicon epitaxial planer type
FM520-B FORMOSA-FM520-B Datasheet
80Kb / 2P
   Chip Schottky Barrier Diodes - Silicon epitaxial planer type
FM620-T FORMOSA-FM620-T Datasheet
80Kb / 2P
   Chip Schottky Barrier Diodes - Silicon epitaxial planer type
FM860-B FORMOSA-FM860-B Datasheet
78Kb / 2P
   Chip Schottky Barrier Diodes - Silicon epitaxial planer type
FM1520 FORMOSA-FM1520 Datasheet
70Kb / 2P
   Chip Schottky Barrier Diodes - Silicon epitaxial planer type
FM120-S FORMOSA-FM120-S Datasheet
80Kb / 2P
   Chip Schottky Barrier Diodes - Silicon epitaxial planer type
FM150L FORMOSA-FM150L Datasheet
68Kb / 2P
   Chip Schottky Barrier Diodes - Silicon epitaxial planer type
FM320-AN FORMOSA-FM320-AN Datasheet
72Kb / 2P
   Chip Schottky Barrier Diodes - Silicon epitaxial planer type
FM340-A FORMOSA-FM340-A Datasheet
68Kb / 2P
   Chip Schottky Barrier Diodes - Silicon epitaxial planer type
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com