Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DL4735A Datasheet(PDF) 2 Page - Formosa MS

Part # DL4735A
Description  SURFACE MOUNT ZENER DIODES
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORMOSA [Formosa MS]
Direct Link  http://www.formosams.com
Logo FORMOSA - Formosa MS

DL4735A Datasheet(HTML) 2 Page - Formosa MS

  DL4735A Datasheet HTML 1Page - Formosa MS DL4735A Datasheet HTML 2Page - Formosa MS DL4735A Datasheet HTML 3Page - Formosa MS  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
PAGE . 2
r
e
b
m
u
N
t
r
a
P
e
g
a
t
l
o
V
r
e
n
e
Z
m
u
m
i
x
a
M
e
c
n
a
d
e
p
m
I
r
e
n
e
Z
m
u
m
i
x
a
M
m
u
m
i
x
a
Me
g
a
k
a
e
L
t
n
e
r
r
u
C
V Z @IZT
ZZT @IZT
ZZK @IZK
IR @VR
V
.
m
o
N
V
.
n
i
M
V
.
x
a
M
A
m
A
m
A
u
V
)
e
p
o
l
e
v
n
E
d
e
l
a
e
S
s
s
a
l
G
(
s
e
d
o
i
D
r
e
n
e
Z
t
t
a
w
0
.
1
A
8
2
7
4
L
D
3
.
3
1
.
3
5
.
3
0
.
0
1
0
.
6
7
0
0
4
0
0
.
1
0
0
1
0
.
1
A
9
2
7
4
L
D
6
.
3
4
.
3
8
.
3
0
.
0
1
0
.
9
6
0
0
4
0
0
.
1
0
0
1
0
.
1
A
0
3
7
4
L
D
9
.
3
7
.
3
1
.
4
0
.
9
0
.
4
6
0
0
4
0
0
.
1
0
5
0
.
1
A
1
3
7
4
L
D
3
.
4
1
.
4
5
.
4
0
.
9
0
.
8
5
0
0
4
0
0
.
1
0
1
0
.
1
A
2
3
7
4
L
D
7
.
4
5
.
4
9
.
4
0
.
8
0
.
3
5
0
0
5
0
0
.
1
0
1
0
.
1
A
3
3
7
4
L
D
1
.
5
8
.
4
4
.
5
0
.
7
0
.
9
4
0
5
5
0
0
.
1
0
1
0
.
1
A
4
3
7
4
L
D
6
.
5
3
.
5
9
.
5
0
.
5
0
.
5
4
0
0
6
0
0
.
1
0
1
0
.
2
A
5
3
7
4
L
D
2
.
6
9
.
5
5
.
6
0
.
2
0
.
1
4
0
0
7
0
0
.
1
0
1
0
.
3
A
6
3
7
4
L
D
8
.
6
5
.
6
1
.
7
5
.
3
0
.
7
3
0
0
7
0
0
.
1
0
1
0
.
4
A
7
3
7
4
L
D
5
.
7
1
.
7
9
.
7
0
.
4
0
.
4
3
0
0
7
0
5
.
0
0
1
0
.
5
A
8
3
7
4
L
D
2
.
8
8
.
7
6
.
8
5
.
4
0
.
1
3
0
0
7
0
5
.
0
0
1
0
.
6
A
9
3
7
4
L
D
1
.
9
6
.
8
6
.
9
0
.
5
0
.
8
2
0
0
7
0
5
.
0
0
1
0
.
7
A
0
4
7
4
L
D
0
.
0
1
5
.
9
5
.
0
1
0
.
7
0
.
5
2
0
0
7
5
2
.
0
0
1
6
.
7
A
1
4
7
4
L
D
0
.
1
1
5
.
0
1
6
.
1
1
0
.
8
0
.
3
2
0
0
7
5
2
.
0
5
4
.
8
A
2
4
7
4
L
D
0
.
2
1
4
.
1
1
6
.
2
1
0
.
9
0
.
1
2
0
0
7
5
2
.
0
5
1
.
9
A
3
4
7
4
L
D
0
.
3
1
4
.
2
1
7
.
3
1
0
.
0
1
0
.
9
1
0
0
7
5
2
.
0
5
9
.
9
A
4
4
7
4
L
D
0
.
5
1
3
.
4
1
8
.
5
1
0
.
4
1
0
.
7
1
0
0
7
5
2
.
0
5
4
.
1
1
A
5
4
7
4
L
D
0
.
6
1
2
.
5
1
8
.
6
1
0
.
6
1
5
.
5
1
0
0
7
5
2
.
0
5
2
.
2
1
A
6
4
7
4
L
D
0
.
8
1
1
.
7
1
9
.
8
1
0
.
0
2
0
.
4
1
0
5
7
5
2
.
0
5
7
.
3
1
A
7
4
7
4
L
D
0
.
0
2
0
.
9
1
0
.
1
2
0
.
2
2
5
.
2
1
0
5
7
5
2
.
0
5
2
.
5
1
A
8
4
7
4
L
D
0
.
2
2
9
.
0
2
1
.
3
2
0
.
3
2
5
.
1
1
0
5
7
5
2
.
0
5
7
.
6
1
A
9
4
7
4
L
D
0
.
4
2
8
.
2
2
2
.
5
2
0
.
5
2
5
.
0
1
0
5
7
5
2
.
0
5
2
.
8
1
A
0
5
7
4
L
D
0
.
7
2
7
.
5
2
4
.
8
2
0
.
5
3
5
.
9
0
5
7
5
2
.
0
5
6
.
0
2
A
1
5
7
4
L
D
0
.
0
3
5
.
8
2
5
.
1
3
0
.
0
4
5
.
8
0
0
0
1
5
2
.
0
5
8
.
2
2
A
2
5
7
4
L
D
0
.
3
3
4
.
1
3
7
.
4
3
0
.
5
4
5
.
7
0
0
0
1
5
2
.
0
5
1
.
5
2
A
3
5
7
4
L
D
0
.
6
3
2
.
4
3
8
.
7
3
0
.
0
5
0
.
7
0
0
0
1
5
2
.
0
5
4
.
7
2
A
4
5
7
4
L
D
0
.
9
3
1
.
7
3
0
.
1
4
0
.
0
6
5
.
6
0
0
0
1
5
2
.
0
5
7
.
9
2
A
5
5
7
4
L
D
0
.
3
4
9
.
0
4
2
.
5
4
0
.
0
7
0
.
6
0
0
5
1
5
2
.
0
5
7
.
2
3
A
6
5
7
4
L
D
0
.
7
4
7
.
4
4
4
.
9
4
0
.
0
8
5
.
5
0
0
5
1
5
2
.
0
5
8
.
5
3
A
7
5
7
4
L
D
0
.
1
5
5
.
8
4
6
.
3
5
0
.
5
9
0
.
5
0
0
5
1
5
2
.
0
5
8
.
8
3
A
8
5
7
4
L
D
0
.
6
5
2
.
3
5
8
.
8
5
0
.
0
1
1
5
.
4
0
0
0
2
5
2
.
0
5
6
.
2
4
A
9
5
7
4
L
D
0
.
2
6
9
.
8
5
1
.
5
6
0
.
5
2
1
0
.
4
0
0
0
2
5
2
.
0
5
1
.
7
4
A
0
6
7
4
L
D
0
.
8
6
6
.
4
6
4
.
1
7
0
.
0
5
1
7
.
3
0
0
0
2
5
2
.
0
5
7
.
1
5
A
1
6
7
4
L
D
0
.
5
7
3
.
1
7
8
.
8
7
0
.
5
7
1
3
.
3
0
0
0
2
5
2
.
0
5
0
.
6
5
A
2
6
7
4
L
D
0
.
2
8
9
.
7
7
1
.
6
8
0
.
0
0
2
0
.
3
0
0
0
3
5
2
.
0
5
2
.
2
6
A
3
6
7
4
L
D
0
.
1
9
5
.
6
8
6
.
5
9
0
.
0
5
2
8
.
2
0
0
0
3
5
2
.
0
5
2
.
9
6
A
4
6
7
4
L
D
0
.
0
0
1
0
.
5
9
0
.
5
0
1
0
.
0
5
3
5
.
2
0
0
0
3
5
2
.
0
5
0
.
6
7
Formosa MS


Similar Part No. - DL4735A

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
DL4735A RECTRON-DL4735A Datasheet
24Kb / 2P
   Surface Mount M.E.L.F ZENER DIODE
logo
Rugao Dachang Electroni...
DL4735A DACHANG-DL4735A Datasheet
119Kb / 2P
   Low reverse leakage
logo
Shanghai Leiditech Elec...
DL4735A LEIDITECH-DL4735A Datasheet
688Kb / 4P
   Surface mount zener diodes zener voltag 3.3-100V 1.0Watt Power Dissipation
logo
Dc Components
DL4735A DCCOM-DL4735A Datasheet
188Kb / 2P
   TECHNICAL SPECIFICATIONS OF GLASS SILICON ZENER DIODES
logo
SeCoS Halbleitertechnol...
DL4735A SECOS-DL4735A Datasheet
147Kb / 3P
   1W , MELF Surface Mount Zener Diodes
More results

Similar Description - DL4735A

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CZRW5221 COMCHIP-CZRW5221 Datasheet
77Kb / 4P
   Surface Mount Zener Diodes
CZRL47 COMCHIP-CZRL47 Datasheet
62Kb / 3P
   Surface Mount Zener Diodes
CZRB5926 COMCHIP-CZRB5926 Datasheet
73Kb / 3P
   Surface Mount Zener Diodes
logo
Formosa MS
MM3Z FORMOSA-MM3Z Datasheet
543Kb / 5P
   Surface Mount Zener Diodes
logo
Pan Jit International I...
BZM55-C2V4 PANJIT-BZM55-C2V4 Datasheet
75Kb / 3P
   SURFACE MOUNT ZENER DIODES
GLZ2.0 PANJIT-GLZ2.0 Datasheet
111Kb / 4P
   SURFACE MOUNT ZENER DIODES
GLZJ2.0 PANJIT-GLZJ2.0 Datasheet
151Kb / 5P
   SURFACE MOUNT ZENER DIODES
GMZJ2.0 PANJIT-GMZJ2.0 Datasheet
159Kb / 5P
   SURFACE MOUNT ZENER DIODES
logo
Weitron Technology
BZT52C2V4 WEITRON-BZT52C2V4 Datasheet
106Kb / 3P
   Surface Mount Zener Diodes
ZS4728A WEITRON-ZS4728A Datasheet
337Kb / 3P
   Surface Mount Zener Diodes
ZMM55C WEITRON-ZMM55C Datasheet
332Kb / 4P
   Surface Mount Zener Diodes
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com