Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SA57031-30UK Datasheet(PDF) 3 Page - NXP Semiconductors

Part # SA57031-30UK
Description  Micropower 150 mA, low-noise, low dropout linear regulator with on/off
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SA57031-30UK Datasheet(HTML) 3 Page - NXP Semiconductors

  SA57031-30UK Datasheet HTML 1Page - NXP Semiconductors SA57031-30UK Datasheet HTML 2Page - NXP Semiconductors SA57031-30UK Datasheet HTML 3Page - NXP Semiconductors SA57031-30UK Datasheet HTML 4Page - NXP Semiconductors SA57031-30UK Datasheet HTML 5Page - NXP Semiconductors SA57031-30UK Datasheet HTML 6Page - NXP Semiconductors SA57031-30UK Datasheet HTML 7Page - NXP Semiconductors SA57031-30UK Datasheet HTML 8Page - NXP Semiconductors SA57031-30UK Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
Philips Semiconductors
Product data
SA57031-XX
Micropower 150 mA, low-noise, low dropout linear
regulator with on/off
2003 Jun 23
3
ORDERING INFORMATION
TYPE NUMBER
PACKAGE
TEMPERATURE
TYPE NUMBER
NAME
DESCRIPTION
RANGE
SA57031-XXUK
WL–CSP4
wafer level, chip-scale package; 4 bumps
–40 to +85
°C
NOTE:
The device has five voltage output options, indicated by the XX on
the Type Number. Other voltages, between 2.5 to 5.0 V in 100 mV
increments, are available on request.
XX
VOLTAGE (Typical)
18
1.8 V
24
2.4 V
28
2.8 V
PIN CONFIGURATION (TOP VIEW)
SA00633
B2
A1
B1
A2
SA57031-XX
VO
GND
ON/OFF
VI
Figure 2. Pin configuration.
PIN DESCRIPTION
PIN
SYMBOL
DESCRIPTION
A1
GND
Device ground
B1
VO
Voltage output
B2
VI
Voltage input
A2
ON/OFF
Control pin. Connect to VI if not used.
MAXIMUM RATINGS
Symbol
Parameter
Min
Max
Unit
Tstg
Storage temperature range
–40
+150
°C
Toper
Operating Temperature Range
–40
+85
°C
VI
Supply voltage
–0.3
+7
V
IO
Output Current
200
mA
P
Power dissipation
190
mW


Similar Part No. - SA57031-30UK

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SA57000-25D PHILIPS-SA57000-25D Datasheet
106Kb / 8P
   CapFREEE 150 mA, low-noise, low dropout regulator with thermal protection
2001 Aug 27
SA57000-25UK PHILIPS-SA57000-25UK Datasheet
106Kb / 8P
   CapFREEE 150 mA, low-noise, low dropout regulator with thermal protection
2001 Aug 27
SA57000-28D PHILIPS-SA57000-28D Datasheet
106Kb / 8P
   CapFREEE 150 mA, low-noise, low dropout regulator with thermal protection
2001 Aug 27
SA57000-28UK PHILIPS-SA57000-28UK Datasheet
106Kb / 8P
   CapFREEE 150 mA, low-noise, low dropout regulator with thermal protection
2001 Aug 27
SA57000-29D PHILIPS-SA57000-29D Datasheet
106Kb / 8P
   CapFREEE 150 mA, low-noise, low dropout regulator with thermal protection
2001 Aug 27
More results

Similar Description - SA57031-30UK

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
37136 TI-37136 Datasheet
933Kb / 17P
[Old version datasheet]   Micropower 150 mA Low-Noise Low-Dropout Regulator
logo
ON Semiconductor
NCP623 ONSEMI-NCP623 Datasheet
148Kb / 14P
   Ultra Low Noise 150 mA Low Dropout Voltage Regulator with ON/OFF Control
August, 2004 ??Rev. 0
MC33263 ONSEMI-MC33263 Datasheet
269Kb / 12P
   Ultra Low Noise 150 mA Low Dropout Voltage Regulator with ON/OFF Control
April, 2000 ??Rev. 2
NCP623 ONSEMI-NCP623_06 Datasheet
212Kb / 16P
   Ultra Low Noise 150 mA Low Dropout Voltage Regulator with ON/OFF Control
September, 2006 ??Rev. 7
CS8321 ONSEMI-CS8321 Datasheet
145Kb / 6P
   Micropower 5.0 V, 150 mA Low Dropout Linear Regulator
October, 2005 ??Rev. 7
NCV4264 ONSEMI-NCV4264 Datasheet
115Kb / 8P
   150 mA Low Dropout Linear Regulator
December, 2006 ??Rev. P0
logo
Vishay Siliconix
SIP21106 VISHAY-SIP21106 Datasheet
358Kb / 13P
   150-mA Low Noise, Low Dropout Regulator
Rev. B, 22-Jan-07
logo
ON Semiconductor
NCP4586 ONSEMI-NCP4586 Datasheet
348Kb / 18P
   150 mA, Low Noise, Low Dropout Regulator
February, 2011 ??Rev. 2
NCP4680 ONSEMI-NCP4680 Datasheet
392Kb / 20P
   150 mA, Low Noise Low Dropout Regulator
June, 2011 ??Rev. 1
NCP4586_1105 ONSEMI-NCP4586_1105 Datasheet
348Kb / 18P
   150 mA, Low Noise, Low Dropout Regulator
May, 2011 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com