Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

D1030UK Datasheet(PDF) 1 Page - Seme LAB

Part # D1030UK
Description  GOLD METALLISED MULTI-PURPOSE SILICON DMOS RF FET 400W - 28V - 175MHz PUSH-PULL
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

D1030UK Datasheet(HTML) 1 Page - Seme LAB

  D1030UK Datasheet HTML 1Page - Seme LAB D1030UK Datasheet HTML 2Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DIM
Millimetres
Tol.
Inches
Tol.
A
19.05
0.50
0.75
0.020
B
10.77
0.13
0.424
0.005
C
45°
45°
D
9.78
0.13
0.385
0.005
E
5.71
0.13
0.225
0.005
F
27.94
0.13
1.100
0.005
G
1.52R
0.13
0.060R
0.005
H
10.16
0.13
0.400
0.005
I
22.22
MAX
0.875
MAX
J
0.13
0.02
0.005
0.001
K
2.72
0.13
0.107
0.005
M
1.70
0.13
0.067
0.005
N
5.08
0.50
0.200
0.020
O
34.03
0.13
1.340
0.005
P
1.61R
0.08
0.064R
0.003
D1030UK
Document Number 5310
Issue 1
Semelab plc. Telephone +44(0)1455 556565. Fax +44(0)1455 552612.
E-mail: sales@semelab.co.uk
Website: http://www.semelab.co.uk
Semelab Plc reserves the right to change test conditions, parameter limits and package dimensions without notice. Information furnished by Semelab is believed
to be both accurate and reliable at the time of going to press. However Semelab assumes no responsibility for any errors or omissions discovered in its use.
Semelab encourages customers to verify that datasheets are current before placing orders.
PD
Power Dissipation
BVDSS
Drain – Source Breakdown Voltage
BVGSS
Gate – Source Breakdown Voltage
ID(sat)
Drain Current
Tstg
Storage Temperature
Tj
Maximum Operating Junction Temperature
500W
70V
±20V
40A
–65 to 150°C
200°C
MECHANICAL DATA
M
K
J
I
O
N
A
C
(2 pls)
D
F
E
(4 pls)
B
G
(typ)
P
(2 pls)
1
5
4
3
2
H
GOLD METALLISED
MULTI-PURPOSE SILICON
DMOS RF FET
400W – 28V – 175MHz
PUSH–PULL
FEATURES
• SIMPLIFIED AMPLIFIER DESIGN
• SUITABLE FOR BROAD BAND APPLICATIONS
•LOW Crss
• SIMPLE BIAS CIRCUITS
• LOW NOISE
• HIGH GAIN – 13 dB MINIMUM
DR
PIN 1
SOURCE (COMMON)
PIN 2
DRAIN 1
PIN 3
DRAIN 2
PIN 4
GATE 2
PIN 5
GATE 1
ABSOLUTE MAXIMUM RATINGS (Tcase = 25°C unless otherwise stated)
APPLICATIONS
• VHF/UHF COMMUNICATIONS
from 1 MHz to 200 MHz
METAL GATE RF SILICON FET
TetraFET


Similar Part No. - D1030UK

ManufacturerPart #DatasheetDescription
logo
G.M. International
D1030 GMI-D1030 Datasheet
297Kb / 2P
   SIL 2 Switch/Proximity Detector Repeater Relay Output DIN-Rail Models D1030S, D1030D
logo
Infineon Technologies A...
D1030N INFINEON-D1030N Datasheet
235Kb / 8P
   Netz-Gleichrichterdiode Rectifier Diode
2008-09-15 revision:3.0
More results

Similar Description - D1030UK

ManufacturerPart #DatasheetDescription
logo
Seme LAB
D1222UK SEME-LAB-D1222UK Datasheet
19Kb / 2P
   GOLD METALLISED MULTI-PURPOSE SILICON DMOS RF FET 60W - 12.5V - 175MHz PUSH-PULL
D1024UK SEME-LAB-D1024UK Datasheet
71Kb / 4P
   GOLD METALLISED MULTI-PURPOSE SILICON DMOS RF FET 40W - 28V - 500MHz PUSH-PULL
logo
Sames
D2022UK SAMES-D2022UK Datasheet
21Kb / 2P
   GOLD METALLISED MULTI-PURPOSE SILICON DMOS RF FET 45W - 28V - 500MHz PUSH-PULL
logo
Seme LAB
D1025UK SEME-LAB-D1025UK Datasheet
35Kb / 2P
   GOLD METALLISED MULTI-PURPOSE SILICON DMOS RF FET 100W - 28V - 175MHz SINGLE ENDED
D1001UK SEME-LAB-D1001UK Datasheet
43Kb / 4P
   GOLD METALLISED MULTI-PURPOSE SILICON DMOS RF FET 20W - 28V - 175MHz SINGLE ENDED
D1034UK SEME-LAB-D1034UK Datasheet
21Kb / 2P
   METAL GATE RF SILICON FET(GOLD METALLISED MULTI-PURPOSE SILICON DMOS RF FET 80W - 28V - 500MHz PUSH-PULL)
D2208UK SEME-LAB-D2208UK Datasheet
52Kb / 2P
   GOLD METALLISED MULTI-PURPOSE SILICON DMOS RF FET 40W - 12.5V - 500MHz PUSH-PULL
logo
List of Unclassifed Man...
D1014 ETC-D1014 Datasheet
828Kb / 4P
   GOLD METALLISED MULTI-PURPOSE SILICON DMOS RF FET
logo
Seme LAB
D5017UK SEME-LAB-D5017UK Datasheet
83Kb / 5P
   GOLD METALLISED MULTI-PURPOSE SILICON DMOS RF FET 150W - 50V - 175MHz SINGLE ENDED
D5007UK SEME-LAB-D5007UK Datasheet
19Kb / 2P
   GOLD METALLISED MULTI-PURPOSE SILICON DMOS RF FET 150W - 50V - 175MHz SINGLE ENDED
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com