Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SC220 Datasheet(PDF) 4 Page - Zarlink Semiconductor Inc

Part # SC220
Description  XpressFlow 2020 Ethernet Routing Switch Chipset
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

SC220 Datasheet(HTML) 4 Page - Zarlink Semiconductor Inc

  SC220 Datasheet HTML 1Page - Zarlink Semiconductor Inc SC220 Datasheet HTML 2Page - Zarlink Semiconductor Inc SC220 Datasheet HTML 3Page - Zarlink Semiconductor Inc SC220 Datasheet HTML 4Page - Zarlink Semiconductor Inc SC220 Datasheet HTML 5Page - Zarlink Semiconductor Inc SC220 Datasheet HTML 6Page - Zarlink Semiconductor Inc SC220 Datasheet HTML 7Page - Zarlink Semiconductor Inc SC220 Datasheet HTML 8Page - Zarlink Semiconductor Inc SC220 Datasheet HTML 9Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 34 page
background image
PRELIMINARY
INFORMATION
XpressFlow-2020 Series –
SC220
Ethernet Switch Chipset
XpressFlow Engine
© 1998 Vertex Networks, Inc.
3
Rev. 4.5 – February
1999
1. PIN ASSIGNMENT
1.1
Logic Symbol
SC220
T_MODE
C_D[15:0]
C_CE#
C_WE#
C_CM#
C_EC#
C_MF#
C_FF#
Test Pin
S_D[31:0]
S_MSGEN#
S_EOF#
S_IRDY
S_TABT#
S_OVLD#
8
8
S_HPREQ#
S_REQ[8:1]#
S_GNT[8:1]#
S_CLK
P_D[31:0]
P_CS#
P_ADS#
P_RWC
P_RDY#
P_BS16#
P_INT
P_A[11:1]
P_RSTIN#
P_RSTOUT
P_CLK
L_D[31:0]
L_OE[3:0]#
L_ADSC#
L_CLK
L_A[18:2]
L_WE[3:0]#
L_BWE[3:0]#
4
4
4
Note:
The SC220 is pin compatible to the SC201 with only one exception:
The RSTOUT pin of SC201 is defined as a synchronous RESET output pin which follows the RSTIN input and re-synchronous with
P_CLK for meeting the 80386 timing requirement.
The RSTOUT pin for SC220 has a totally different function. It is no longer related with the RSTIN input. The RSTOUT is a watch-
dog output from SC220 to keep track of the active state of the host processor. Host processor needs to access the Keep
Alive register periodically to prevent the setting of the RSTOUT output. The RSTOUT output can be use as Reset input to
the host processor.


Similar Part No. - SC220

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC220 SEMTECH-SC220 Datasheet
364Kb / 14P
   20MHz, 650mA, X-EMI??Enabled Synchronous Step-Down Regulator
SC220 SEMTECH-SC220 Datasheet
808Kb / 14P
   20MHz, 650mA, X-EMI??Enabled Synchronous Step-Down Regulator
SC220 SEMTECH-SC220 Datasheet
745Kb / 14P
   20MHz, 650mA, X-EMI™-Enabled Synchronous Step-Down Regulator
January 15, 2013
logo
National Semiconductor ...
SC2200 NSC-SC2200 Datasheet
3Mb / 433P
   Thin Client On a Chip
logo
Maxim Integrated Produc...
SC2200 MAXIM-SC2200 Datasheet
409Kb / 11P
   Dual RF Power Amplifier Linearizer (RFPAL)
Rev 1; 6/16
More results

Similar Description - SC220

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
EA218E ZARLINK-EA218E Datasheet
504Kb / 28P
   EA218E 8-Port Ethernet Access Controller XpressFlow 2020 Ethernet Routing Switch Chipset
logo
Applied Micro Circuits ...
PRS64GU AMCC-PRS64GU Datasheet
304Kb / 2P
   Packet Routing Switch
logo
Infineon Technologies A...
PEF22810 INFINEON-PEF22810 Datasheet
193Kb / 2P
   ETHERNET OVER VDSL CHIPSET
logo
ATMEL Corporation
RC044M-24 ATMEL-RC044M-24 Datasheet
54Kb / 1P
   Routing card
RCPWM-22 ATMEL-RCPWM-22 Datasheet
45Kb / 1P
   Routing card
STK600-RC020T-23 ATMEL-STK600-RC020T-23 Datasheet
45Kb / 1P
   Routing card
STK600-RC020T-44 ATMEL-STK600-RC020T-44 Datasheet
527Kb / 1P
   Routing card
RC064M-9 ATMEL-RC064M-9 Datasheet
43Kb / 1P
   Routing Card
logo
Maxim Integrated Produc...
DS33X162DK MAXIM-DS33X162DK Datasheet
1Mb / 78P
   Demonstrates Key Functions of DS33X162 Ethernet Transport Chipset
Rev: 031008
logo
ATMEL Corporation
ATTINY23U ATMEL-ATTINY23U Datasheet
47Kb / 1P
   Routing&Socket card
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com