Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC74VHC595 Datasheet(PDF) 3 Page - Motorola, Inc

Part # MC74VHC595
Description  8-Bit Shift Register with Output Storage Register
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC74VHC595 Datasheet(HTML) 3 Page - Motorola, Inc

  MC74VHC595 Datasheet HTML 1Page - Motorola, Inc MC74VHC595 Datasheet HTML 2Page - Motorola, Inc MC74VHC595 Datasheet HTML 3Page - Motorola, Inc MC74VHC595 Datasheet HTML 4Page - Motorola, Inc MC74VHC595 Datasheet HTML 5Page - Motorola, Inc MC74VHC595 Datasheet HTML 6Page - Motorola, Inc MC74VHC595 Datasheet HTML 7Page - Motorola, Inc MC74VHC595 Datasheet HTML 8Page - Motorola, Inc MC74VHC595 Datasheet HTML 9Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
MC74VHC595
VHC Data – Advanced CMOS Logic
DL203 — Rev 1
3
MOTOROLA
DC ELECTRICAL CHARACTERISTICS
Sb l
P
T
C
di i
VCC
TA = 25°C
TA = – 40 to 85°C
Ui
Symbol
Parameter
Test Conditions
VCC
V
Min
Typ
Max
Min
Max
Unit
VIH
Minimum High–Level
Input Voltage
2.0
3.0 to
5.5
1.50
VCC x 0.7
1.50
VCC x 0.7
V
VIL
Maximum Low–Level
Input Voltage
2.0
3.0 to
5.5
0.50
VCC x 0.3
0.50
VCC x 0.3
V
VOH
Minimum High–Level
Output Voltage
Vin = VIH or VIL
IOH = – 50µA
2.0
3.0
4.5
1.9
2.9
4.4
2.0
3.0
4.5
1.9
2.9
4.4
V
Vin = VIH or VIL
IOH = – 4mA
IOH = – 8mA
3.0
4.5
2.58
3.94
2.48
3.80
VOL
Maximum Low–Level
Output Voltage
Vin = VIH or VIL
IOL = 50µA
2.0
3.0
4.5
0.0
0.0
0.0
0.1
0.1
0.1
0.1
0.1
0.1
V
Vin = VIH or VIL
IOL = 4mA
IOL = 8mA
3.0
4.5
0.36
0.36
0.44
0.44
IOZ
Three–State Output
Off–State Current
Vin = VIH or VIL
Vout = VCC or GND
5.5
± 0.25
± 2.50
µA
Iin
Maximum Input
Leakage Current
Vin = 5.5V or GND
0 to 5.5
± 0.1
± 1.0
µA
ICC
Maximum Quiescent
Supply Current
Vin = VCC or GND
5.5
4.0
40.0
µA
AC ELECTRICAL CHARACTERISTICS (Input tr = tf = 3.0 ns)
Sb l
P
T
C
di i
TA = 25°C
TA = – 40 to 85°C
Ui
Symbol
Parameter
Test Conditions
Min
Typ
Max
Min
Max
Unit
fmax
Maximum Clock Frequency
(50% Duty Cycle)
VCC = 3.3 ± 0.3V
CL = 15pF
RL = 1kΩ
CL = 50pF
80
55
150
130
70
50
MHz
VCC = 5.0 ± 0.5V
CL = 15pF
RL = 1kΩ
CL = 50pF
135
95
185
155
115
85
tPLH,
tPHL
Propagation Delay,
SCK to SQH
VCC = 3.3 ± 0.3V
CL = 15pF
CL = 50pF
8.8
11.3
13.0
16.5
1.0
1.0
15.0
18.5
ns
VCC = 5.0 ± 0.5V
CL = 15pF
CL = 50pF
6.2
7.7
8.2
10.2
1.0
1.0
9.4
11.4
tPHL
Propagation Delay,
SCLR to SQH
VCC = 3.3 ± 0.3V
CL = 15pF
CL = 50pF
8.4
10.9
12.8
16.3
1.0
1.0
13.7
17.2
ns
VCC = 5.0 ± 0.5V
CL = 15pF
CL = 50pF
5.9
7.4
8.0
10.0
1.0
1.0
9.1
11.1
tPLH,
tPHL
Propagation Delay,
RCK to QA – QH
VCC = 3.3 ± 0.3V
CL = 15pF
CL = 50pF
7.7
10.2
11.9
15.4
1.0
1.0
13.5
17.0
ns
VCC = 5.0 ± 0.5V
CL = 15pF
CL = 50pF
5.4
6.9
7.4
9.4
1.0
1.0
8.5
10.5
tPZL,
tPZH
Output Enable Time,
OE to QA – QH
VCC = 3.3 ± 0.3V
CL = 15pF
RL = 1kΩ
CL = 50pF
7.5
9.0
11.5
15.0
1.0
1.0
13.5
17.0
ns
VCC = 5.0 ± 0.5V
CL = 15pF
RL = 1kΩ
CL = 50pF
4.8
8.3
8.6
10.6
1.0
1.0
10.0
12.0


Similar Part No. - MC74VHC595

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74VHC595 ONSEMI-MC74VHC595 Datasheet
269Kb / 12P
   8-Bit Shift Register with Output Storage Register (3-State)
March, 2006 -- Rev. 4
MC74VHC595 ONSEMI-MC74VHC595 Datasheet
117Kb / 11P
   8-Bit Shift Register with Output Storage Register
February, 2015 ??Rev. 6
MC74VHC595D ONSEMI-MC74VHC595D Datasheet
269Kb / 12P
   8-Bit Shift Register with Output Storage Register (3-State)
March, 2006 -- Rev. 4
MC74VHC595DR2 ONSEMI-MC74VHC595DR2 Datasheet
269Kb / 12P
   8-Bit Shift Register with Output Storage Register (3-State)
March, 2006 -- Rev. 4
MC74VHC595DR2G ONSEMI-MC74VHC595DR2G Datasheet
117Kb / 11P
   8-Bit Shift Register with Output Storage Register
February, 2015 ??Rev. 6
More results

Similar Description - MC74VHC595

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74VHC595 ONSEMI-MC74VHC595_15 Datasheet
117Kb / 11P
   8-Bit Shift Register with Output Storage Register
February, 2015 ??Rev. 6
MC74VHC595 ONSEMI-MC74VHC595 Datasheet
269Kb / 12P
   8-Bit Shift Register with Output Storage Register (3-State)
March, 2006 -- Rev. 4
logo
NXP Semiconductors
74LVC594A NXP-74LVC594A Datasheet
108Kb / 19P
   8-bit shift register with output register
Rev. 01 - 24 May 2007
74HC_HCT594 PHILIPS-74HC_HCT594_15 Datasheet
137Kb / 26P
   8-bit shift register with output register
Rev. 03-20 December 2006
logo
Nexperia B.V. All right...
74LVC594A NEXPERIA-74LVC594A Datasheet
286Kb / 18P
   8-bit shift register with output register
Rev. 4 - 3 September 2020
logo
NXP Semiconductors
74HC594 PHILIPS-74HC594 Datasheet
71Kb / 10P
   8-bit shift register with output register
December 1991
74AHC_AHCT594 PHILIPS-74AHC_AHCT594_15 Datasheet
132Kb / 22P
   8-bit shift register with output register
Rev. 02-9 June 2008
74AHC594 PHILIPS-74AHC594 Datasheet
153Kb / 29P
   8-bit shift register with output register
Rev. 01-4 July 2006
logo
Nexperia B.V. All right...
74HC594-Q100 NEXPERIA-74HC594-Q100 Datasheet
873Kb / 25P
   8-bit shift register with output register
74HC594 NEXPERIA-74HC594 Datasheet
347Kb / 23P
   8-bit shift register with output register
Rev. 7 - 20 October 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com