Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TMAG5170-Q1 Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part # TMAG5170-Q1
Description  TMAG5170-Q1 3-Axis Linear Hall Effect Sensor With SPI Interface
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMAG5170-Q1 Datasheet(HTML) 19 Page - Texas Instruments

Back Button TMAG5170-Q1 Datasheet HTML 15Page - Texas Instruments TMAG5170-Q1 Datasheet HTML 16Page - Texas Instruments TMAG5170-Q1 Datasheet HTML 17Page - Texas Instruments TMAG5170-Q1 Datasheet HTML 18Page - Texas Instruments TMAG5170-Q1 Datasheet HTML 19Page - Texas Instruments TMAG5170-Q1 Datasheet HTML 20Page - Texas Instruments TMAG5170-Q1 Datasheet HTML 21Page - Texas Instruments TMAG5170-Q1 Datasheet HTML 22Page - Texas Instruments TMAG5170-Q1 Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 45 page
background image
MOSI: Read or Write
Read or write command
Seven bit address to
access registers
Sixteen bit data to be written,
don[t care during read command
Command bits to instruct read
type and start new conversion
CRC bits
CMD0 = 0
No conversion start through command bits
CMD0 = 1
Start of conversion at the CS going high
CMD1 = 0
Display SET_COUNT [2:0] in STAT [2:0] bits at MISO next frame
CMD1 = 1
Display DATA_TYPE [2:0] in STAT [2:0] bits at MISO next frame
CMD0
CMD1
*
CMD2 & CMD3 are reserved bits
** SET_COUNT register bits indicate the rolling count of the conversion data set . The counter is reset after 111b.
*** DATA_TYPE register bits indicate the type of data being read through the MISO line
19
TMAG5170-Q1
www.ti.com
SBAS934 – JUNE 2020
Product Folder Links: TMAG5170-Q1
Submit Documentation Feedback
Copyright © 2020, Texas Instruments Incorporated
Programming (continued)
Figure 10. 32-Bit Frame Definition of the MOSI Line
7.5.2.4 MISO
The 'master in, slave out' (MISO) line is used by the master to read the data from the TMAG5170-Q1. The
TMAG5170-Q1 will shift out command responses and ADC conversion data serially with each rising SCLK edge
when the CS pin is low. This pin assumes a high-impedance state when CS is high. Based off the DATA_TYPE
bit setting, the TMAG5170-Q1 supports two different MISO frames:
Regular 32-Bit MISO Read
Special 32-Bit MISO Read
7.5.2.4.1
Regular 32-Bit MISO Read
With DATA_TYPE = 000b, the TMAG5170-Q1 supports a regular 16-bit register read during the 32-bit MISO
frame as explained in Figure 11. In this read mode, 12-bit status bits are displayed. All the status bits except for
the ERROR_STAT bit are directly read from the status registers. The ERROR_STAT bit indicates if any error bit
set in the device. The status bits STAT[2:0] can be changed based off CMD1 value in the previous frame as
described in Figure 11.


Similar Part No. - TMAG5170-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMAG5170-Q1 TI-TMAG5170-Q1 Datasheet
2Mb / 60P
[Old version datasheet]   TMAG5170 High-Precision 3D Linear Hall-Effect Sensor With SPI
SEPTEMBER 2021
TMAG5170-Q1 TI-TMAG5170-Q1 Datasheet
2Mb / 61P
[Old version datasheet]   TMAG5170-Q1 High-Precision 3D Linear Hall-Effect Sensor With SPI
DECEMBER 2021
TMAG5170-Q1 TI-TMAG5170-Q1_V01 Datasheet
2Mb / 61P
[Old version datasheet]   TMAG5170-Q1 High-Precision 3D Linear Hall-Effect Sensor With SPI
DECEMBER 2021
More results

Similar Description - TMAG5170-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMAG5170-Q1 TI-TMAG5170-Q1_V01 Datasheet
2Mb / 61P
[Old version datasheet]   TMAG5170-Q1 High-Precision 3D Linear Hall-Effect Sensor With SPI
DECEMBER 2021
TMAG5170 TI-TMAG5170 Datasheet
2Mb / 60P
[Old version datasheet]   TMAG5170 High-Precision 3D Linear Hall-Effect Sensor With SPI
SEPTEMBER 2021
TMAG5273 TI-TMAG5273 Datasheet
2Mb / 59P
[Old version datasheet]   TMAG5273 3-Axis Linear Hall Effect Sensor With I2C Interface
TMAG5170D-Q1 TI1-TMAG5170D-Q1_V01 Datasheet
2Mb / 80P
[Old version datasheet]   TMAG5170D-Q1 Dual-Die High-Precision 3D Linear Hall-Effect Sensor With SPI
MARCH 2023
TMAG5170D-Q1 TI-TMAG5170D-Q1 Datasheet
2Mb / 79P
[Old version datasheet]   TMAG5170D-Q1 Dual-Die High-Precision 3D Linear Hall-Effect Sensor With SPI
MARCH 2023
logo
Micronas
HAL2830 MICRONAS-HAL2830_16 Datasheet
443Kb / 34P
   Linear Hall-Effect Sensor Family with SENT Interface
logo
Texas Instruments
DRV5057-Q1 TI1-DRV5057-Q1 Datasheet
1Mb / 31P
[Old version datasheet]   DRV5057-Q1 Automotive Linear Hall Effect Sensor With PWM Output
logo
TRINAMIC Motion Control...
TMCM-323 TRINAMIC-TMCM-323 Datasheet
474Kb / 1P
   3-Axis Encoder Interface with SPI
logo
SEC Electronics Inc.
SS3503 SECELECTRONICS-SS3503 Datasheet
104Kb / 5P
   Linear Hall Effect Sensor
logo
List of Unclassifed Man...
MLX90242 ETC2-MLX90242_04 Datasheet
156Kb / 7P
   Linear Hall Effect Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com