Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SI2318DS-T1-GE3 Datasheet(PDF) 7 Page - VBsemi Electronics Co.,Ltd

Part # SI2318DS-T1-GE3
Description  N-Channel 30-V (D-S) MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VBSEMI [VBsemi Electronics Co.,Ltd]
Direct Link  www.VBsemi.com
Logo VBSEMI - VBsemi Electronics Co.,Ltd

SI2318DS-T1-GE3 Datasheet(HTML) 7 Page - VBsemi Electronics Co.,Ltd

  SI2318DS-T1-GE3 Datasheet HTML 1Page - VBsemi Electronics Co.,Ltd SI2318DS-T1-GE3 Datasheet HTML 2Page - VBsemi Electronics Co.,Ltd SI2318DS-T1-GE3 Datasheet HTML 3Page - VBsemi Electronics Co.,Ltd SI2318DS-T1-GE3 Datasheet HTML 4Page - VBsemi Electronics Co.,Ltd SI2318DS-T1-GE3 Datasheet HTML 5Page - VBsemi Electronics Co.,Ltd SI2318DS-T1-GE3 Datasheet HTML 6Page - VBsemi Electronics Co.,Ltd SI2318DS-T1-GE3 Datasheet HTML 7Page - VBsemi Electronics Co.,Ltd SI2318DS-T1-GE3 Datasheet HTML 8Page - VBsemi Electronics Co.,Ltd SI2318DS-T1-GE3 Datasheet HTML 9Page - VBsemi Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
SOT-23 (TO-236): 3-LEAD
b
E
E1
1
3
2
S
e
e1
D
A2
A
A1
C
Seating Plane
0.10 mm
0.004"
C
C
L1
L
q
Gauge Plane
Seating Plane
0.25 mm
Dim
MILLIMETERS
INCHES
Min
Max
Min
Max
A
0.89
1.12
0.035
0.044
A1
0.01
0.10
0.0004
0.004
A2
0.88
1.02
0.0346
0.040
b
0.35
0.50
0.014
0.020
c
0.085
0.18
0.003
0.007
D
2.80
3.04
0.110
0.120
E
2.10
2.64
0.083
0.104
E1
1.20
1.40
0.047
0.055
e
0.95 BSC
0.0374 Ref
e1
1.90 BSC
0.0748 Ref
L
0.40
0.60
0.016
0.024
L1
0.64 Ref
0.025 Ref
S
0.50 Ref
0.020 Ref
q
3°8°
3°8°
ECN: S-03946-Rev. K, 09-Jul-01
DWG: 5479
www.VBsemi.tw
E-mail:China@VBsemi TEL:86-755-83251052
SI2318DS-T1-GE3
7


Similar Part No. - SI2318DS-T1-GE3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI2318DS-T1 VISHAY-SI2318DS-T1 Datasheet
79Kb / 4P
   N-Channel 40-V (D-S) MOSFET
Rev. A, 18-Aug-03
More results

Similar Description - SI2318DS-T1-GE3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI3456DV VISHAY-SI3456DV Datasheet
61Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. B, 23-Nov-98
SUU50N03-12P VISHAY-SUU50N03-12P Datasheet
60Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. A, 15-Sep-03
SI4894DY VISHAY-SI4894DY Datasheet
129Kb / 3P
   N-Channel 30-V (D-S) MOSFET
17-May-04
SI4406DY VISHAY-SI4406DY Datasheet
38Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. C, 26-May-03
SI7380DP VISHAY-SI7380DP Datasheet
180Kb / 3P
   N-Channel 30-V (D-S) MOSFET
24-May-04
SI733ADP VISHAY-SI733ADP Datasheet
61Kb / 5P
   N-Channel 30-V (D-S) MOSFET
Rev. A, 25-Oct-04
SI4892DY VISHAY-SI4892DY Datasheet
71Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. F, 01-Aug-05
logo
Vaishali Semiconductor
SI4356ADY VAISH-SI4356ADY Datasheet
143Kb / 3P
   N-Channel 30-V (D-S) MOSFET
logo
Vishay Siliconix
SIRA00DP VISHAY-SIRA00DP Datasheet
513Kb / 13P
   N-Channel 30 V (D-S) MOSFET
Rev. A, 13-Feb-12
SIRA04DP VISHAY-SIRA04DP Datasheet
513Kb / 13P
   N-Channel 30 V (D-S) MOSFET
Rev. A, 13-Feb-12
SIRA14DP VISHAY-SIRA14DP Datasheet
513Kb / 13P
   N-Channel 30 V (D-S) MOSFET
Rev. A, 12-Mar-12
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com