Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SI2301ADS-T1-GE3 Datasheet(PDF) 4 Page - VBsemi Electronics Co.,Ltd

Part # SI2301ADS-T1-GE3
Description  P-Channel 20-V (D-S) MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VBSEMI [VBsemi Electronics Co.,Ltd]
Direct Link  www.VBsemi.com
Logo VBSEMI - VBsemi Electronics Co.,Ltd

SI2301ADS-T1-GE3 Datasheet(HTML) 4 Page - VBsemi Electronics Co.,Ltd

  SI2301ADS-T1-GE3 Datasheet HTML 1Page - VBsemi Electronics Co.,Ltd SI2301ADS-T1-GE3 Datasheet HTML 2Page - VBsemi Electronics Co.,Ltd SI2301ADS-T1-GE3 Datasheet HTML 3Page - VBsemi Electronics Co.,Ltd SI2301ADS-T1-GE3 Datasheet HTML 4Page - VBsemi Electronics Co.,Ltd SI2301ADS-T1-GE3 Datasheet HTML 5Page - VBsemi Electronics Co.,Ltd SI2301ADS-T1-GE3 Datasheet HTML 6Page - VBsemi Electronics Co.,Ltd SI2301ADS-T1-GE3 Datasheet HTML 7Page - VBsemi Electronics Co.,Ltd SI2301ADS-T1-GE3 Datasheet HTML 8Page - VBsemi Electronics Co.,Ltd SI2301ADS-T1-GE3 Datasheet HTML 9Page - VBsemi Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
TYPICAL CHARACTERISTICS (25 °C, unless otherwise noted)
Source-Drain Diode Forward Voltage
Threshold Voltage
0.1
1
10
0.0
0.2
0.4
0.6
0.8
1.0
1.2
V
SD - Source-to-Drain Voltage (V)
T
J = 150 °C
T
J = 25 °C
0.5
0.7
0.8
1.0
1.1
- 50
- 25
0
25
50
75
100
125
150
T
J -Temperature (°C)
I
D = 250 μA
On-Resistance vs. Gate-to-Source Voltage
Single Pulse Power
0
0.02
0.04
0.06
0.08
2468
10
V
GS - Gate-to-Source Voltage (V)
T
J = 125 °C
T
J = 25 °C
I
D = 5.1 A
0
2
4
6
8
10
0.01
0.1
1
10
100
1000
Time (s)
TA = 25 °C
Safe Operating Area
0.01
0.1
1
10
100
0.1
1
10
100
V
DS - Drain-to-Source Voltage (V)
* V
GS > minimum VGS at which RDS(on) is specified
100 ms
Limited by R
DS(on)*
1 ms
T
C = 25 °C
Single Pulse
BVDSS Limited
10 ms
100 μs
1 s, 10 s
DC
www.VBsemi.tw
E-mail:China@VBsemi TEL:86-755-83251052
SI2301ADS-T1-GE3
4


Similar Part No. - SI2301ADS-T1-GE3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI2301ADS VISHAY-SI2301ADS Datasheet
39Kb / 4P
   P-Channel 2.5-V (G-S) MOSFET
Rev. B, 29-Apr-02
logo
Texas Instruments
Si2301ADS TI-Si2301ADS Datasheet
1Mb / 29P
[Old version datasheet]   Triple-Supply Power Management IC for Powering FPGAs and DSPs
logo
TECH PUBLIC Electronics...
SI2301ADS TECHPUBLIC-SI2301ADS Datasheet
1Mb / 6P
   P-Channel Enhancement-Mode MOS FETs
More results

Similar Description - SI2301ADS-T1-GE3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI9400DY VISHAY-SI9400DY Datasheet
58Kb / 4P
   P-Channel 20-V (D-S) MOSFET
Rev. K, 02-Mar-98
SI9424BDY VISHAY-SI9424BDY Datasheet
44Kb / 5P
   P-Channel 20-V (D-S) MOSFET
Rev. A, 07-Oct-02
SI8407DB VISHAY-SI8407DB Datasheet
69Kb / 6P
   P-Channel 20-V (D-S) MOSFET
Rev. B, 17-Jan-05
SI7401DN VISHAY-SI7401DN Datasheet
240Kb / 3P
   P-Channel 20-V (D-S) MOSFET
31-May-01
SI7403BDN VISHAY-SI7403BDN Datasheet
106Kb / 8P
   P-Channel 20-V (D-S) MOSFET
Rev. A, 21-Mar-05
SIS407DN-T1-GE3 VISHAY-SIS407DN-T1-GE3 Datasheet
548Kb / 13P
   P-Channel 20 V (D-S) MOSFET
Rev. B, 06-Sep-10
SI4477DY-T1-GE3 VISHAY-SI4477DY-T1-GE3 Datasheet
261Kb / 10P
   P-Channel 20-V (D-S) MOSFET
Rev. A, 18-May-09
SIA431DJ VISHAY-SIA431DJ Datasheet
221Kb / 9P
   P-Channel 20-V (D-S) MOSFET
Rev. B, 21-May-12
SI1077X VISHAY-SI1077X Datasheet
183Kb / 8P
   P-Channel 20 V (D-S) MOSFET
Rev. A, 24-Dec-12
SI5457DC VISHAY-SI5457DC Datasheet
244Kb / 11P
   P-Channel 20 V (D-S) MOSFET
Rev. A, 06-Sep-10
logo
Analog Power
AM4421P ANALOGPOWER-AM4421P Datasheet
423Kb / 5P
   P-Channel 20-V (D-S) MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com