Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SGM2306A Datasheet(PDF) 7 Page - VBsemi Electronics Co.,Ltd

Part # SGM2306A
Description  N-Channel 30-V (D-S) MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VBSEMI [VBsemi Electronics Co.,Ltd]
Direct Link  www.VBsemi.com
Logo VBSEMI - VBsemi Electronics Co.,Ltd

SGM2306A Datasheet(HTML) 7 Page - VBsemi Electronics Co.,Ltd

  SGM2306A Datasheet HTML 1Page - VBsemi Electronics Co.,Ltd SGM2306A Datasheet HTML 2Page - VBsemi Electronics Co.,Ltd SGM2306A Datasheet HTML 3Page - VBsemi Electronics Co.,Ltd SGM2306A Datasheet HTML 4Page - VBsemi Electronics Co.,Ltd SGM2306A Datasheet HTML 5Page - VBsemi Electronics Co.,Ltd SGM2306A Datasheet HTML 6Page - VBsemi Electronics Co.,Ltd SGM2306A Datasheet HTML 7Page - VBsemi Electronics Co.,Ltd SGM2306A Datasheet HTML 8Page - VBsemi Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Package outline - SOT89
Note: Controlling dimensions are in millimeters. Approximate dimensions are provided in inches
DIM
Millimeters
Inches
DIM
Millimeters
Inches
Min
Max
Min
Max
Min
Max
Min
Max
A
1.40
1.60
0.550
0.630
E
2.29
2.60
0.090
0.102
B
0.44
0.56
0.017
0.022
E1
2.13
2.29
0.084
0.090
B1
0.36
0.48
0.014
0.019
e
1.50 BSC
0.059 BSC
C
0.35
0.44
0.014
0.017
e1
3.00 BSC
0.118 BSC
D
4.40
4.60
0.173
0.181
H
3.94
4.25
0.155
0.167
D1
1.62
1.83
0.064
0.072
L
0.89
1.20
0.035
0.047
D1
D
A
C
B1
L
E
H
E1
B
e
e1
www.VBsemi.tw
E-mail:China@VBsemi TEL:86-755-83251052
SGM2306A
7


Similar Part No. - SGM2306A

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SGM2306A SECOS-SGM2306A Datasheet
399Kb / 4P
   N-Channel Enhancement Mode Power Mos.FET
SGM2306A SECOS-SGM2306A_15 Datasheet
404Kb / 4P
   N-Channel Enhancement Mode Power Mos.FET
More results

Similar Description - SGM2306A

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI3456DV VISHAY-SI3456DV Datasheet
61Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. B, 23-Nov-98
SUU50N03-12P VISHAY-SUU50N03-12P Datasheet
60Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. A, 15-Sep-03
SI4894DY VISHAY-SI4894DY Datasheet
129Kb / 3P
   N-Channel 30-V (D-S) MOSFET
17-May-04
SI4406DY VISHAY-SI4406DY Datasheet
38Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. C, 26-May-03
SI7380DP VISHAY-SI7380DP Datasheet
180Kb / 3P
   N-Channel 30-V (D-S) MOSFET
24-May-04
SI733ADP VISHAY-SI733ADP Datasheet
61Kb / 5P
   N-Channel 30-V (D-S) MOSFET
Rev. A, 25-Oct-04
SI4892DY VISHAY-SI4892DY Datasheet
71Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. F, 01-Aug-05
logo
Vaishali Semiconductor
SI4356ADY VAISH-SI4356ADY Datasheet
143Kb / 3P
   N-Channel 30-V (D-S) MOSFET
logo
Vishay Siliconix
SIRA00DP VISHAY-SIRA00DP Datasheet
513Kb / 13P
   N-Channel 30 V (D-S) MOSFET
Rev. A, 13-Feb-12
SIRA04DP VISHAY-SIRA04DP Datasheet
513Kb / 13P
   N-Channel 30 V (D-S) MOSFET
Rev. A, 13-Feb-12
SIRA14DP VISHAY-SIRA14DP Datasheet
513Kb / 13P
   N-Channel 30 V (D-S) MOSFET
Rev. A, 12-Mar-12
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com