Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LCL8068ACJD Datasheet(PDF) 4 Page - Intersil Corporation

Part # LCL8068ACJD
Description  Precision 4 1/2 Digit, A/D Converter
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

LCL8068ACJD Datasheet(HTML) 4 Page - Intersil Corporation

  LCL8068ACJD Datasheet HTML 1Page - Intersil Corporation LCL8068ACJD Datasheet HTML 2Page - Intersil Corporation LCL8068ACJD Datasheet HTML 3Page - Intersil Corporation LCL8068ACJD Datasheet HTML 4Page - Intersil Corporation LCL8068ACJD Datasheet HTML 5Page - Intersil Corporation LCL8068ACJD Datasheet HTML 6Page - Intersil Corporation LCL8068ACJD Datasheet HTML 7Page - Intersil Corporation LCL8068ACJD Datasheet HTML 8Page - Intersil Corporation LCL8068ACJD Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
4
ICL8068A Electrical Specifications VSUPPLY = ±15V, TA =25oC, Unless Otherwise Specified
PARAMETER
SYMBOL
TEST
CONDITIONS
MIN
TYP
MAX
UNITS
EACH OPERATIONAL AMPLIFIER
Input Offset Voltage
VOS
VCM = 0V
-
20
65
mV
Input Current (Either Input) (Note 7)
IIN
VCM = 0V
-
80
150
pA
Common-Mode Rejection Ratio
CMRR
VCM = ±10V
70
90
-
dB
Non-Linear Component of Common-Mode Rejection
Ratio (Note 8)
VCM = ±2V
-
110
-
dB
Large Signal Voltage Gain
AV
RL =50kΩ
20,000
-
-
V/V
Slew Rate
SR
-
6
-
V/
µs
Unity Gain Bandwidth
GBW
-
2
-
MHz
Output Short-Circuit Current
ISC
-5
-
mA
COMPARATOR AMPLIFIER
Small-Signal Voltage Gain
AVOL
RL =30kΩ
--
-
V/V
Positive Output Voltage Swing
+VO
12
13
-
V
Negative Output Voltage Swing
-VO
-2.0
-2.6
-
V
VOLTAGE REFERENCE
Output Voltage
VO
1.60
1.75
1.90
V
Output Resistance
RO
-5
-
Temperature Coefficient
TC
-
40
-
ppm/oC
Supply Voltage (V++ -V-)
VSUPPLY
±10
-
±16
V
Supply Current Total
ISUPPLY
-8
14
mA
ICL8052A Electrical Specifications VSUPPLY = ±15V, TA =25oC, Unless Otherwise Specified
PARAMETER
SYMBOL
TEST
CONDITIONS
MIN
TYP
MAX
UNITS
EACH OPERATIONAL AMPLIFIER
Input Offset Voltage
VOS
VCM = 0V
-
20
75
mV
Input Current (Either Input) (Note 7)
IIN
VCM =0V
-
2
10
pA
Common-Mode Rejection Ratio
CMRR
VCM = ±10V
70
90
-
dB
Non-Linear Component of Common-Mode Rejection
Ratio (Note 8)
VCM = ±2V
-
110
-
dB
Large Signal Voltage Gain
AV
RL =50kΩ
20,000
-
-
V/V
Slew Rate
SR
-
6
-
V/
µs
Unity Gain Bandwidth
GBW
-
1
-
MHz
Output Short-Circuit Current
ISC
-20
-
mA
COMPARATOR AMPLIFIER
Small-Signal Voltage Gain
AVOL
RL =30kΩ
--
-
V/V
Positive Output Voltage Swing
+VO
12
13
-
V
Negative Output Voltage Swing
-VO
-2.0
-2.6
-
V
VOLTAGE REFERENCE
Output Voltage
VO
1.60
1.75
1.90
V
Output Resistance
RO
-5
-
ICL8052A/ICL71C03, ICL8068A/ICL71C03


Similar Part No. - LCL8068ACJD

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
LCL8068ACJD INTERSIL-LCL8068ACJD Datasheet
198Kb / 21P
   14-Bit/16-Bit, Microprocessor- Compatible, 2-Chip, A/D Converter
LCL8068ACJD INTERSIL-LCL8068ACJD Datasheet
168Kb / 19P
   Precision 4 1/2 Digit, A/D Converter
More results

Similar Description - LCL8068ACJD

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ICL71C03 INTERSIL-ICL71C03 Datasheet
168Kb / 19P
   Precision 4 1/2 Digit, A/D Converter
logo
Microchip Technology
TC7135 MICROCHIP-TC7135 Datasheet
533Kb / 22P
   4-1/2 Digit A/D Converter
2002
TC7135 MICROCHIP-TC7135_04 Datasheet
457Kb / 24P
   4-1/2 Digit A/D Converter
2004
logo
List of Unclassifed Man...
LD120 ETC-LD120 Datasheet
2Mb / 9P
   4 1/2 Digit A/D Converter Set
logo
Renesas Technology Corp
ICL7135 RENESAS-ICL7135 Datasheet
800Kb / 15P
   4 1/2 Digit, BCD Output, A/D Converter
logo
Intersil Corporation
ICL7135 INTERSIL-ICL7135 Datasheet
733Kb / 15P
   4 1/2 Digit, BCD Output, A/D Converter
logo
List of Unclassifed Man...
LD110 ETC-LD110 Datasheet
335Kb / 8P
   3 1/2 Digit A/D Converter Set
logo
Intersil Corporation
HI-7159A INTERSIL-HI-7159A Datasheet
210Kb / 14P
   Microprocessor-Compatible, 5-1/2 Digit A/D Converter
January 1999
logo
List of Unclassifed Man...
ES5107 ETC-ES5107 Datasheet
327Kb / 20P
   3 1/2 DIGIT A/D CONVERTER W/LED
logo
Cyrustek corporation
ES5106 CYRUSTEK-ES5106_03 Datasheet
756Kb / 20P
   3 1/2 DIGIT A/D CONVERTER W/LCD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com