Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

IH6208 Datasheet(PDF) 3 Page - Harris Corporation

Part No. IH6208
Description  8-Channel CMOS Analog Multiplexer
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HARRIS [Harris Corporation]
Homepage  http://www.harris.com
Logo 

IH6208 Datasheet(HTML) 3 Page - Harris Corporation

   
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
12-131
DYNAMIC
tTRANSITION
D
0.3
See Figure 1
-
1
----
µs
tOPEN
D
0.2
See Figure 2
------
µs
tEN(ON)
D
0.6
See Figure 3
-
1.5
----
µs
tEN(OFF)
D
0.4
See Figure 3
-
1
----
µs
“OFF” Isolation
D
60
VEN = 0V, RL = 200Ω,
CL = 3pF, VS = 3VRMS,
f = 500kHz
------
dB
CS(OFF)
S5
VS = 0V, VEN = 0V,
f = 140kHz to 1MHz
------
pF
CD(OFF)
D12
VD = 0V, VEN = 0V,
f = 140kHz to 1MHz
------
pF
CDS(OFF)
D to S
1
VS = 0V, VD = 0V,
VEN = 0V,
f = 140kHz to 1MHz
------
pF
SUPPLY
Positive Supply
Current
V+
1
40
VEN = 5V,
All VA = 0V or 5V
-
-
200
-
-
1000
µA
Negative Supply
Current
V-
1
2
VEN = 5V,
All VA = 0V or 5V
-
-
100
-
-
1000
µA
Positive Standby
Current
V+
1
1
VEN = 0V,
All VA = 0V or 5V
-
-
100
-
-
1000
µA
Negative Standby
Current
V-
1
1
VEN = 0V,
All VA = 0V or 5V
-
-
100
-
-
1000
µA
NOTE:
2. See “Enable Input Strobing Levels” in Application Section.
Electrical Specifications V+ = 15V, V- = -15V, VEN = +5V, Ground = 0V, Unless Otherwise Specified, (Note 4) (Continued)
PARAMETER
MEASURED
TERMINAL
NO
TESTS
PER
TEMP
TYP
25oC
TEST CONDITIONS
M SUFFIX (oC)
C SUFFIX (oC)
UNITS
-55
25
125
0
25
70
Switching Information
FIGURE 1. tTRANSITION SWITCHING TEST CIRCUIT AND WAVEFORMS
S1a
A1
A0
±10V
±10V
+15V
-15V
PROBE
D2
VOUT
V+
IH6208
EN
PROBE IMPEDANCE
CP
RP
V-
GND
VA
50
0.8V
ttrans
D1
S2a
S3a
S4a
S1b
S2b
S3b
S4b
+5V
1.4V
3.0V
0
0
VS1b
0.9VS1b
VS4b
0.9VS4b
S1b(ON)
S4b(ON)
ttrans
RP ≥ 1MΩ
CP ≤ 30pF
IH6208


Html Pages

1  2  3  4  5  6  7 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn