Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IH5151 Datasheet(PDF) 4 Page - Intersil Corporation

Part # IH5151
Description  Dual SPDT, CMOS Analog Switch
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

IH5151 Datasheet(HTML) 4 Page - Intersil Corporation

  IH5151 Datasheet HTML 1Page - Intersil Corporation IH5151 Datasheet HTML 2Page - Intersil Corporation IH5151 Datasheet HTML 3Page - Intersil Corporation IH5151 Datasheet HTML 4Page - Intersil Corporation IH5151 Datasheet HTML 5Page - Intersil Corporation IH5151 Datasheet HTML 6Page - Intersil Corporation IH5151 Datasheet HTML 7Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
4
Test Circuits and Waveforms
FIGURE 1. rDS(ON) vs ANALOG INPUT VOLTAGE
FIGURE 2A. CROSSTALK vs FREQUENCY
FIGURE 2B. TEST CIRCUIT
FIGURE 2. CROSSTALK
FIGURE 3A. OFF ISOLATION vs FREQUENCY
FIGURE 3B. TEST CIRCUIT
FIGURE 3. OFF ISOLATION
100
90
80
70
60
50
40
30
20
10
0
-12
VANALOG (V)
-10
-8
-6
-4
-2
0
2
4
8
10
12
6
±5V SUPPLIES
±15V SUPPLIES
-120
-100
-80
-60
-40
-20
0
1
FREQUENCY (Hz)
10
100
1K
10K
100K
1M
CCRR = 20LOG
2000mVP-P
VOUT (mVP-P)
100
VOUT
OFF
STATE
100
2VP-P
AT 1MHz
51
ON
STATE
100
80
60
40
20
0
120
1
10
100
1K
10K
100K
1M
OIRR = 20LOG
2000mVP-P
VOUT (mVP-P)
FREQUENCY (Hz)
100
VOUT
OFF STATE
2VP-P
AT 1MHz
51
IH5151


Similar Part No. - IH5151

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
IH5101 INTERSIL-IH5101 Datasheet
4Mb / 122P
   P-CHANNEL JFET
IH5108 INTERSIL-IH5108 Datasheet
4Mb / 122P
   P-CHANNEL JFET
IH5108 INTERSIL-IH5108 Datasheet
2Mb / 117P
   Analog Switches and Multiplexers
IH5108CPE INTERSIL-IH5108CPE Datasheet
2Mb / 117P
   Analog Switches and Multiplexers
IH5108IJE INTERSIL-IH5108IJE Datasheet
2Mb / 117P
   Analog Switches and Multiplexers
More results

Similar Description - IH5151

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
IH5043CPE INTERSIL-IH5043CPE Datasheet
133Kb / 7P
   Dual SPDT CMOS Analog Switch
HI-303 INTERSIL-HI-303 Datasheet
327Kb / 11P
   Dual, SPDT CMOS Analog Switch
logo
Renesas Technology Corp
HI-303 RENESAS-HI-303 Datasheet
384Kb / 11P
   Dual SPDT CMOS Analog Switch
November 2003
HI-390 RENESAS-HI-390 Datasheet
295Kb / 8P
   Dual SPDT CMOS Analog Switch
August 2002
logo
Intersil Corporation
HI-303883 INTERSIL-HI-303883 Datasheet
240Kb / 11P
   Dual SPDT CMOS Analog Switch
HI-390 INTERSIL-HI-390_02 Datasheet
165Kb / 8P
   Dual SPDT CMOS Analog Switch
logo
Calogic, LLC
CWB2269 CALOGIC-CWB2269 Datasheet
47Kb / 4P
   CMOS/DMOS Wideband Dual SPDT Analog Switch
logo
Intersil Corporation
HS-303ARH INTERSIL-HS-303ARH Datasheet
93Kb / 3P
   Radiation Hardened CMOS Dual SPDT Analog Switch
HS-303RH-T INTERSIL-HS-303RH-T_01 Datasheet
490Kb / 2P
   Radiation Hardened CMOS Dual SPDT Analog Switch
logo
Renesas Technology Corp
HS-303ARH RENESAS-HS-303ARH Datasheet
251Kb / 7P
   Radiation Hardened CMOS Dual SPDT Analog Switch
Jul.18.19
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com