Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICL7112KMDL Datasheet(PDF) 3 Page - Intersil Corporation

Part # ICL7112KMDL
Description  12-Bit, High-Speed, CMOS uP-Compatible A/D Converter
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ICL7112KMDL Datasheet(HTML) 3 Page - Intersil Corporation

  ICL7112KMDL Datasheet HTML 1Page - Intersil Corporation ICL7112KMDL Datasheet HTML 2Page - Intersil Corporation ICL7112KMDL Datasheet HTML 3Page - Intersil Corporation ICL7112KMDL Datasheet HTML 4Page - Intersil Corporation ICL7112KMDL Datasheet HTML 5Page - Intersil Corporation ICL7112KMDL Datasheet HTML 6Page - Intersil Corporation ICL7112KMDL Datasheet HTML 7Page - Intersil Corporation ICL7112KMDL Datasheet HTML 8Page - Intersil Corporation ICL7112KMDL Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
6-3
Absolute Maximum Ratings TA =25oC
Thermal Information
Supply Voltage (V+ to DGND) . . . . . . . . . . . . . . . . . . -0.3V to +6.5V
Supply Voltage (V- to DGND). . . . . . . . . . . . . . . . . . . +0.3V to -6.5V
VREF, VIN to DGND . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . ±25V
AGND to DGND . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +1V to -1V
VREF, VIN, AGND Current . . . . . . . . . . . . . . . . . . . . . . . . . . . . 25mA
Digital I/O Pin Voltages. . . . . . . . . . . . . . . . . . . . . -0.3V to V+ +0.3V
PROG to DGND Voltage . . . . . . . . . . . . . . . . . . . . V- to (V+ +0.3V)
Operating Conditions
ICL7112XCXX. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0 to 70
ICL7112XIXX . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -25 to 70
ICL7112XMXX . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -55 to 125
Thermal Resistance (Typical, Note 1)
θJA (oC/W) θJC (oC/W)
CERDIP Package . . . . . . . . . . . . . . . .
___
___
Maximum Power Dissipation (Note 2). . . . . . . . . . . . . . . . . . 500mW
Derate above 70oC at 10mW/oC
Maximum Junction Temperature (Ceramic Package) . . . . . . . . 175oC
Maximum Storage Temperature Range . . . . . . . . . . -65oC to 150oC
Maximum Lead Temperature (Soldering 10s). . . . . . . . . . . . . 300oC
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation
of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
NOTES:
1.
θJA is measured with the component mounted on an evaluation PC board in free air.
2. All voltages with respect to DGND, unless otherwise noted.
3. Assumes all leads soldered or welded to printed circuit board.
Electrical Specifications Test Conditions: V+ = +5V, V- = -5V, VREF = -10V, TA = 25oC, fCLK = 500kHz, Unless Otherwise Noted
PARAMETER
SYMBOL
TEST
CONDITIONS
JK
L
UNITS
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
ACCURACY
Resolution
RES
12
Bits
Resolution with No
Missing Codes
RES
(NMC)
Notes 4, 5, 6
RM
TMIN -TMAX
11
10
--
12
11
--
12
12
--
Bits
Integral Linearity
Error
ILE
Notes 4, 5
RM
TMIN -TMAX
--
±0.024
±0.030
--
±0.012
±0.020
--
±0.012
±0.020
%FSR
Unadjusted Full
Scale Error
FSE
Adjust-
able to
Zero
CRM
TMIN TMAX
--
±0.10
±0.12
--
±0.08
±0.10
--
±0.08
±0.10
%FSR
IRM
TMIN -TMAX
--
±0.10
±0.13
--
±0.08
±0.11
--
±0.08
±0.11
MRM
TMIN -TMAX
--
±0.10
±0.14
--
±0.08
±0.12
--
±0.08
±0.12
Zero Error
ZE
Notes 4, 5
RM
TMIN -TMAX
--
±1
±1.5
--
±1
±1.5
--
±1
±1.5
ANALOG INPUT
Analog Input
Range
VIN
0
-
10.3
0-
10.3
0-
10.3
V
Input Resistance
RIN
Notes 5, 8
4
-
9
4
-
9
4
-
9
k
Temperature
Coefficient of RIN
TC (RIN)TMIN -TMAX
-
-300
-
-
-300
-
-
-300
-
ppm/oC
REFERENCE INPUT
Analog Reference VREF
-
-10.0
-
-
-10.0
-
-
-10.0
-
V
Reference
Resistance
RREF
-5
-
-
5
-
-
5
-
k
POWER SUPPLY SENSITIVITY
Power Supply
Rejection Ration
PSRR
V+, V- = 4.5 -5.5V
RM
TMIN -TMAX
-
±0.5
±1
±2
-
±0.5
±1
±2
-
±0.5
±1
±2
LSB
LOGIC INPUT
Low State
Input Voltage
VIL
TMIN -TMAX
--
0.8
-
-
0.8
-
-
0.8
V
ICL7112


Similar Part No. - ICL7112KMDL

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ICL7115 INTERSIL-ICL7115 Datasheet
516Kb / 14P
   14-Bit High-Speed CMOS UP-Compatible A/D Converter
ICL7115 INTERSIL-ICL7115 Datasheet
4Mb / 122P
   P-CHANNEL JFET
ICL7115JCDL INTERSIL-ICL7115JCDL Datasheet
516Kb / 14P
   14-Bit High-Speed CMOS UP-Compatible A/D Converter
ICL7115JCJL INTERSIL-ICL7115JCJL Datasheet
6Mb / 180P
   Data Acquisition
ICL7115JIDL INTERSIL-ICL7115JIDL Datasheet
516Kb / 14P
   14-Bit High-Speed CMOS UP-Compatible A/D Converter
More results

Similar Description - ICL7112KMDL

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ICL7115 INTERSIL-ICL7115 Datasheet
516Kb / 14P
   14-Bit High-Speed CMOS UP-Compatible A/D Converter
logo
List of Unclassifed Man...
HT574 ETC-HT574 Datasheet
86Kb / 8P
   HIGH TEMPERATURE UP COMPATIBLE 12-BIT A/D CONVERTER
logo
Analog Devices
ADC912A AD-ADC912A Datasheet
237Kb / 16P
   CMOS Microprocessor-Compatible 12-Bit A/D Converter
REV. B
ADC912A AD-ADC912A_15 Datasheet
225Kb / 16P
   CMOS Microprocessor-Compatible 12-Bit A/D Converter
REV. B
AD394 AD-AD394 Datasheet
605Kb / 8P
   uP Compatible Multiplying Quad 12-Bit D/A Converter
logo
List of Unclassifed Man...
MN674A ETC1-MN674A Datasheet
504Kb / 8P
   UP-COMPATIBLE 15 usec 12-Bit A/D CONVERTER
logo
Analog Devices
AD394KD AD-AD394KD Datasheet
626Kb / 12P
   Up-Compatible Multiplying Quad 12-Bit D/A Converter
REV. A
logo
Maxim Integrated Produc...
MX578 MAXIM-MX578 Datasheet
230Kb / 6P
   High Speed 12 Bit A/D Converter
logo
Analog Devices
HAS-1204 AD-HAS-1204_15 Datasheet
947Kb / 4P
   ULTRA HIGH SPEED 12 BIT A/D CONVERTER
logo
Intersil Corporation
HI5860 INTERSIL-HI5860_08 Datasheet
477Kb / 12P
   12-Bit, 130MSPS, High Speed D/A Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com