Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICL3217EIA Datasheet(PDF) 2 Page - Intersil Corporation

Part # ICL3217EIA
Description  /- 15kV ESD Protected, 3V to 5.5V, Low Power, 250kbps, RS-232 Transmitters/Receivers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ICL3217EIA Datasheet(HTML) 2 Page - Intersil Corporation

  ICL3217EIA Datasheet HTML 1Page - Intersil Corporation ICL3217EIA Datasheet HTML 2Page - Intersil Corporation ICL3217EIA Datasheet HTML 3Page - Intersil Corporation ICL3217EIA Datasheet HTML 4Page - Intersil Corporation ICL3217EIA Datasheet HTML 5Page - Intersil Corporation ICL3217EIA Datasheet HTML 6Page - Intersil Corporation ICL3217EIA Datasheet HTML 7Page - Intersil Corporation ICL3217EIA Datasheet HTML 8Page - Intersil Corporation ICL3217EIA Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
Ordering Information
(NOTE 1)
PART NO.
TEMP.
RANGE (°C)
PACKAGE
PKG.
DWG. #
ICL3207ECA
0 to 70
24 Ld SSOP
M24.209
ICL3207ECAZ
(See Note 2)
0 to 70
24 Ld SSOP
(Pb-Free) M24.209
ICL3207ECB
0 to 70
24 Ld SOIC
M24.3
ICL3207ECBZ
(See Note 2)
0 to 70
24 Ld SOIC
(Pb-Free) M24.3
ICL3217ECA
0 to 70
24 Ld SSOP
M24.209
ICL3217ECAZ
(See Note 2)
0 to 70
24 Ld SSOP
(Pb-Free) M24.209
ICL3217ECB
0 to 70
24 Ld SOIC
M24.3
ICL3217ECBZ
(See Note 2)
0 to 70
24 Ld SOIC
(Pb-Free) M24.3
ICL3217EIA
-40 to 85
24 Ld SSOP
M24.209
ICL3217EIAZ
(See Note 2)
-40 to 85
24 Ld SSOP
(Pb-Free) M24.209
ICL3217EIB
-40 to 85
24 Ld SOIC
M24.3
ICL3217EIBZ
(See Note 2)
-40 to 85
24 Ld SOIC
(Pb-Free) M24.3
NOTES:
1. Most surface mount devices are available on tape and reel; add
“-T” to suffix.
2.
Intersil Pb-free products employ special Pb-free material sets;
molding compounds/die attach materials and 100% matte tin
plate termination finish, which is compatible with both SnPb and
Pb-free soldering operations. Intersil Pb-free products are MSL
classified at Pb-free peak reflow temperatures that meet or
exceed the Pb-free requirements of IPC/JEDEC J Std-020B.
Pin Descriptions
PIN
FUNCTION
VCC System power supply input (3.0V to 5.5V).
V+
Internally generated positive transmitter supply (+5.5V).
V-
Internally generated negative transmitter supply (-5.5V).
GND Ground connection.
C1+
External capacitor (voltage doubler) is connected to this lead.
C1-
External capacitor (voltage doubler) is connected to this lead.
C2+
External capacitor (voltage inverter) is connected to this lead.
C2-
External capacitor (voltage inverter) is connected to this lead.
TIN
TTL/CMOS compatible transmitter inputs.
TOUT ±15kV ESD Protected, RS-232 level (nominally ±5.5V)
transmitter outputs.
RIN
±15kV ESD Protected, RS-232 compatible receiver inputs.
ROUT TTL/CMOS level receiver outputs.
ICL3207E, ICL3217E


Similar Part No. - ICL3217EIA

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ICL3217EIAZ RENESAS-ICL3217EIAZ Datasheet
657Kb / 13P
   /- 15kV ESD Protected, 3V to 5.5V, Low Power, 250kbps, RS-232 Transmitters/Receivers
More results

Similar Description - ICL3217EIA

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ICL3207E RENESAS-ICL3207E Datasheet
657Kb / 13P
   /- 15kV ESD Protected, 3V to 5.5V, Low Power, 250kbps, RS-232 Transmitters/Receivers
logo
Intersil Corporation
ICL3243ECAZ-T INTERSIL-ICL3243ECAZ-T Datasheet
699Kb / 33P
   ±15kV ESD Protected, 3V to 5.5V, 1µA, 250kbps, RS-232 Transmitters/Receivers
February 22, 2010
ISL83220ECV INTERSIL-ISL83220ECV Datasheet
198Kb / 10P
   ±15kV ESD Protected, 3V to 5.5V, 1Microamp, 250kbps, RS-232 Transmitters/Receivers
April 27, 2006
ISL83220E INTERSIL-ISL83220E Datasheet
267Kb / 11P
   /-15kV ESD Protected, 3V to 5.5V, 1Microamp, 250kbps, RS-232 Transmitters/Receivers
RS-232 INTERSIL-RS-232 Datasheet
750Kb / 33P
   ±15kV ESD Protected, 3V to 5.5V, 1µA, 250kbps, RS-232 Transmitters/Receivers
December 9, 2015
ISL83385E INTERSIL-ISL83385E Datasheet
94Kb / 11P
   15kV ESD Protected, 3V to 5.5V, /-1 Microamp, 250kbps, RS-232 Transmitters/Receivers
logo
Renesas Technology Corp
ISL83385E RENESAS-ISL83385E Datasheet
604Kb / 11P
   ±15kV ESD Protected, 3V to 5.5V, 1 Microamp, 250kbps, RS-232 Transmitters/Receivers
January 16, 2005
logo
Intersil Corporation
ICL3221EMVZ INTERSIL-ICL3221EMVZ Datasheet
235Kb / 12P
   ±15kV ESD Protected, 3V, 1µA, 250kbps, RS-232 Transmitters/Receivers
December 17, 2009
logo
Renesas Technology Corp
ISL83239E RENESAS-ISL83239E Datasheet
602Kb / 11P
   ±15kV ESD Protected, 10nA Supply-Current, 3V to 5.5V, 250kbps, RS-232 Transmitters/Receivers
June 2004
logo
Intersil Corporation
ISL83220E INTERSIL-ISL83220E_06 Datasheet
194Kb / 10P
   짹15kV ESD Protected, 3V to 5.5V, 1Microamp, 250kbps, RS-232 Transmitters/Receivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com