Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICL7112JIDL Datasheet(PDF) 4 Page - Intersil Corporation

Part # ICL7112JIDL
Description  12-Bit, High-Speed, CMOS uP-Compatible A/D Converter
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ICL7112JIDL Datasheet(HTML) 4 Page - Intersil Corporation

  ICL7112JIDL Datasheet HTML 1Page - Intersil Corporation ICL7112JIDL Datasheet HTML 2Page - Intersil Corporation ICL7112JIDL Datasheet HTML 3Page - Intersil Corporation ICL7112JIDL Datasheet HTML 4Page - Intersil Corporation ICL7112JIDL Datasheet HTML 5Page - Intersil Corporation ICL7112JIDL Datasheet HTML 6Page - Intersil Corporation ICL7112JIDL Datasheet HTML 7Page - Intersil Corporation ICL7112JIDL Datasheet HTML 8Page - Intersil Corporation ICL7112JIDL Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
6-4
High State
Input Voltage
VIH
TMIN -TMAX
2.4
-
-
2.4
-
-
2.4
-
-
V
Logic Input
Current
ILIH
0 < VIN < V+
-
1
10
-1
10
-1
10
µA
Logic Input
Capacitance
CIN
-
15
-
-15
-
-15
-
pF
LOGIC OUTPUT
Low State Output
Voltage
VOL
IOUT = 1.6mA
TMIN -TMAX
--
0.4
-
-
0.4
-
-
0.4
V
High State Output
Voltage
VOH
IOUT = -200µA
TMIN -TMAX
2.8
-
-
2.8
-
-
2.8
-
-
V
Three-State Output
Current
IOX
0 < VOUT < V+
-1
-
-
1
-
-
1
-
µA
Logic Output
Capacitance
COUT
Three-State
-
15
-
-
15
-
-
15
-
pF
POWER REQUIREMENTS
Supply Voltage
Range
VSUPPLY Functional Operation Only ±4.5
-
±6.0
±4.5
-
±6.0
±4.5
-
±6.0
V
Supply Current,
I+, I-
ISUPPLY
RM
TMIN -TMAX
-2
4
6
-2
4
6
-2
4
6
mA
NOTES:
4. Full scale range (FSR) is 10V (reference adjusted).
5. Assume all leads are soldered or welded to printed circuit board.
6. “J” and “K” versions not production tested. Guaranteed by Integral Linearity Test.
7. Typical values are not tested, for reference only.
8. Not production tested. Guaranteed by design.
Electrical Specifications Test Conditions: V+ = +5V, V- = -5V, VREF = -10V, TA = 25oC, fCLK = 500kHz, Unless Otherwise Noted
PARAMETER
SYMBOL
TEST
CONDITIONS
JK
L
UNITS
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
AC Electrical Specifications Test Conditions V+ = +5V, V- = -5V, TA = 25oC, fCLK = 500kHz, unless otherwise noted. Data
derived from extensive characterization testing. Parameters are not production tested
PARAMETER
SYMBOL
TEST
CONDITIONS
MIN
TYP
MAX
UNITS
READ CYCLE TIMING
Propagation Delay CS to Date
tcd
RD Low, A0 Valid
-
-
200
ns
Propagation Delay A0 to Data
tad
CS Low, RD Low
-
-
200
Propagation Delay RD to Data
trd
CS Low, A0 Valid
-
-
200
Propagation Delay Data to Three-State
trx
--
150
Propagation Delay EOC High to Data
ted
--
200
WRITE CYCLE TIMING
WR Low Time
twr
150
-
-
ns
Propagation Delay WR Low to EOC Low
twe
Wait Mode
1
-
2
EOC High Time
teo
Free Run Mode
0.5
-
1.5
1/fCLK
Conversion Time
tconv
--
20
Clock Frequency Range
fCLK
Functional Operation Only
-
500
-
kHz
NOTE:
9. All typical values have been characterized, but are not tested.
ICL7112


Similar Part No. - ICL7112JIDL

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ICL7115 INTERSIL-ICL7115 Datasheet
516Kb / 14P
   14-Bit High-Speed CMOS UP-Compatible A/D Converter
ICL7115 INTERSIL-ICL7115 Datasheet
4Mb / 122P
   P-CHANNEL JFET
ICL7115JCDL INTERSIL-ICL7115JCDL Datasheet
516Kb / 14P
   14-Bit High-Speed CMOS UP-Compatible A/D Converter
ICL7115JCJL INTERSIL-ICL7115JCJL Datasheet
6Mb / 180P
   Data Acquisition
ICL7115JIDL INTERSIL-ICL7115JIDL Datasheet
516Kb / 14P
   14-Bit High-Speed CMOS UP-Compatible A/D Converter
More results

Similar Description - ICL7112JIDL

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ICL7115 INTERSIL-ICL7115 Datasheet
516Kb / 14P
   14-Bit High-Speed CMOS UP-Compatible A/D Converter
logo
List of Unclassifed Man...
HT574 ETC-HT574 Datasheet
86Kb / 8P
   HIGH TEMPERATURE UP COMPATIBLE 12-BIT A/D CONVERTER
logo
Analog Devices
ADC912A AD-ADC912A Datasheet
237Kb / 16P
   CMOS Microprocessor-Compatible 12-Bit A/D Converter
REV. B
ADC912A AD-ADC912A_15 Datasheet
225Kb / 16P
   CMOS Microprocessor-Compatible 12-Bit A/D Converter
REV. B
AD394 AD-AD394 Datasheet
605Kb / 8P
   uP Compatible Multiplying Quad 12-Bit D/A Converter
logo
List of Unclassifed Man...
MN674A ETC1-MN674A Datasheet
504Kb / 8P
   UP-COMPATIBLE 15 usec 12-Bit A/D CONVERTER
logo
Analog Devices
AD394KD AD-AD394KD Datasheet
626Kb / 12P
   Up-Compatible Multiplying Quad 12-Bit D/A Converter
REV. A
logo
Maxim Integrated Produc...
MX578 MAXIM-MX578 Datasheet
230Kb / 6P
   High Speed 12 Bit A/D Converter
logo
Analog Devices
HAS-1204 AD-HAS-1204_15 Datasheet
947Kb / 4P
   ULTRA HIGH SPEED 12 BIT A/D CONVERTER
logo
Intersil Corporation
HI5860 INTERSIL-HI5860_08 Datasheet
477Kb / 12P
   12-Bit, 130MSPS, High Speed D/A Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com