Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICL3217ECA Datasheet(PDF) 6 Page - Intersil Corporation

Part # ICL3217ECA
Description  /- 15kV ESD Protected, 3V to 5.5V, Low Power, 250kbps, RS-232 Transmitters/Receivers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ICL3217ECA Datasheet(HTML) 6 Page - Intersil Corporation

Back Button ICL3217ECA Datasheet HTML 2Page - Intersil Corporation ICL3217ECA Datasheet HTML 3Page - Intersil Corporation ICL3217ECA Datasheet HTML 4Page - Intersil Corporation ICL3217ECA Datasheet HTML 5Page - Intersil Corporation ICL3217ECA Datasheet HTML 6Page - Intersil Corporation ICL3217ECA Datasheet HTML 7Page - Intersil Corporation ICL3217ECA Datasheet HTML 8Page - Intersil Corporation ICL3217ECA Datasheet HTML 9Page - Intersil Corporation ICL3217ECA Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6
Receivers
The ICL32X7E each contain inverting receivers that convert
RS-232 signals to CMOS output levels and accept inputs up
to
±25V while presenting the required 3kΩ to 7kΩ input
impedance (see Figure 1) even if the power is off
(VCC = 0V). The receivers’ Schmitt trigger input stage uses
hysteresis to increase noise immunity and decrease errors
due to slow input signal transitions.
Receivers on the ICL3207E are always active. The
ICL3217E receivers disable when in the automatic
powerdown state, thereby eliminating the possible current
path through a shutdown peripheral’s input protection diode
(see Figures 2 and 3).
Low Power Operation
These 3V devices require a nominal supply current of
0.3mA, even at VCC = 5.5V, during normal operation (not in
powerdown mode). This is considerably less than the 11mA
current required by comparable 5V RS-232 devices,
allowing users to reduce system power simply by replacing
the old style device with the ICL3207E.
Low Power, Pin Compatible Replacement
Pin compatibility with existing 5V products (e.g., MAX207E),
coupled with the wide operating supply range, make the
ICL32X7E potential lower power, higher performance drop-
in replacements for existing ‘2X7E 5V applications. As long
as the
±5V RS-232 output swings are acceptable, the
ICL32X7E devices should work in most 5V applications.
When replacing a ‘207E or ‘237E device in an existing 5V
application, it is acceptable to terminate C3 to VCC as shown
on the Typical Operating Circuit. Nevertheless, terminate C3
to GND if possible, as slightly better performance results
from this configuration.
Automatic Powerdown (ICL3217E Only)
Even greater power savings is available by using the
ICL3217E which features an automatic powerdown function.
When no valid RS-232 voltages (see Figure 4) are sensed
on any receiver input for 30
µs, the ICL3217E automatically
enters its powerdown state (see Figure 5). In powerdown,
supply current drops to 1
µA, because the on-chip charge
pump turns off (V+ collapses to VCC, V- collapses to GND),
and the receiver and transmitter outputs three-state (see
Table 2). This micro-power mode makes the ICL3217E ideal
for battery powered and portable applications. Invalid
receiver levels occur whenever the driving peripheral’s
outputs are shut off (powered down) or when the RS-232
interface cable is disconnected. The ICL3217E powers back
up whenever it detects a valid RS-232 voltage level on any
receiver input (such as when the RS-232 cable is
reconnected). The time to recover from automatic
powerdown mode is typically 100
µs.
RXOUT
GND
≤ VROUT ≤ VCC
5k
RXIN
-25V
≤ VRIN ≤ +25V
GND
VCC
FIGURE 1. INVERTING RECEIVER CONNECTIONS
FIGURE 2. POWER DRAIN THROUGH POWERED DOWN
PERIPHERAL
OLD
VCC
POWERED
GND
VCC
Rx
Tx
VCC
CURRENT
FLOW
VOUT = VCC
RS-232 CHIP
DOWN
UART
SHDN = GND
TABLE 2. ICL3217E AUTOMATIC POWERDOWN OPERATION
RS-232 SIGNAL
PRESENT AT
RECEIVER
INPUT?
TRANSMITTER
OUTPUTS
RECEIVER
OUTPUTS
MODE
OF
OPERATION
YES
Active
Active
Normal
Operation
NO
High-Z
High-Z
Powerdown
Due to Auto
Powerdown
Logic
FIGURE 3. DISABLED RECEIVERS PREVENT POWER DRAIN
ICL3217E
TRANSITION
DETECTOR
RX
TX
VCC
VCC
TO
VOUT = HI-Z*
WAKE-UP
LOGIC
POWERED
DOWN
UART
V-
* IN AUTOMATIC
POWERDOWN
ICL3207E, ICL3217E


Similar Part No. - ICL3217ECA

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ICL3217ECAZ RENESAS-ICL3217ECAZ Datasheet
657Kb / 13P
   /- 15kV ESD Protected, 3V to 5.5V, Low Power, 250kbps, RS-232 Transmitters/Receivers
More results

Similar Description - ICL3217ECA

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ICL3207E RENESAS-ICL3207E Datasheet
657Kb / 13P
   /- 15kV ESD Protected, 3V to 5.5V, Low Power, 250kbps, RS-232 Transmitters/Receivers
logo
Intersil Corporation
ICL3243ECAZ-T INTERSIL-ICL3243ECAZ-T Datasheet
699Kb / 33P
   ±15kV ESD Protected, 3V to 5.5V, 1µA, 250kbps, RS-232 Transmitters/Receivers
February 22, 2010
ISL83220ECV INTERSIL-ISL83220ECV Datasheet
198Kb / 10P
   ±15kV ESD Protected, 3V to 5.5V, 1Microamp, 250kbps, RS-232 Transmitters/Receivers
April 27, 2006
ISL83220E INTERSIL-ISL83220E Datasheet
267Kb / 11P
   /-15kV ESD Protected, 3V to 5.5V, 1Microamp, 250kbps, RS-232 Transmitters/Receivers
RS-232 INTERSIL-RS-232 Datasheet
750Kb / 33P
   ±15kV ESD Protected, 3V to 5.5V, 1µA, 250kbps, RS-232 Transmitters/Receivers
December 9, 2015
ISL83385E INTERSIL-ISL83385E Datasheet
94Kb / 11P
   15kV ESD Protected, 3V to 5.5V, /-1 Microamp, 250kbps, RS-232 Transmitters/Receivers
logo
Renesas Technology Corp
ISL83385E RENESAS-ISL83385E Datasheet
604Kb / 11P
   ±15kV ESD Protected, 3V to 5.5V, 1 Microamp, 250kbps, RS-232 Transmitters/Receivers
January 16, 2005
logo
Intersil Corporation
ICL3221EMVZ INTERSIL-ICL3221EMVZ Datasheet
235Kb / 12P
   ±15kV ESD Protected, 3V, 1µA, 250kbps, RS-232 Transmitters/Receivers
December 17, 2009
logo
Renesas Technology Corp
ISL83239E RENESAS-ISL83239E Datasheet
602Kb / 11P
   ±15kV ESD Protected, 10nA Supply-Current, 3V to 5.5V, 250kbps, RS-232 Transmitters/Receivers
June 2004
logo
Intersil Corporation
ISL83220E INTERSIL-ISL83220E_06 Datasheet
194Kb / 10P
   짹15kV ESD Protected, 3V to 5.5V, 1Microamp, 250kbps, RS-232 Transmitters/Receivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com