Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ICL3224E Datasheet(PDF) 2 Page - Intersil Corporation

Part No. ICL3224E
Description  15kV ESD Protected, 3V to 5.5V, 1Microamp, 250kbps, RS-232 Transceivers with Enhanced Automatic Powerdown
Download  19 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  INTERSIL [Intersil Corporation]
Homepage  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ICL3224E Datasheet(HTML) 2 Page - Intersil Corporation

  ICL3224E Datasheet HTML 1Page - Intersil Corporation ICL3224E Datasheet HTML 2Page - Intersil Corporation ICL3224E Datasheet HTML 3Page - Intersil Corporation ICL3224E Datasheet HTML 4Page - Intersil Corporation ICL3224E Datasheet HTML 5Page - Intersil Corporation ICL3224E Datasheet HTML 6Page - Intersil Corporation ICL3224E Datasheet HTML 7Page - Intersil Corporation ICL3224E Datasheet HTML 8Page - Intersil Corporation ICL3224E Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
2
Ordering Information
PART NO.
TEMP. RANGE (°C)
PACKAGE
PKG. DWG. #
ICL3224EIA
-40 to 85
20 Ld SSOP
M20.209
ICL3224EIA-T
-40 to 85
20 Ld SSOP Tape and Reel
M20.209
ICL3226ECA
0 to 70
16 Ld SSOP
M16.209
ICL3226ECA-T
0 to 70
16 Ld SSOP Tape and Reel
M16.209
ICL3244ECA
0 to 70
28 Ld SSOP
M28.209
ICL3244ECA-T
0 to 70
28 Ld SSOP Tape and Reel
M28.209
ICL3244ECAZ (Note)
0 to 70
28 Ld SSOP
(Pb-free)
M28.209
ICL3244ECAZ-T (Note)
0 to 70
28 Ld SSOP Tape and Reel
(Pb-free)
M28.209
ICL3244EIA
-40 to 85
28 Ld SSOP
M28.209
ICL3244EIA-T
-40 to 85
28 Ld SSOP Tape and Reel
M28.209
ICL3244EIB
-40 to 85
28 Ld SOIC
M28.3
NOTE: Intersil Pb-free products employ special Pb-free material sets; molding compounds/die attach materials and 100% matte tin plate termination
finish, which is compatible with both SnPb and Pb-free soldering operations. Intersil Pb-free products are MSL classified at Pb-free peak reflow
temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J Std-020B.
Pinouts
ICL3224E (SSOP)
TOP VIEW
ICL3226E (SSOP)
TOP VIEW
ICL3244E (SOIC, SSOP)
TOP VIEW
READY
C1+
V+
C1-
C2+
C2-
V-
T2OUT
R2IN
FORCEOFF
GND
T1OUT
R1IN
R1OUT
T1IN
INVALID
VCC
FORCEON
T2IN
20
19
18
17
16
15
14
13
12
11
1
2
3
4
5
6
7
8
9
10
R2OUT
READY
C1+
V+
C1-
C2+
C2-
V-
R1IN
FORCEOFF
GND
T1OUT
FORCEON
T1IN
R1OUT
VCC
INVALID
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
C2+
C2-
V-
R1IN
R2IN
R3IN
R4IN
R5IN
T1OUT
T3OUT
T3IN
T2IN
T1IN
C1+
VCC
GND
C1-
FORCEON
INVALID
R1OUT
R2OUT
R3OUT
R4OUT
R5OUT
V+
FORCEOFF
R2OUTB
28
27
26
25
24
23
22
21
20
19
18
17
16
15
1
2
3
4
5
6
7
8
9
10
11
12
13
14
T2OUT
ICL3224E, ICL3226E, ICL3244E


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn