Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ICL3207E Datasheet(PDF) 2 Page - Intersil Corporation

Part No. ICL3207E
Description  /- 15kV ESD Protected, 3V to 5.5V, Low Power, 250kbps, RS-232 Transmitters/Receivers
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  INTERSIL [Intersil Corporation]
Homepage  http://www.intersil.com/cda/home
Logo 

ICL3207E Datasheet(HTML) 2 Page - Intersil Corporation

 
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
Ordering Information
(NOTE 1)
PART NO.
TEMP.
RANGE (°C)
PACKAGE
PKG.
DWG. #
ICL3207ECA
0 to 70
24 Ld SSOP
M24.209
ICL3207ECAZ
(See Note 2)
0 to 70
24 Ld SSOP
(Pb-Free) M24.209
ICL3207ECB
0 to 70
24 Ld SOIC
M24.3
ICL3207ECBZ
(See Note 2)
0 to 70
24 Ld SOIC
(Pb-Free) M24.3
ICL3217ECA
0 to 70
24 Ld SSOP
M24.209
ICL3217ECAZ
(See Note 2)
0 to 70
24 Ld SSOP
(Pb-Free) M24.209
ICL3217ECB
0 to 70
24 Ld SOIC
M24.3
ICL3217ECBZ
(See Note 2)
0 to 70
24 Ld SOIC
(Pb-Free) M24.3
ICL3217EIA
-40 to 85
24 Ld SSOP
M24.209
ICL3217EIAZ
(See Note 2)
-40 to 85
24 Ld SSOP
(Pb-Free) M24.209
ICL3217EIB
-40 to 85
24 Ld SOIC
M24.3
ICL3217EIBZ
(See Note 2)
-40 to 85
24 Ld SOIC
(Pb-Free) M24.3
NOTES:
1. Most surface mount devices are available on tape and reel; add
“-T” to suffix.
2.
Intersil Pb-free products employ special Pb-free material sets;
molding compounds/die attach materials and 100% matte tin
plate termination finish, which is compatible with both SnPb and
Pb-free soldering operations. Intersil Pb-free products are MSL
classified at Pb-free peak reflow temperatures that meet or
exceed the Pb-free requirements of IPC/JEDEC J Std-020B.
Pin Descriptions
PIN
FUNCTION
VCC System power supply input (3.0V to 5.5V).
V+
Internally generated positive transmitter supply (+5.5V).
V-
Internally generated negative transmitter supply (-5.5V).
GND Ground connection.
C1+
External capacitor (voltage doubler) is connected to this lead.
C1-
External capacitor (voltage doubler) is connected to this lead.
C2+
External capacitor (voltage inverter) is connected to this lead.
C2-
External capacitor (voltage inverter) is connected to this lead.
TIN
TTL/CMOS compatible transmitter inputs.
TOUT ±15kV ESD Protected, RS-232 level (nominally ±5.5V)
transmitter outputs.
RIN
±15kV ESD Protected, RS-232 compatible receiver inputs.
ROUT TTL/CMOS level receiver outputs.
ICL3207E, ICL3217E


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn