Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ICL3207E Datasheet(PDF) 3 Page - Intersil Corporation

Part No. ICL3207E
Description  /- 15kV ESD Protected, 3V to 5.5V, Low Power, 250kbps, RS-232 Transmitters/Receivers
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  INTERSIL [Intersil Corporation]
Homepage  http://www.intersil.com/cda/home
Logo 

ICL3207E Datasheet(HTML) 3 Page - Intersil Corporation

 
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3
Typical Operating Circuit
ICL32X7E
9
VCC
T1OUT
T2OUT
T3OUT
T1IN
T2IN
T3IN
T1
T2
T3
+
+
7
6
2
3
18
1
10
12
11
15
V+
V-
C1+
C1-
C2+
C2-
+
13
14
R1OUT
R1IN
4
5k
R2OUT
R2IN
23
22
5k
R3OUT
R3IN
16
17
5k
5
C1
C2
+
C3
C4
GND
VCC
+
0.1
µF
8
TTL/CMOS
LOGIC LEVELS
RS-232
LEVELS
RS-232
LEVELS
R1
R2
R3
T4OUT
T5OUT
T4IN
T5IN
T5
19
24
21
20
T4
- FOR V
CC = 3.3V, C1 - C4 = 0.1µF or 0.22µF
FOR VCC = 5V, C1 - C4 = 0.1µF OR 1µF
C3 (OPTIONAL CONNECTION)
ICL3207E, ICL3217E


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn