Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HTCS138MS Datasheet(PDF) 3 Page - Intersil Corporation

Part # HTCS138MS
Description  Radiation Hardened Inverting 3-to-8 Line Decoder/Demultiplexer
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HTCS138MS Datasheet(HTML) 3 Page - Intersil Corporation

  HTCS138MS Datasheet HTML 1Page - Intersil Corporation HTCS138MS Datasheet HTML 2Page - Intersil Corporation HTCS138MS Datasheet HTML 3Page - Intersil Corporation HTCS138MS Datasheet HTML 4Page - Intersil Corporation HTCS138MS Datasheet HTML 5Page - Intersil Corporation HTCS138MS Datasheet HTML 6Page - Intersil Corporation HTCS138MS Datasheet HTML 7Page - Intersil Corporation HTCS138MS Datasheet HTML 8Page - Intersil Corporation HTCS138MS Datasheet HTML 9Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
3
FN2462.3
September 12, 2005
Specifications HCTS138MS
Absolute Maximum Ratings
Reliability Information
Supply Voltage (VCC) . . . . . . . . . . . . . . . . . . . . . . . . -0.5V to +7.0V
Input Voltage Range, All Inputs . . . . . . . . . . . . . -0.5V to VCC +0.5V
DC Input Current, Any One Input
. . . . . . . . . . . . . . . . . . . . . . . .±10mA
DC Drain Current, Any One Output
. . . . . . . . . . . . . . . . . . . . . . .±25mA
(All Voltage Reference to the VSS Terminal)
Storage Temperature Range (TSTG) . . . . . . . . . . -65oC to +150oC
Lead Temperature (Soldering 10sec) . . . . . . . . . . . . . . . . . .+265oC
Junction Temperature (TJ). . . . . . . . . . . . . . . . . . . . . . . . . . .+175oC
ESD Classification . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Class 1
Thermal Resistance
θ
JA
θ
JC
SBDIP Package . . . . . . . . . . . . . . . . . . . .
73oC/W
24oC/W
Ceramic Flatpack Package . . . . . . . . . . .
114oC/W
29oC/W
Maximum Package Power Dissipation at +125oC Ambient
SBDIP Package . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0.68W
Ceramic Flatpack Package . . . . . . . . . . . . . . . . . . . . . . . . . 0.44W
If device power exceeds package dissipation capability, provide
heat sinking or derate linearly at the following rate:
SBDIP Package . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .13.7mW/oC
Ceramic Flatpack Package . . . . . . . . . . . . . . . . . . . . . .8.8mW/oC
CAUTION: As with all semiconductors, stress listed under “Absolute Maximum Ratings” may be applied to devices (one at a time) without resulting in permanent dam-
age. This is a stress rating only. Exposure to absolute maximum rating conditions for extended periods may affect device reliability. The conditions listed under “Electri-
cal Performance Characteristics” are the only conditions recommended for satisfactory device operation..
Operating Conditions
Supply Voltage. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +4.5V to +5.5V
Input Rise and Fall Times at VCC = 4.5V (TR, TF) . . . . . 500ns Max
Operating Temperature Range (TA) . . . . . . . . . . . -55
oC to +125oC
Input Low Voltage (VIL) . . . . . . . . . . . . . . . . . . . . . . . . . 0.0V to 0.8V
Input High Voltage (VIH) . . . . . . . . . . . . . . . . . . . . . . VCC/2 to VCC
TABLE 1. DC ELECTRICAL PERFORMANCE CHARACTERISTICS
PARAMETER
SYMBOL
(NOTE 1)
CONDITIONS
GROUP A
SUBGRO
UPS
TEMPERATURE
LIMITS
UNITS
MIN
MAX
Quiescent Current
ICC
VCC = 5.5V,
VIN = VCC or GND
1+25oC-
40
µA
2, 3
+125oC, -55oC
-
750
µA
Output Current (Sink)
IOL
VCC = 4.5V, VIH = 4.5V,
VOUT = 0.4V, VIL = 0V
1+25oC7.2
-
mA
2, 3
+125oC, -55oC6.0
-
mA
Output Current
(Source)
IOH
VCC = 4.5V, VIH = 4.5V,
VOUT = VCC -0.4V,
VIL = 0V
1+25oC-7.2
-
mA
2, 3
+125oC, -55oC-6.0
-
mA
Output Voltage Low
VOL
VCC = 4.5V, VIH = 2.25V,
IOL = 50
µA, VIL = 0.8V
1, 2, 3
+25oC, +125oC, -55oC-
0.1
V
VCC = 5.5V, VIH = 2.75V,
IOL = 50
µA, VIL = 0.8V
1, 2, 3
+25oC, +125oC, -55oC-
0.1
V
Output Voltage High
VOH
VCC = 4.5V, VIH = 2.25V,
IOH = -50
µA, VIL = 0.8V
1, 2, 3
+25oC, +125oC, -55oCVCC
-0.1
-V
VCC = 5.5V, VIH = 2.75V,
IOH = -50
µA, VIL = 0.8V
1, 2, 3
+25oC, +125oC, -55oCVCC
-0.1
-V
Input Leakage
Current
IIN
VCC = 5.5V, VIN = VCC or
GND
1+25oC-
±0.5
µA
2, 3
+125oC, -55oC-
±5.0
µA
Noise Immunity
Functional Test
FN
VCC = 4.5V, VIH = 2.25V,
VIL = 0.8V, (Note 2)
7, 8A, 8B
+25oC, +125oC, -55oC
---
NOTES:
1. All voltages reference to device GND.
2. For functional tests VO
≥ 4.0V is recognized as a logic “1”, and VO ≤ 0.5V is recognized as a logic “0”.


Similar Part No. - HTCS138MS

ManufacturerPart #DatasheetDescription
logo
HolyStone International
HTC HOLYSTONECAPS-HTC Datasheet
194Kb / 2P
   High Temperature Capacitors
logo
Eaton All Rights Reserv...
HTC EATON-HTC Datasheet
446Kb / 2P
   PCB Fuse accessories for 5 mm fuses
logo
Analog Devices
HTC-0300A AD-HTC-0300A Datasheet
1Mb / 4P
   Ultrahigh-Speed Hybrid Track-and-Hold Amplifiers
HTC-0300AM AD-HTC-0300AM Datasheet
1Mb / 4P
   Ultrahigh-Speed Hybrid Track-and-Hold Amplifiers
HTC-0300AM/883B AD-HTC-0300AM/883B Datasheet
1Mb / 4P
   Ultrahigh-Speed Hybrid Track-and-Hold Amplifiers
More results

Similar Description - HTCS138MS

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HCS138T INTERSIL-HCS138T Datasheet
158Kb / 3P
   Radiation Hardened Inverting 3-to-8 Line Decoder/Demultiplexer
July 1999
logo
Renesas Technology Corp
HCTS138MS RENESAS-HCTS138MS Datasheet
442Kb / 9P
   Radiation Hardened Inverting 3-to-8 Line Decoder/Demultiplexer
September 12, 2005
logo
Intersil Corporation
HCTS138MS INTERSIL-HCTS138MS_05 Datasheet
308Kb / 9P
   Radiation Hardened Inverting 3-to-8 Line Decoder/Demultiplexer
HCTS138MS INTERSIL-HCTS138MS Datasheet
154Kb / 9P
   Radiation Hardened Inverting 3-to-8 Line Decoder/Demultiplexer
August 1995
HCS138MS INTERSIL-HCS138MS_05 Datasheet
306Kb / 9P
   Radiation Hardened Inverting 3-to-8 Line Decoder/Demultiplexer
HCS138MS INTERSIL-HCS138MS Datasheet
153Kb / 9P
   Radiation Hardened Inverting 3-to-8 Line Decoder/Demultiplexer
August 1995
HS-54C138RH INTERSIL-HS-54C138RH_00 Datasheet
537Kb / 4P
   Radiation Hardened 3-Line to 8-Line Decoder/Demultiplexer
HS-54C138RH INTERSIL-HS-54C138RH Datasheet
38Kb / 6P
   Radiation Hardened 3-Line to 8-Line Decoder/Demultiplexer
ACS138MS INTERSIL-ACS138MS Datasheet
48Kb / 2P
   Radiation Hardened 3-to-8 Line Decoder/Demultiplexer
December 1997
logo
Renesas Technology Corp
ACS138MS RENESAS-ACS138MS Datasheet
186Kb / 2P
   Radiation Hardened 3-to-8 Line Decoder/Demultiplexer
December 1997
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com