Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HSP43220883 Datasheet(PDF) 3 Page - Intersil Corporation

Part # HSP43220883
Description  Decimating Digital Filter
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HSP43220883 Datasheet(HTML) 3 Page - Intersil Corporation

  HSP43220883 Datasheet HTML 1Page - Intersil Corporation HSP43220883 Datasheet HTML 2Page - Intersil Corporation HSP43220883 Datasheet HTML 3Page - Intersil Corporation HSP43220883 Datasheet HTML 4Page - Intersil Corporation HSP43220883 Datasheet HTML 5Page - Intersil Corporation HSP43220883 Datasheet HTML 6Page - Intersil Corporation HSP43220883 Datasheet HTML 7Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3
TABLE 2. AC ELECTRICAL PERFORMANCE SPECIFICATIONS
Devices Guaranteed and 100% Tested
PARAMETER
SYMBOL
(NOTES)
(NOTE 5)
GROUP A
SUB-
GROUPS
TEMP (oC)
-15 (15MHz)
-25 (25.6MHz)
UNITS
MIN
MAX
MIN
MAX
Input Clock Period
tCK
9, 10, 11
-55
≤ TA ≤ 125
66
-
39
-
ns
FIR Clock Period
tFIR
9, 10, 11
-55
≤ TA ≤ 125
66
-
39
-
ns
Clock Pulse Width Low
tSPWL
9, 10, 11
-55
≤ TA ≤ 125
26
-
16
-
ns
Clock Pulse Width High
tSPWH
9, 10, 11
-55
≤ TA ≤ 125
26
-
16
-
ns
Clock Skew Between
FIR_CLK and CK_IN
tSK
9, 10, 11
-55
≤ TA ≤ 125
0
TFIR -250TFIR -19
ns
RESET Pulse Width Low
tRSPW
9, 10, 11
-55
≤ TA ≤ 125
4 TCK
-4 TCK
-ns
Recovery Time On
RESET
tRTRS
9, 10, 11
-55
≤ TA ≤ 125
8 TCK
-8 TCK
-ns
ASTARTIN Pulse Width
Low
tAST
9, 10, 11
-55
≤ TA ≤ 125
TCK +10
-
TCK +10
-
ns
STARTOUT Delay From
CK_IN
tSTOD
9, 10, 11
-55
≤ TA ≤ 125
-
35
-
20
ns
STARTIN Setup to
CK _IN
tSTIC
9, 10, 11
-55
≤ TA ≤ 125
25
-
15
-
ns
Setup Time on DATA_IN
tSET
9, 10, 11
-55
≤ TA ≤ 125
20
-
16
-
ns
Hold Time on All Inputs
tHOLD
9, 10, 11
-55
≤ TA ≤ 125
0
-
0
-
ns
Write Pulse Width Low
tWL
9, 10, 11
-55
≤ TA ≤ 125
26
-
15
-
ns
Write pulse Width High
tWH
9, 10, 11
-55
≤ TA ≤ 125
26
-
20
-
ns
Setup Time on Address
Bus Before the Rising
Edge of Write
tSTADD
9, 10, 11
-55
≤ TA ≤ 125
28
-
24
-
ns
Setup Time on Chip
Select Before the
Rising Edge of Write
tSTCS
9, 10, 11
-55
≤ TA ≤ 125
28
-
24
-
ns
Setup Time on Control
Bus Before the Rising
Edge of Write
tSTCB
9, 10, 11
-55
≤ TA ≤ 125
28
-
24
-
ns
DATA_RDY Pulse Width
Low
tDRPWL
9, 10, 11
-55
≤ TA ≤ 125
2TFIR -20
-
2TFIR -10
-
ns
DATA_OUT Delay
Relative to FIR_CK
tFIRDV
9, 10, 11
-55
≤ TA ≤ 125
-
50
-
35
ns
DATA_RDY Valid Delay
Relative to FIR_CK
tFIRDR
9, 10, 11
-55
≤ TA ≤ 125
-
35
-
25
ns
DATA_OUT Delay
Relative to OUT_SELH
tOUT
9, 10, 11
-55
≤ TA ≤ 125
-
30
-
25
ns
Output Enable to
Data Out Valid
tOEV
Note 6
9, 10, 11
-55
≤ TA ≤ 125
-
20
-
20
ns
NOTES:
5. AC Testing: VCC = 4.5V and 5.5V. Inputs are driven at 3.0V for a Logic “1” and 0.0V for a Logic “0”. Input and output timing measurements are
made at 1.5V for both a Logic “1” and “0”. CLK is driven at 4.0V and 0V and measured at 2.0V.
6. Transition is measured at
±200mV from steady state voltage with loading as specified by test load circuit and CL = 40pF.
HSP43220/883


Similar Part No. - HSP43220883

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HSP43220 INTERSIL-HSP43220 Datasheet
800Kb / 18P
   Decimating Digital Filter
HSP43220 INTERSIL-HSP43220 Datasheet
634Kb / 21P
   Decimating Digital Filter
logo
Renesas Technology Corp
HSP43220 RENESAS-HSP43220 Datasheet
1Mb / 21P
   Decimating Digital Filter
Oct 10, 2008
logo
Intersil Corporation
HSP43220 INTERSIL-HSP43220 Datasheet
48Kb / 5P
   Decimating Digital Filter Development Software
May 1999
HSP43220JC-25 INTERSIL-HSP43220JC-25 Datasheet
800Kb / 18P
   Decimating Digital Filter
More results

Similar Description - HSP43220883

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HSP43220 INTERSIL-HSP43220_04 Datasheet
800Kb / 18P
   Decimating Digital Filter
HSP43220 INTERSIL-HSP43220 Datasheet
634Kb / 21P
   Decimating Digital Filter
logo
Renesas Technology Corp
HSP43220 RENESAS-HSP43220 Datasheet
1Mb / 21P
   Decimating Digital Filter
Oct 10, 2008
logo
List of Unclassifed Man...
GF9102ACPM ETC-GF9102ACPM Datasheet
300Kb / 11P
   Decimating/Interpolating Digital Filter
logo
Intersil Corporation
DECIMATE INTERSIL-DECIMATE Datasheet
48Kb / 5P
   Decimating Digital Filter Development Software
May 1999
logo
LOGIC Devices Incorpora...
LF2242 LODEV-LF2242 Datasheet
136Kb / 8P
   12/16-bit Half-Band Interpolating/ Decimating Digital Filter
logo
Cadeka Microcircuits LL...
TMC2242A CADEKA-TMC2242A Datasheet
190Kb / 16P
   Digital Half-Band Interpolating/Decimating Filter 12-bit In/16-bit Out, 60 MHz
logo
Fairchild Semiconductor
TMC2242C FAIRCHILD-TMC2242C Datasheet
236Kb / 13P
   Digital Half-Band Interpolating/Decimating Filter 12-bit In/16-bit Out, 60 MHz
TMC2242A FAIRCHILD-TMC2242A Datasheet
86Kb / 16P
   Digital Half-Band Interpolating/Decimating Filter 12-bit In/16-bit Out, 60 MHz
logo
Analog Devices
AD8384 AD-AD8384_15 Datasheet
734Kb / 24P
   10-Bit, 6-Channel Decimating
REV. 0
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com