Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5962R8957701QZC Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # 5962R8957701QZC
Description  BCRTM
Download  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

5962R8957701QZC Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button 5962R8957701QZC Datasheet HTML 4Page - List of Unclassifed Manufacturers 5962R8957701QZC Datasheet HTML 5Page - List of Unclassifed Manufacturers 5962R8957701QZC Datasheet HTML 6Page - List of Unclassifed Manufacturers 5962R8957701QZC Datasheet HTML 7Page - List of Unclassifed Manufacturers 5962R8957701QZC Datasheet HTML 8Page - List of Unclassifed Manufacturers 5962R8957701QZC Datasheet HTML 9Page - List of Unclassifed Manufacturers 5962R8957701QZC Datasheet HTML 10Page - List of Unclassifed Manufacturers 5962R8957701QZC Datasheet HTML 11Page - List of Unclassifed Manufacturers 5962R8957701QZC Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 61 page
background image
BCRTM-8
62
61
60
A7
B7
C7
TI
TI
TI
AL
AL
AL
AEN
66
A5
TI
AH
BCRTSEL
11
L1
TUI
--
LOCK
12
24
K2
L7
TUI
TUI
AH
AL
10
J2
AL
NAME
TYPE
ACTIVE
DESCRIPTION
CONTROL SIGNALS
54
59
B10
A8
TO
TUI
AL
AL
52
C10
TO
AL
53
A11
TO
AL
TI
Read. The host uses this in conjunction with CS to read an
internal BCRTM register.
Write. The host uses this in conjunction with CS to write to an
internal BCRTM register.
BC/RT Select. This selects between either the Bus Con-
troller or Remote Terminal mode. The BC/RT Mode
Select bit in the Control Register overrides this input if
the LOCK pin is not high. This pin is internally
pulled high.
Lock. When set, this pin prevents internal changes
to both the RT address and BC/RT mode select functions.
This pin is internally pulled high.
External Override. Use this in multi-redundant applica-
tions. Upon receipt, the BCRTM aborts all current activ-
ity. EXTOVR should be connected to COMSTR output of
the adjacent BCRTM when used. This pin is internally
pulled high.
Memory Chip Select Out. This is the regenerated
MEMCSI input for external RAM during the pseudo-
dual-port RAM mode. The BCRTM also uses it to select
external memory during memory accesses.
RD
WR
CS
EXTOVR
MRST
MEMCSO
MEMCSI
RRD
RWR
Memory Chip Select In. Used in the pseudo-dual-port
RAM mode only, MEMCSI is received from the host and
is propagated through to the MEMCSO.
RAM Read. In the pseudo-dual-port RAM mode, the host
uses this signal in conjunction with MEMCSO to read
from external RAM through the BCRTM. It is also the
signal the BCRTM uses to read from memory. It is
asserted following receipt of DMAG. When the BCRTM
performs multiple reads, this signal is pulsed.
RAM Write. In the pseudo-dual-port RAM mode, the
CPU and BCRTM use this to write to external RAM. This
signal is asserted following receipt of DMAG. For multi-
ple writes, this signal is pulsed.
PIN NUMBER
LCC
PGA
Chip Select. This selects the BCRTM when accessing
the BCRTM’s internal register.
Address Enable. The host CPU uses AEN to indicate to the
BCRTM that the BCRTM’s address lines can be asserted;
this is a precautionary signal provided to avoid address bus
crash. If not used, it must be tied high.
Master Reset. This resets all internal state machines,
encoders, decoders, and registers. The minimum pulse
width for a successful Master Reset is 500ns.


Similar Part No. - 5962R8957701QZC

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
5962R8958702V9A TI1-5962R8958702V9A Datasheet
390Kb / 17P
[Old version datasheet]   1A Low Dropout Regulator
5962R8958704VXA TI1-5962R8958704VXA Datasheet
390Kb / 17P
[Old version datasheet]   1A Low Dropout Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com