![]() |
Electronic Components Datasheet Search |
|
MC74VHC393 Datasheet(PDF) 4 Page - ON Semiconductor |
|
MC74VHC393 Datasheet(HTML) 4 Page - ON Semiconductor |
4 / 8 page ![]() MC74VHC393 MOTOROLA VHC Data – Advanced CMOS Logic DL203 — Rev 1 4 NOISE CHARACTERISTICS (Input tr = tf = 3.0ns, CL = 50pF, VCC = 5.0V) Sb l P TA = 25°C Ui Symbol Parameter Typ Max Unit VOLP Quiet Output Maximum Dynamic VOL 0.5 0.8 V VOLV Quiet Output Minimum Dynamic VOL – 0.5 – 0.8 V VIHD Minimum High Level Dynamic Input Voltage 3.5 V VILD Maximum Low Level Dynamic Input Voltage 1.5 V TIMING REQUIREMENTS (Input tr = tf = 3.0ns) Sb l P T C di i TA = 25°C TA = – 40 to 85 °C Ui Symbol Parameter Test Conditions Typ Limit Limit Unit tw Minimum Pulse Width, CP VCC = 3.3 ± 0.3 V VCC = 5.0 ± 0.5 V 5.0 5.0 5.0 5.0 ns tw Minimum Pulse Width, RD VCC = 3.3 ± 0.3 V VCC = 5.0 ± 0.5 V 5.0 5.0 5.0 5.0 ns trec Minimum Recovery Time, RD to CP VCC = 3.3 ± 0.3 V VCC = 5.0 ± 0.5 V 5.0 4.0 5.0 4.0 ns tr, tf Minimum Input Rise and Fall Times VCC = 3.3 ± 0.3 V VCC = 5.0 ± 0.5 V 330 100 330 100 ns SWITCHING WAVEFORMS tPHL VCC GND VCC GND 50% 50% VCC 50% trec CP Qn RD Figure 1. Figure 2. Figure 3. Test Circuit * Includes all probe and jig capacitance CL* TEST POINT DEVICE UNDER TEST OUTPUT CP Qn 50% VCC GND tw 1/fmax tPLH tPHL 50% VCC tw |