Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MC74VHC393 Datasheet(PDF) 3 Page - ON Semiconductor

Part No. MC74VHC393
Description  Dual 4-Bit Binary Ripple Counter
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ONSEMI [ON Semiconductor]
Homepage  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74VHC393 Datasheet(HTML) 3 Page - ON Semiconductor

  MC74VHC393 Datasheet HTML 1Page - ON Semiconductor MC74VHC393 Datasheet HTML 2Page - ON Semiconductor MC74VHC393 Datasheet HTML 3Page - ON Semiconductor MC74VHC393 Datasheet HTML 4Page - ON Semiconductor MC74VHC393 Datasheet HTML 5Page - ON Semiconductor MC74VHC393 Datasheet HTML 6Page - ON Semiconductor MC74VHC393 Datasheet HTML 7Page - ON Semiconductor MC74VHC393 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
MC74VHC393
VHC Data – Advanced CMOS Logic
DL203 — Rev 1
3
MOTOROLA
DC ELECTRICAL CHARACTERISTICS
Unit
TA = – 40 to 85°C
TA = 25°C
VCC
V
Test Conditions
Parameter
Symbol
Unit
Max
Min
Max
Typ
Min
VCC
V
Test Conditions
Parameter
Symbol
Iin
Maximum Input
Leakage Current
Vin = 5.5V or GND
0 to 5.5
± 0.1
± 1.0
µA
ICC
Maximum Quiescent
Supply Current
Vin = VCC or GND
5.5
4.0
40.0
µA
AC ELECTRICAL CHARACTERISTICS (Input tr = tf = 3.0ns)
Sb l
P
T
C
di i
TA = 25°C
TA = – 40 to 85°C
Ui
Symbol
Parameter
Test Conditions
Min
Typ
Max
Min
Max
Unit
fmax
Maximum Clock Frequency
(50% Duty Cycle)
VCC = 3.3 ± 0.3V
CL = 15pF
CL = 50pF
75
45
120
65
65
35
ns
VCC = 5.0 ± 0.5V
CL = 15pF
CL = 50pF
125
85
170
115
105
75
tPLH,
tPHL
Maximum Propagation Delay,
CP to QA
VCC = 3.3 ± 0.3V
CL = 15pF
CL = 50pF
8.6
11.1
13.2
16.7
1.0
1.0
15.5
19.0
ns
VCC = 5.0 ± 0.5V
CL = 15pF
CL = 50pF
5.8
7.3
8.5
10.5
1.0
1.0
10.0
12.0
tPLH,
tPHL
Maximum Propagation Delay,
CP to QB
VCC = 3.3 ± 0.3V
CL = 15pF
CL = 50pF
10.2
12.7
15.8
19.3
1.0
1.0
18.5
22.0
ns
VCC = 5.0 ± 0.5V
CL = 15pF
CL = 50pF
6.8
8.3
9.8
11.8
1.0
1.0
11.5
13.5
tPLH,
tPHL
Maximum Propagation Delay,
CP to QC
VCC = 3.3 ± 0.3V
CL = 15pF
CL = 50pF
11.7
14.2
18.0
21.5
1.0
1.0
21.0
24.5
ns
VCC = 5.0 ± 0.5V
CL = 15pF
CL = 50pF
7.7
9.2
11.2
13.2
1.0
1.0
13.0
15.0
tPLH,
tPHL
Maximum Propagation Delay,
CP to QD
VCC = 3.3 ± 0.3V
CL = 15pF
CL = 50pF
13.0
15.5
19.7
23.2
1.0
1.0
23.0
26.5
ns
VCC = 5.0 ± 0.5V
CL = 15pF
CL = 50pF
8.5
10.0
12.5
14.5
1.0
1.0
14.5
16.5
tPHL
Maximum Propagation Delay,
RD to Qn
VCC = 3.3 ± 0.3V
CL = 15pF
CL = 50pF
7.9
10.4
12.3
15.8
1.0
1.0
14.5
18.0
ns
VCC = 5.0 ± 0.5V
CL = 15pF
CL = 50pF
5.4
6.9
8.1
10.1
1.0
1.0
9.5
11.5
tOSLH,
tOSHL
Output to Output Skew
VCC = 3.3 ± 0.3V
CL = 50pF
(Note NO TAG)
1.5
1.5
pF
VCC = 5.0 ± 0.5V
CL = 50pF
(Note NO TAG)
1.0
1.0
pF
Cin
Maximum Input Capacitance
4
10
10
pF
C
P
Di
i
i
C
i
(N
NO TAG)
Typical @ 25
°C, VCC = 5.0V
F
CPD
Power Dissipation Capacitance (Note NO TAG)
23
pF
1. Parameter guaranteed by design. tOSLH = |tPLHm – tPLHn|, tOSHL = |tPHLm – tPHLn|.
2. CPD is defined as the value of the internal equivalent capacitance which is calculated from the operating current consumption without load.
Average operating current can be obtained by the equation: ICC(OPR) = CPD  VCC  fin + ICC / 2 (per 4–bit counter). CPD is used to determine
the no–load dynamic power consumption; PD = CPD  VCC2  fin + ICC  VCC.


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
74LV393Dual 4-bit binary ripple counter 1 2 3 4 5 MoreNXP Semiconductors
74HC393Dual 4-bit binary ripple counter 1 2 3 4 5 MoreNXP Semiconductors
74HC393DUAL 4-BIT BINARY RIPPLE COUNTER 1 2 3 4 5 List of Unclassifed Manufacturers
74F393Dual 4-bit binary ripple counter 1 2 3 4 5 MoreNXP Semiconductors
MC84-74HC393Dual 4-Stage Binary Ripple Counter 1 2 3 4 5 MoreON Semiconductor
SL74HC393Dual 4-Stage Binary Ripple Counter 1 2 3 4 5 MoreSystem Logic Semiconductor
74HC4520Dual 4-bit synchronous binary counter 1 2 3 4 5 MoreNXP Semiconductors
CD74HC93High Speed CMOS Logic 4-Bit Binary Ripple Counter 1 2 3 4 5 MoreTexas Instruments
DM74LS193Synchronous 4-Bit Binary Counter with Dual Clock 1 2 3 4 5 MoreFairchild Semiconductor
74HC934-bit binary ripple counter 1 2 3 4 5 MoreNXP Semiconductors

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn