Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HS-565BRH Datasheet(PDF) 2 Page - Intersil Corporation

Part # HS-565BRH
Description  Radiation Hardened High Speed, Monolithic Digital-to-Analog Converter
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HS-565BRH Datasheet(HTML) 2 Page - Intersil Corporation

  HS-565BRH Datasheet HTML 1Page - Intersil Corporation HS-565BRH Datasheet HTML 2Page - Intersil Corporation HS-565BRH Datasheet HTML 3Page - Intersil Corporation HS-565BRH Datasheet HTML 4Page - Intersil Corporation HS-565BRH Datasheet HTML 5Page - Intersil Corporation HS-565BRH Datasheet HTML 6Page - Intersil Corporation HS-565BRH Datasheet HTML 7Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2
Pinouts
HS1-565BRH
MIL-STD-1835 CDIP2-T24
(SBDIP)
TOP VIEW
HS9-565BRH
MIL-STD-1835 CDFP4-F24
(CERAMIC FLATPACK)
TOP VIEW
1
2
3
4
5
6
7
8
9
10
11
12
16
17
18
19
20
21
22
23
24
15
14
13
NC
NC
VCC
REF OUT
REF GND
REF IN
-VEE
BIPOLAR RIN
IDAC OUT
10V SPAN
20V SPAN
PWR GND
BIT 1 IN (MSB)
BIT 3 IN
BIT 4 IN
BIT 5 IN
BIT 6 IN
BIT 8 IN
BIT 10 IN
BIT 11 IN
BIT 12 IN (LSB)
BIT 2 IN
BIT 7 IN
BIT 9 IN
24
23
22
21
20
19
18
17
16
15
14
13
2
3
4
5
6
7
8
9
10
11
12
1
NC
NC
VCC
REF OUT
REF GND
REF IN
-VEE
BIPOLAR RIN
IDAC OUT
10V SPAN
20V SPAN
PWR GND
BIT 1 IN
BIT 3 IN
BIT 4 IN
BIT 5 IN
BIT 6 IN
BIT 8 IN
BIT 10 IN
BIT 11 IN
BIT 12 IN
BIT 2 IN
BIT 7 IN
BIT 9 IN
(LSB)
(MSB)
HS-565BRH


Similar Part No. - HS-565BRH

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HS-565BRH INTERSIL-HS-565BRH_12 Datasheet
432Kb / 9P
   Radiation Hardened High Speed, Monolithic Digital-to-Analog Converter
More results

Similar Description - HS-565BRH

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HS-565BRH INTERSIL-HS-565BRH_12 Datasheet
432Kb / 9P
   Radiation Hardened High Speed, Monolithic Digital-to-Analog Converter
HS-565ARH INTERSIL-HS-565ARH_00 Datasheet
127Kb / 7P
   Radiation Hardened High Speed, Monolithic Digital-to-Analog Converter
HS-565ARH-T INTERSIL-HS-565ARH-T Datasheet
85Kb / 6P
   Radiation Hardened High Speed, Monolithic Digital-to-Analog Converter
HS-565ARH INTERSIL-HS-565ARH Datasheet
360Kb / 10P
   Radiation Hardened High Speed, Monolithic Digital-to-Analog Converter
HS-9008RH INTERSIL-HS-9008RH_05 Datasheet
179Kb / 4P
   Radiation Hardened CMOS 8-Bit Flash Analog-to-Digital Converter
HS-9008RH INTERSIL-HS-9008RH Datasheet
193Kb / 5P
   Radiation Hardened CMOS 8-Bit Flash Analog-to-Digital Converter
logo
Analog Devices
ADC1109 AD-ADC1109_15 Datasheet
1Mb / 4P
   HIGH SPEED ANALOG TO DIGITAL CONVERTER
ADC1102 AD-ADC1102_15 Datasheet
1Mb / 4P
   High Speed Analog to Digital Converter
logo
Texas Instruments
ADS1278-SP TI1-ADS1278-SP Datasheet
1Mb / 57P
[Old version datasheet]   Radiation Hardened 8-Ch Simultaneous-Sampling 24-Bit Analog-to-Digital Converter
logo
Renesas Technology Corp
ISL71710SLHM RENESAS-ISL71710SLHM Datasheet
657Kb / 17P
   Radiation Hardened Active-Input High Speed Digital Isolator
Jul 26, 2021
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com