Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HS-83C55RH Datasheet(PDF) 4 Page - Intersil Corporation

Part # HS-83C55RH
Description  Radiation Hardened 16K Bit CMOS ROM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HS-83C55RH Datasheet(HTML) 4 Page - Intersil Corporation

  HS-83C55RH Datasheet HTML 1Page - Intersil Corporation HS-83C55RH Datasheet HTML 2Page - Intersil Corporation HS-83C55RH Datasheet HTML 3Page - Intersil Corporation HS-83C55RH Datasheet HTML 4Page - Intersil Corporation HS-83C55RH Datasheet HTML 5Page - Intersil Corporation HS-83C55RH Datasheet HTML 6Page - Intersil Corporation HS-83C55RH Datasheet HTML 7Page - Intersil Corporation HS-83C55RH Datasheet HTML 8Page - Intersil Corporation HS-83C55RH Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
11-4
Specifications HS-83C55RH
Valid Out Delay from Read Control (Note 1)
TRD
9, 10, 11
-55oC, +25oC, +125oC-
140
ns
Address Stable to Data Out Valid (Note 2)
TAD
9, 10, 11
-55oC, +25oC, +125oC-
340
ns
Latch Enable Width
TLL
9, 10, 11
-55oC, +25oC, +125oC120
-
ns
Read/Write Control of Latch Enable
TCL
9, 10, 11
-55oC, +25oC, +125oC40
-
ns
Read/Write Control Width
TCC
9, 10, 11
-55oC, +25oC, +125oC200
-
ns
Data In to Write Setup Time
TDW
9, 10, 11
-55oC, +25oC, +125oC150
-
ns
Data In Hold Time After Write
TWD
9, 10, 11
-55oC, +25oC, +125oC10
-
ns
Write to Port Output
TWP
9, 10, 11
-55oC, +25oC, +125oC-
300
ns
Port Input Setup Time
TPR
9, 10, 11
-55oC, +25oC, +125oC50
-
ns
Port Input Hold Time
TRP
9, 10, 11
-55oC, +25oC, +125oC50
-
ns
Ready Hold Time
TRYH
9, 10, 11
-55oC, +25oC, +125oC0
160
ns
Address CE to Ready
TARY
9, 10, 11
-55oC, +25oC, +125oC-
160
ns
Recovery Time Between Controls
TRV
9, 10, 11
-55oC, +25oC, +125oC300
-
ns
NOTES:
1. Or TAD - (TAL + TLC), whichever is greater.
2. Defines ALE to Data Out Valid in conjunction with TAL.
TABLE 3. ELECTRICAL PERFORMANCE CHARACTERISTICS
PARAMETERS
SYMBOL
(NOTE 1)
CONDITIONS
TEMPERATURE
LIMITS
UNITS
MIN
MAX
Input Capacitance
CIN
VDD = Open, f = 1MHz
TA = +25oC
-
10
pF
I/O Capacitance
CI/O
VDD = Open, f = 1MHz
TA = +25oC
-
12
pF
Output Capacitance
COUT
VDD = Open, f = 1MHz
TA = +25oC
-
10
pF
NOTE:
1. All measurements referenced to device ground.
TABLE 4. POST 100K RAD ELECTRICAL PERFORMANCE CHARACTERISTICS
NOTE: The post irradiation test conditions and limits are the same as those listed in Table 1 and 2.
TABLE 5. BURN-IN DELTA PARAMETERS (+25oC)
PARAMETER
SYMBOL
DELTA LIMITS
Output Low Voltage
VOL
± 60mV
Output High Voltage
VOH
± 400mV
Input Leakage Current
IIL
± 100nA
Input Leakage Current
IIH
± 100nA
Static Current
IDDSB
±30µA
TABLE 2. AC ELECTRICAL PERFORMANCE CHARACTERISTICS (Continued)
AC Tests are Guaranteed Through Functional Testing with the Clock Period Equal to 500ns. TRDE + TRDF are the Only Read and Record
Parameters. Output Timings are Measured with a Capacitive Load CL = 170pF, VIH = 4.25, and VIL = 0.8V
PARAMETERS
SYMBOL
GROUP A
SUBGROUPS
TEMPERATURE
LIMITS
UNITS
MIN
MAX


Similar Part No. - HS-83C55RH

ManufacturerPart #DatasheetDescription
logo
Nel Frequency Controls,...
HS-830 NEL-HS-830 Datasheet
297Kb / 2P
   Crystal Clock Oscillators
More results

Similar Description - HS-83C55RH

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HS-80C86RH INTERSIL-HS-80C86RH_00 Datasheet
321Kb / 29P
   Radiation Hardened 16-Bit CMOS Microprocessor
logo
Renesas Technology Corp
HS-80C86RH RENESAS-HS-80C86RH Datasheet
1Mb / 30P
   Radiation Hardened 16-Bit CMOS Microprocessor
August 2000
logo
Intersil Corporation
HS-80C85RH INTERSIL-HS-80C85RH_02 Datasheet
908Kb / 16P
   Radiation Hardened 8-Bit CMOS Microprocessor
HS-80C85RH INTERSIL-HS-80C85RH Datasheet
159Kb / 19P
   Radiation Hardened 8-Bit CMOS Microprocessor
HS-80C86RH INTERSIL-HS-80C86RH Datasheet
239Kb / 37P
   Radiation Hardened 16-Bit CMOS Microprocessor
logo
National Semiconductor ...
COP888GD NSC-COP888GD Datasheet
437Kb / 42P
   8-Bit CMOS ROM Based Microcontrollers with 16k
logo
Zilog, Inc.
Z86C66 ZILOG-Z86C66 Datasheet
279Kb / 10P
   CMOS Z8 16K ROM Microcontroller
logo
Intersil Corporation
HS-6564RH INTERSIL-HS-6564RH Datasheet
673Kb / 9P
   Radiation Hardened 8K x 8, 16K x 4 CMOS RAM Module
HS-302RH INTERSIL-HS-302RH Datasheet
104Kb / 16P
   Radiation Hardened CMOS Analog Switches
HS-6664RH INTERSIL-HS-6664RH Datasheet
258Kb / 5P
   Radiation Hardened 8kx8 CMOS PROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com