Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

MC74VHC374 Datasheet(PDF) 4 Page - Motorola, Inc

Part No. MC74VHC374
Description  Octal D-Type Flip-Flop with 3-State Output
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MOTOROLA [Motorola, Inc]
Homepage  http://www.freescale.com
Logo 

MC74VHC374 Datasheet(HTML) 4 Page - Motorola, Inc

   
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
MC74VHC374
MOTOROLA
VHC Data – Advanced CMOS Logic
DL203 — Rev 1
4
NOISE CHARACTERISTICS (Input tr = tf = 3.0ns, CL = 50pF, VCC = 5.0V)
Sb l
P
TA = 25°C
Ui
Symbol
Parameter
Typ
Max
Unit
VOLP
Quiet Output Maximum Dynamic VOL
0.5
0.8
V
VOLV
Quiet Output Minimum Dynamic VOL
– 0.5
– 0.8
V
VIHD
Minimum High Level Dynamic Input Voltage
3.5
V
VILD
Maximum Low Level Dynamic Input Voltage
1.5
V
TIMING REQUIREMENTS (Input tr = tf = 3.0ns)
Sb l
P
T
C
di i
TA = 25°C
TA = – 40
to 85
°C
Ui
Symbol
Parameter
Test Conditions
Typ
Limit
Limit
Unit
tw
Minimum Pulse Width, CP
VCC = 3.3 ± 0.3 V
VCC = 5.0 ± 0.5 V
5.0
5.0
5.5
5.0
ns
tsu
Minimum Setup Time, D to CP
VCC = 3.3 ± 0.3 V
VCC = 5.0 ± 0.5 V
4.5
3.0
4.5
3.0
ns
th
Minimum Hold Time, D to CP
VCC = 3.3 ± 0.3 V
VCC = 5.0 ± 0.5 V
2.0
2.0
2.0
2.0
ns
tr, tf
Maximum Input Rise and Fall Times
VCC = 3.3 ± 0.3 V
VCC = 5.0 ± 0.5 V
ns
SWITCHING WAVEFORMS
Figure 1.
VCC
GND
50% VCC
50%
CP
tPLH
tPHL
Q
tW
1/fmax
50%
50% VCC
50% VCC
OE
Q
tPZL
tPLZ
tPZH tPHZ
VCC
GND
HIGH
IMPEDANCE
VOL +0.3V
VOH –0.3V
HIGH
IMPEDANCE
50%
D
CP
VCC
VCC
GND
GND
VALID
th
tsu
50%
Q
Figure 2.
Figure 3.


Html Pages

1  2  3  4  5  6  7 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn