Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMA510JC-45 Datasheet(PDF) 8 Page - Intersil Corporation

Part # HMA510JC-45
Description  16 x 16-Bit CMOS Parallel Multiplier Accumulator
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HMA510JC-45 Datasheet(HTML) 8 Page - Intersil Corporation

Back Button HMA510JC-45 Datasheet HTML 2Page - Intersil Corporation HMA510JC-45 Datasheet HTML 3Page - Intersil Corporation HMA510JC-45 Datasheet HTML 4Page - Intersil Corporation HMA510JC-45 Datasheet HTML 5Page - Intersil Corporation HMA510JC-45 Datasheet HTML 6Page - Intersil Corporation HMA510JC-45 Datasheet HTML 7Page - Intersil Corporation HMA510JC-45 Datasheet HTML 8Page - Intersil Corporation HMA510JC-45 Datasheet HTML 9Page - Intersil Corporation HMA510JC-45 Datasheet HTML 10Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
8
AC Test Circuit
NOTE: Includes Stray and Jig Capacitance
AC Testing Input, Output Waveforms
NOTE: AC Testing: All Parameters tested as per test circuit. Input
rise and fall times are driven at 1ns/V.
Output Delay
TD
-
25
-
30
ns
Three-State Enable Time
TENA
Note 4
-
25
-
30
ns
Three-State Disable Time
TDIS
Note 4
-
25
-
30
ns
Input Setup Time
TS
18
-
20
-
ns
Input Hold Time
TH
2-
2-
ns
Clock High Pulse Width
TPWH
15
-
20
-
ns
Clock Low Pulse Width
TPWL
15
-
20
-
ns
Output Rise Time
tR
From 0.8V to 2.0V
-
8
-
8
ns
Output Fall Time
tF
From 2.0V to 0.8V
-
8
-
8
ns
NOTES:
4. Transition is measured at
±200mV from steady state voltage with loading specified in AC Test Circuit; V1 = 1.5V, R1 = 500Ω and CL = 40pF.
5. For AC Test load, refer to AC Test Circuit with V1 = 2.4V, R1 = 500Ω and CL = 40pF.
AC Electrical Specifications VCC = 5.0V ±5%, TA = 0
oC to 70oC (Continued)
PARAMETER
SYMBOL
TEST CONDITIONS
HMA510-45
HMA510-55
UNITS
MIN
MAX
MIN
MAX
DUT
C1 (SEE NOTE)
V1
R1
0.3V
0V
VOH
VOL
1.5V
1.5V
Timing Diagram
FIGURE 9. SETUP AND HOLD TIME
FIGURE 10. THREE-STATE CONTROL
DATA
INPUT
CLOCK
INPUT
3.0V
1.5V
0V
3.0V
1.5V
0V
tS
tH
THREE
STATE
CONTROL
tDIS
tENA
1.5V
OUTPUT
STATE
HIGH IMPEDANCE
THREE


Similar Part No. - HMA510JC-45

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HMA510/883 INTERSIL-HMA510/883 Datasheet
180Kb / 9P
   16 x 16-Bit CMOS Parallel Multiplier Accumulator
HMA5101 INTERSIL-HMA5101 Datasheet
180Kb / 9P
   16 x 16-Bit CMOS Parallel Multiplier Accumulator
HMA510883 INTERSIL-HMA510883 Datasheet
180Kb / 9P
   16 x 16-Bit CMOS Parallel Multiplier Accumulator
HMA510GM-55/883 INTERSIL-HMA510GM-55/883 Datasheet
180Kb / 9P
   16 x 16-Bit CMOS Parallel Multiplier Accumulator
HMA510GM-55883 INTERSIL-HMA510GM-55883 Datasheet
180Kb / 9P
   16 x 16-Bit CMOS Parallel Multiplier Accumulator
More results

Similar Description - HMA510JC-45

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HMA5101 INTERSIL-HMA5101 Datasheet
180Kb / 9P
   16 x 16-Bit CMOS Parallel Multiplier Accumulator
logo
Integrated Device Techn...
IDT7210L IDT-IDT7210L Datasheet
167Kb / 10P
   16 x 16 PARALLEL CMOS MULTIPLIER-ACCUMULATOR
logo
LOGIC Devices Incorpora...
LMA1010 LODEV-LMA1010 Datasheet
192Kb / 7P
   16 x 16-bit Multiplier-Accumulator
logo
Intersil Corporation
HMU17 INTERSIL-HMU17 Datasheet
198Kb / 6P
   16 x 16-Bit CMOS Parallel Multiplier
HMU16 INTERSIL-HMU16 Datasheet
203Kb / 7P
   16 x 16-Bit CMOS Parallel Multiplier
logo
LOGIC Devices Incorpora...
LMU18 LODEV-LMU18 Datasheet
184Kb / 7P
   16 x 16-bit Parallel Multiplier
LMU217 LODEV-LMU217 Datasheet
178Kb / 6P
   16 x 16-bit Parallel multiplier
LMU16 LODEV-LMU16 Datasheet
188Kb / 7P
   16 x 16-bit Parallel Multiplier
logo
Intersil Corporation
HMU16JC-35 INTERSIL-HMU16JC-35 Datasheet
275Kb / 13P
   16 x 16-Bit CMOS Parallel Multipliers
logo
Mitel Networks Corporat...
PDSP16116 MITEL-PDSP16116 Datasheet
270Kb / 17P
   16 X 16 Bit Complex Multiplier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com