Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC74VHC373 Datasheet(PDF) 1 Page - Motorola, Inc

Part # MC74VHC373
Description  Octal D-Type Latch with 3-State Output
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC74VHC373 Datasheet(HTML) 1 Page - Motorola, Inc

  MC74VHC373 Datasheet HTML 1Page - Motorola, Inc MC74VHC373 Datasheet HTML 2Page - Motorola, Inc MC74VHC373 Datasheet HTML 3Page - Motorola, Inc MC74VHC373 Datasheet HTML 4Page - Motorola, Inc MC74VHC373 Datasheet HTML 5Page - Motorola, Inc MC74VHC373 Datasheet HTML 6Page - Motorola, Inc MC74VHC373 Datasheet HTML 7Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
1
REV 1
© Motorola, Inc. 1997
6/97
Octal D-Type Latch
with 3-State Output
The MC74VHC373 is an advanced high speed CMOS octal latch with
3–state output fabricated with silicon gate CMOS technology. It achieves
high speed operation similar to equivalent Bipolar Schottky TTL while
maintaining CMOS low power dissipation.
This 8–bit D–type latch is controlled by a latch enable input and an output
enable input. When the output enable input is high, the eight outputs are in a
high impedance state.
The internal circuit is composed of three stages, including a buffer output
which provides high noise immunity and stable output. The inputs tolerate
voltages up to 7V, allowing the interface of 5V systems to 3V systems.
• High Speed: tPD = 5.0ns (Typ) at VCC = 5V
• Low Power Dissipation: ICC = 4µA (Max) at TA = 25°C
• High Noise Immunity: VNIH = VNIL = 28% VCC
• Power Down Protection Provided on Inputs
• Balanced Propagation Delays
• Designed for 2V to 5.5V Operating Range
• Low Noise: VOLP = 0.9V (Max)
• Pin and Function Compatible with Other Standard Logic Families
• Latchup Performance Exceeds 300mA
• ESD Performance: HBM > 2000V; Machine Model > 200V
• Chip Complexity: 186 FETs or 46.5 Equivalent Gates
LOGIC DIAGRAM
DATA
INPUTS
D0
D1
D2
D3
D4
D5
D6
D7
18
17
14
13
8
7
4
3
1
OE
19
Q0
Q1
Q2
Q3
Q4
Q5
Q6
Q7
16
15
12
9
6
5
2
NONINVERTING
OUTPUTS
11
LE
OE
LE
Q
L
L
L
H
H
H
L
X
H
L
No Change
Z
INPUTS
OUTPUT
FUNCTION TABLE
D
H
L
X
X
MC74VHC373
DW SUFFIX
20–LEAD SOIC PACKAGE
CASE 751D–04
ORDERING INFORMATION
MC74VHCXXXDW
MC74VHCXXXDT
MC74VHCXXXM
SOIC
TSSOP
SOIC EIAJ
DT SUFFIX
20–LEAD TSSOP PACKAGE
CASE 948E–02
PIN ASSIGNMENT
Q2
D1
D0
Q0
OE
GND
Q3
D3
D2
Q1
5
4
3
2
1
10
9
8
7
6
14
15
16
17
18
19
20
11
12
13
Q6
D6
D7
Q7
VCC
LE
Q4
D4
D5
Q5
M SUFFIX
20–LEAD SOIC EIAJ PACKAGE
CASE 967–01


Similar Part No. - MC74VHC373

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74VHC373 ONSEMI-MC74VHC373 Datasheet
93Kb / 8P
   Octal D-Type Latch with 3-State Output
January, 2005 ??Rev. 6
MC74VHC373 ONSEMI-MC74VHC373 Datasheet
82Kb / 7P
   Octal D-Type Latch with 3-State Output
September, 2014 ??Rev. 8
MC74VHC373DTR2 ONSEMI-MC74VHC373DTR2 Datasheet
93Kb / 8P
   Octal D-Type Latch with 3-State Output
January, 2005 ??Rev. 6
MC74VHC373DWR2 ONSEMI-MC74VHC373DWR2 Datasheet
93Kb / 8P
   Octal D-Type Latch with 3-State Output
January, 2005 ??Rev. 6
MC74VHC373DWR2G ONSEMI-MC74VHC373DWR2G Datasheet
93Kb / 8P
   Octal D-Type Latch with 3-State Output
January, 2005 ??Rev. 6
More results

Similar Description - MC74VHC373

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74VHC573F TOSHIBA-TC74VHC573F Datasheet
259Kb / 7P
   OCTAL D-TYPE LATCH WITH 3-STATE OUTPUT
TC7MET573AFK TOSHIBA-TC7MET573AFK Datasheet
223Kb / 5P
   OCTAL D-TYPE LATCH WITH 3-STATE OUTPUT
logo
ON Semiconductor
MC74VHCT573A ONSEMI-MC74VHCT573A Datasheet
171Kb / 7P
   Octal D-Type Latch with 3-State Output
REV 0
logo
Toshiba Semiconductor
TC7MET573AFK TOSHIBA-TC7MET573AFK_07 Datasheet
187Kb / 7P
   Octal D-Type Latch with 3-State Output
TC74VHC573F TOSHIBA-TC74VHC573F_07 Datasheet
232Kb / 10P
   Octal D-Type Latch with 3-State Output
logo
ON Semiconductor
MC74VHC573 ONSEMI-MC74VHC573_11 Datasheet
149Kb / 9P
   Octal D-Type Latch with 3-State Output
May, 2011 ??Rev. 6
logo
Toshiba Semiconductor
TC74VHC373F TOSHIBA-TC74VHC373F Datasheet
260Kb / 7P
   OCTAL D-TYPE LATCH WITH 3-STATE OUTPUT
TC74VHCT573AF TOSHIBA-TC74VHCT573AF Datasheet
258Kb / 6P
   OCTAL D-TYPE LATCH WITH 3-STATE OUTPUT
TC74LVX373F TOSHIBA-TC74LVX373F_07 Datasheet
211Kb / 9P
   Octal D-Type Latch with 3-State Output
TC74VHCT373AF TOSHIBA-TC74VHCT373AF_07 Datasheet
228Kb / 9P
   Octal D-Type Latch with 3-State Output
TC7MET373AFK TOSHIBA-TC7MET373AFK Datasheet
188Kb / 7P
   Octal D-Type Latch with 3-State Output
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com