Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SN74HCS14 Datasheet(PDF) 12 Page - Texas Instruments

Part No. SN74HCS14
Description  SN74HCS14 Hex Inverter with Schmitt-Trigger Inputs
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74HCS14 Datasheet(HTML) 12 Page - Texas Instruments

Back Button SN74HCS14_V01 Datasheet HTML 8Page - Texas Instruments SN74HCS14_V01 Datasheet HTML 9Page - Texas Instruments SN74HCS14_V01 Datasheet HTML 10Page - Texas Instruments SN74HCS14_V01 Datasheet HTML 11Page - Texas Instruments SN74HCS14_V01 Datasheet HTML 12Page - Texas Instruments SN74HCS14_V01 Datasheet HTML 13Page - Texas Instruments SN74HCS14_V01 Datasheet HTML 14Page - Texas Instruments SN74HCS14_V01 Datasheet HTML 15Page - Texas Instruments SN74HCS14_V01 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 22 page
background image
1
2
3
4
5
6
7
14
13
12
11
10
9
8
1A
1Y
2Y
3A
3Y
GND
V
CC
6A
6Y
5Y
4A
4Y
GND
V
CC
5A
2A
0.1
F
Unused input
tied to GND
Bypass capacitor
placed close to
the device
Avoid 90°
corners for
signal lines
Recommend GND flood fill for
improved signal isolation, noise
reduction, and thermal dissipation
Unused output
left floating
Unused input
tied to VCC
12
SN74HCS14
SCLS799A – JANUARY 2020 – REVISED JUNE 2020
www.ti.com
Product Folder Links: SN74HCS14
Submit Documentation Feedback
Copyright © 2020, Texas Instruments Incorporated
10 Power Supply Recommendations
The power supply can be any voltage between the minimum and maximum supply voltage rating located in the
Recommended Operating Conditions. Each VCC terminal should have a good bypass capacitor to prevent power
disturbance. A 0.1-μF capacitor is recommended for this device. It is acceptable to parallel multiple bypass caps
to reject different frequencies of noise. The 0.1-μF and 1-μF capacitors are commonly used in parallel. The
bypass capacitor should be installed as close to the power terminal as possible for best results, as shown in
Figure 11.
11 Layout
11.1 Layout Guidelines
When using multiple-input and multiple-channel logic devices inputs must not ever be left floating. In many
cases, functions or parts of functions of digital logic devices are unused; for example, when only two inputs of a
triple-input AND gate are used or only 3 of the 4 buffer gates are used. Such unused input pins must not be left
unconnected because the undefined voltages at the outside connections result in undefined operational states.
All unused inputs of digital logic devices must be connected to a logic high or logic low voltage, as defined by the
input voltage specifications, to prevent them from floating. The logic level that must be applied to any particular
unused input depends on the function of the device. Generally, the inputs are tied to GND or VCC, whichever
makes more sense for the logic function or is more convenient.
11.2 Layout Example
Figure 11. Example layout for the SN74HCS14


Similar Part No. - SN74HCS14_V01

ManufacturerPart No.DatasheetDescription
Texas Instruments
Texas Instruments
SN74HCS14 TI-SN74HCS14_V02 Datasheet
1Mb / 25P
[Old version datasheet]   SN74HCS14 Automotive Hex Inverter with Schmitt-Trigger Inputs
SN74HCS14 TI-SN74HCS14_V03 Datasheet
2Mb / 32P
[Old version datasheet]   SN74HCS14 Hex Inverter with Schmitt-Trigger Inputs
DECEMBER 2021
More results

Similar Description - SN74HCS14_V01

ManufacturerPart No.DatasheetDescription
Texas Instruments
Texas Instruments
SN74HCS14 TI-SN74HCS14_V03 Datasheet
2Mb / 32P
[Old version datasheet]   SN74HCS14 Hex Inverter with Schmitt-Trigger Inputs
DECEMBER 2021
SN74HCS14 TI1-SN74HCS14 Datasheet
301Kb / 15P
[Old version datasheet]   SN74HCS14 Hex Inverter with Schmitt-Trigger Inputs
SN74HCS14 TI-SN74HCS14_V02 Datasheet
1Mb / 25P
[Old version datasheet]   SN74HCS14 Automotive Hex Inverter with Schmitt-Trigger Inputs
SN74HCS14-Q1 TI-SN74HCS14-Q1_V03 Datasheet
2Mb / 32P
[Old version datasheet]   SN74HCS14-Q1 Automotive Hex Inverter with Schmitt-Trigger Inputs
DECEMBER 2021
SN74HCS14-Q1 TI1-SN74HCS14-Q1 Datasheet
226Kb / 15P
[Old version datasheet]   SN74HCS14-Q1 Automotive Hex Inverter with Schmitt-Trigger Inputs
SN74HCS14-Q1 TI1-SN74HCS14-Q1_V01 Datasheet
344Kb / 18P
[Old version datasheet]   SN74HCS14-Q1 Automotive Hex Inverter with Schmitt-Trigger Inputs
SN74HCS14-Q1 TI-SN74HCS14-Q1_V02 Datasheet
1Mb / 28P
[Old version datasheet]   SN74HCS14-Q1 Automotive Automotive Hex Inverter with Schmitt-Trigger Inputs
Fairchild Semiconductor
Fairchild Semiconductor
DM74ALS14 FAIRCHILD-DM74ALS14 Datasheet
76Kb / 6P
   Hex Inverter with Schmitt Trigger Inputs
DM74LS14 FAIRCHILD-DM74LS14 Datasheet
61Kb / 5P
   Hex Inverter with Schmitt Trigger Inputs
National Semiconductor (TI)
National Semiconductor ...
DM74ALS14 NSC-DM74ALS14 Datasheet
177Kb / 6P
   Hex Inverter with Schmitt Trigger Inputs
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz