Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SN74HCS14 Datasheet(PDF) 10 Page - Texas Instruments

Part No. SN74HCS14
Description  SN74HCS14 Hex Inverter with Schmitt-Trigger Inputs
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74HCS14 Datasheet(HTML) 10 Page - Texas Instruments

Back Button SN74HCS14_V01 Datasheet HTML 6Page - Texas Instruments SN74HCS14_V01 Datasheet HTML 7Page - Texas Instruments SN74HCS14_V01 Datasheet HTML 8Page - Texas Instruments SN74HCS14_V01 Datasheet HTML 9Page - Texas Instruments SN74HCS14_V01 Datasheet HTML 10Page - Texas Instruments SN74HCS14_V01 Datasheet HTML 11Page - Texas Instruments SN74HCS14_V01 Datasheet HTML 12Page - Texas Instruments SN74HCS14_V01 Datasheet HTML 13Page - Texas Instruments SN74HCS14_V01 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
10
SN74HCS14
SCLS799A – JANUARY 2020 – REVISED JUNE 2020
www.ti.com
Product Folder Links: SN74HCS14
Submit Documentation Feedback
Copyright © 2020, Texas Instruments Incorporated
Typical Application (continued)
CAUTION
The maximum junction temperature, TJ(max) listed in the Absolute Maximum Ratings,
is an additional limitation to prevent damage to the device. Do not violate any values
listed in the Absolute Maximum Ratings. These limits are provided to prevent damage
to the device.
9.2.1.2 Input Considerations
Input signals must cross Vt-(min) to be considered a logic LOW, and Vt+(max) to be considered a logic HIGH. Do
not exceed the maximum input voltage range found in the Absolute Maximum Ratings.
Unused inputs must be terminated to either VCC or ground. These can be directly terminated if the input is
completely unused, or they can be connected with a pull-up or pull-down resistor if the input is to be used
sometimes, but not always. A pull-up resistor is used for a default state of HIGH, and a pull-down resistor is used
for a default state of LOW. The resistor size is limited by drive current of the controller, leakage current into the
SN74HCS14, as specified in the Electrical Characteristics, and the desired input transition rate. A 10-kΩ resistor
value is often used due to these factors.
The SN74HCS14 has no input signal transition rate requirements because it has Schmitt-trigger inputs.
Another benefit to having Schmitt-trigger inputs is the ability to reject noise. Noise with a large enough amplitude
can still cause issues. To know how much noise is too much, please refer to the ΔVT(min) in the Electrical
Characteristics. This hysteresis value will provide the peak-to-peak limit.
Unlike what happens with standard CMOS inputs, Schmitt-trigger inputs can be held at any valid value without
causing huge increases in power consumption. The typical additional current caused by holding an input at a
value other than VCC or ground is plotted in the Typical Characteristics.
Refer to the Feature Description for additional information regarding the inputs for this device.
9.2.1.3 Output Considerations
The positive supply voltage is used to produce the output HIGH voltage. Drawing current from the output will
decrease the output voltage as specified by the VOH specification in the Electrical Characteristics. Similarly, the
ground voltage is used to produce the output LOW voltage. Sinking current into the output will increase the
output voltage as specified by the VOL specification in the Electrical Characteristics. The plots in and provide a
typical relationship between output voltage and current for this device.
Unused outputs can be left floating.
Refer to Feature Description for additional information regarding the outputs for this device.
9.2.2 Detailed Design Procedure
1. Add a decoupling capacitor from VCC to GND. The capacitor needs to be placed physically close to the
device and electrically close to both the VCC and GND pins. An example layout is shown in the Layout.
2. Ensure the capacitive load at the output is
≤ 70 pF. This is not a hard limit, however it will ensure optimal
performance. This can be accomplished by providing short, appropriately sized traces from the SN74HCS14
to the receiving device.
3. Ensure the resistive load at the output is larger than (VCC / 25 mA) Ω. This will ensure that the maximum
output current from the Absolute Maximum Ratings is not violated. Most CMOS inputs have a resistive load
measured in megaohms; much larger than the minimum calculated above.
4. Thermal issues are rarely a concern for logic gates, however the power consumption and thermal increase
can be calculated using the steps provided in the application report, CMOS Power Consumption and Cpd
Calculation


Similar Part No. - SN74HCS14_V01

ManufacturerPart No.DatasheetDescription
Texas Instruments
Texas Instruments
SN74HCS14 TI-SN74HCS14_V02 Datasheet
1Mb / 25P
[Old version datasheet]   SN74HCS14 Automotive Hex Inverter with Schmitt-Trigger Inputs
SN74HCS14 TI-SN74HCS14_V03 Datasheet
2Mb / 32P
[Old version datasheet]   SN74HCS14 Hex Inverter with Schmitt-Trigger Inputs
DECEMBER 2021
More results

Similar Description - SN74HCS14_V01

ManufacturerPart No.DatasheetDescription
Texas Instruments
Texas Instruments
SN74HCS14 TI-SN74HCS14_V03 Datasheet
2Mb / 32P
[Old version datasheet]   SN74HCS14 Hex Inverter with Schmitt-Trigger Inputs
DECEMBER 2021
SN74HCS14 TI1-SN74HCS14 Datasheet
301Kb / 15P
[Old version datasheet]   SN74HCS14 Hex Inverter with Schmitt-Trigger Inputs
SN74HCS14 TI-SN74HCS14_V02 Datasheet
1Mb / 25P
[Old version datasheet]   SN74HCS14 Automotive Hex Inverter with Schmitt-Trigger Inputs
SN74HCS14-Q1 TI-SN74HCS14-Q1_V03 Datasheet
2Mb / 32P
[Old version datasheet]   SN74HCS14-Q1 Automotive Hex Inverter with Schmitt-Trigger Inputs
DECEMBER 2021
SN74HCS14-Q1 TI1-SN74HCS14-Q1 Datasheet
226Kb / 15P
[Old version datasheet]   SN74HCS14-Q1 Automotive Hex Inverter with Schmitt-Trigger Inputs
SN74HCS14-Q1 TI1-SN74HCS14-Q1_V01 Datasheet
344Kb / 18P
[Old version datasheet]   SN74HCS14-Q1 Automotive Hex Inverter with Schmitt-Trigger Inputs
SN74HCS14-Q1 TI-SN74HCS14-Q1_V02 Datasheet
1Mb / 28P
[Old version datasheet]   SN74HCS14-Q1 Automotive Automotive Hex Inverter with Schmitt-Trigger Inputs
Fairchild Semiconductor
Fairchild Semiconductor
DM74ALS14 FAIRCHILD-DM74ALS14 Datasheet
76Kb / 6P
   Hex Inverter with Schmitt Trigger Inputs
DM74LS14 FAIRCHILD-DM74LS14 Datasheet
61Kb / 5P
   Hex Inverter with Schmitt Trigger Inputs
National Semiconductor (TI)
National Semiconductor ...
DM74ALS14 NSC-DM74ALS14 Datasheet
177Kb / 6P
   Hex Inverter with Schmitt Trigger Inputs
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz