Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SN74HCS14 Datasheet(PDF) 6 Page - Texas Instruments

Part No. SN74HCS14
Description  SN74HCS14 Hex Inverter with Schmitt-Trigger Inputs
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74HCS14 Datasheet(HTML) 6 Page - Texas Instruments

Back Button SN74HCS14_V01 Datasheet HTML 2Page - Texas Instruments SN74HCS14_V01 Datasheet HTML 3Page - Texas Instruments SN74HCS14_V01 Datasheet HTML 4Page - Texas Instruments SN74HCS14_V01 Datasheet HTML 5Page - Texas Instruments SN74HCS14_V01 Datasheet HTML 6Page - Texas Instruments SN74HCS14_V01 Datasheet HTML 7Page - Texas Instruments SN74HCS14_V01 Datasheet HTML 8Page - Texas Instruments SN74HCS14_V01 Datasheet HTML 9Page - Texas Instruments SN74HCS14_V01 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
50%
Input
50%
VCC
0 V
50%
50%
VOH
VOL
tPLH
(1)
tPHL
(1)
VOH
VOL
tPHL
(1)
tPLH
(1)
Output
Output
50%
50%
VOH
VOL
Output
VCC
0 V
Input
tf
(1)
tr
(1)
90%
10%
90%
10%
tr
(1)
90%
10%
tf
(1)
90%
10%
CL
(1)
From Output
Under Test
Test
Point
6
SN74HCS14
SCLS799A – JANUARY 2020 – REVISED JUNE 2020
www.ti.com
Product Folder Links: SN74HCS14
Submit Documentation Feedback
Copyright © 2020, Texas Instruments Incorporated
7 Parameter Measurement Information
Phase relationships between waveforms were chosen arbitrarily. All input pulses are supplied by generators
having the following characteristics: PRR
≤ 1 MHz, ZO = 50 Ω, tt < 2.5 ns.
The outputs are measured one at a time, with one input transition per measurement.
CL= 50 pF and includes probe and jig capacitance.
Figure 5. Load Circuit
Figure 6. Voltage Waveforms
Transition Times
The maximum between tPLH and TPHL is used for tpd.
Figure 7. Voltage Waveforms
Propagation Delays


Similar Part No. - SN74HCS14_V01

ManufacturerPart No.DatasheetDescription
Texas Instruments
Texas Instruments
SN74HCS14 TI-SN74HCS14_V02 Datasheet
1Mb / 25P
[Old version datasheet]   SN74HCS14 Automotive Hex Inverter with Schmitt-Trigger Inputs
SN74HCS14 TI-SN74HCS14_V03 Datasheet
2Mb / 32P
[Old version datasheet]   SN74HCS14 Hex Inverter with Schmitt-Trigger Inputs
DECEMBER 2021
More results

Similar Description - SN74HCS14_V01

ManufacturerPart No.DatasheetDescription
Texas Instruments
Texas Instruments
SN74HCS14 TI-SN74HCS14_V03 Datasheet
2Mb / 32P
[Old version datasheet]   SN74HCS14 Hex Inverter with Schmitt-Trigger Inputs
DECEMBER 2021
SN74HCS14 TI1-SN74HCS14 Datasheet
301Kb / 15P
[Old version datasheet]   SN74HCS14 Hex Inverter with Schmitt-Trigger Inputs
SN74HCS14 TI-SN74HCS14_V02 Datasheet
1Mb / 25P
[Old version datasheet]   SN74HCS14 Automotive Hex Inverter with Schmitt-Trigger Inputs
SN74HCS14-Q1 TI-SN74HCS14-Q1_V03 Datasheet
2Mb / 32P
[Old version datasheet]   SN74HCS14-Q1 Automotive Hex Inverter with Schmitt-Trigger Inputs
DECEMBER 2021
SN74HCS14-Q1 TI1-SN74HCS14-Q1 Datasheet
226Kb / 15P
[Old version datasheet]   SN74HCS14-Q1 Automotive Hex Inverter with Schmitt-Trigger Inputs
SN74HCS14-Q1 TI1-SN74HCS14-Q1_V01 Datasheet
344Kb / 18P
[Old version datasheet]   SN74HCS14-Q1 Automotive Hex Inverter with Schmitt-Trigger Inputs
SN74HCS14-Q1 TI-SN74HCS14-Q1_V02 Datasheet
1Mb / 28P
[Old version datasheet]   SN74HCS14-Q1 Automotive Automotive Hex Inverter with Schmitt-Trigger Inputs
Fairchild Semiconductor
Fairchild Semiconductor
DM74ALS14 FAIRCHILD-DM74ALS14 Datasheet
76Kb / 6P
   Hex Inverter with Schmitt Trigger Inputs
DM74LS14 FAIRCHILD-DM74LS14 Datasheet
61Kb / 5P
   Hex Inverter with Schmitt Trigger Inputs
National Semiconductor (TI)
National Semiconductor ...
DM74ALS14 NSC-DM74ALS14 Datasheet
177Kb / 6P
   Hex Inverter with Schmitt Trigger Inputs
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz