Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SN74HCS14 Datasheet(PDF) 4 Page - Texas Instruments

Part No. SN74HCS14
Description  SN74HCS14 Hex Inverter with Schmitt-Trigger Inputs
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74HCS14 Datasheet(HTML) 4 Page - Texas Instruments

  SN74HCS14_V01 Datasheet HTML 1Page - Texas Instruments SN74HCS14_V01 Datasheet HTML 2Page - Texas Instruments SN74HCS14_V01 Datasheet HTML 3Page - Texas Instruments SN74HCS14_V01 Datasheet HTML 4Page - Texas Instruments SN74HCS14_V01 Datasheet HTML 5Page - Texas Instruments SN74HCS14_V01 Datasheet HTML 6Page - Texas Instruments SN74HCS14_V01 Datasheet HTML 7Page - Texas Instruments SN74HCS14_V01 Datasheet HTML 8Page - Texas Instruments SN74HCS14_V01 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
4
SN74HCS14
SCLS799A – JANUARY 2020 – REVISED JUNE 2020
www.ti.com
Product Folder Links: SN74HCS14
Submit Documentation Feedback
Copyright © 2020, Texas Instruments Incorporated
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
6.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human-body model (HBM), per
ANSI/ESDA/JEDEC JS-001(1)
±4000
V
Charged-device model (CDM), per JEDEC
specification JESD22-C101(2)
±1500
6.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
VCC
Supply voltage
2
5
6
V
VI
Input voltage
0
VCC
V
VO
Output voltage
0
VCC
V
TA
Ambient temperature
–40
125
°C
6.4 Thermal Information
THERMAL METRIC
SN74HCS14
UNIT
PW (TSSOP)
D (SOIC)
14 PINS
14 PINS
RθJA
Junction-to-ambient thermal resistance
151.7
133.6
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
79.4
89.0
°C/W
RθJB
Junction-to-board thermal resistance
94.7
89.5
°C/W
ΨJT
Junction-to-top characterization parameter
25.2
45.5
°C/W
ΨJB
Junction-to-board characterization parameter
94.1
89.1
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
N/A
N/A
°C/W
6.5 Electrical Characteristics
over operating free-air temperature range; typical values measured at TA = 25°C (unless otherwise noted).
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP
MAX UNIT
VT+
Positive switching threshold
2 V
0.7
1.5
V
4.5 V
1.7
3.15
6 V
2.1
4.2
VT-
Negative switching threshold
2 V
0.3
1.0
V
4.5 V
0.9
2.2
6 V
1.2
3.0
ΔVT
Hysteresis (VT+ - VT-)
2 V
0.2
1.0
V
4.5 V
0.4
1.4
6 V
0.6
1.6
VOH
High-level output voltage
VI = VIH or VIL
IOH = -20 µA
2 V to 6 V
VCC – 0.1
VCC – 0.002
V
IOH = -6 mA
4.5 V
4.0
4.3
IOH = -7.8 mA
6 V
5.4
5.75
VOL
Low-level output voltage
VI = VIH or VIL
IOL = 20 µA
2 V to 6 V
0.002
0.1
V
IOL = 6 mA
4.5 V
0.18
0.30
IOL = 7.8 mA
6 V
0.22
0.33
II
Input leakage current
VI = VCC or 0
6 V
±100
±1000
nA
ICC
Supply current
VI = VCC or 0, IO = 0
6 V
0.1
2
µA
Ci
Input capacitance
2 V to 6 V
5
pF


Similar Part No. - SN74HCS14_V01

ManufacturerPart No.DatasheetDescription
Texas Instruments
Texas Instruments
SN74HCS14 TI-SN74HCS14_V02 Datasheet
1Mb / 25P
[Old version datasheet]   SN74HCS14 Automotive Hex Inverter with Schmitt-Trigger Inputs
SN74HCS14 TI-SN74HCS14_V03 Datasheet
2Mb / 32P
[Old version datasheet]   SN74HCS14 Hex Inverter with Schmitt-Trigger Inputs
DECEMBER 2021
More results

Similar Description - SN74HCS14_V01

ManufacturerPart No.DatasheetDescription
Texas Instruments
Texas Instruments
SN74HCS14 TI-SN74HCS14_V03 Datasheet
2Mb / 32P
[Old version datasheet]   SN74HCS14 Hex Inverter with Schmitt-Trigger Inputs
DECEMBER 2021
SN74HCS14 TI1-SN74HCS14 Datasheet
301Kb / 15P
[Old version datasheet]   SN74HCS14 Hex Inverter with Schmitt-Trigger Inputs
SN74HCS14 TI-SN74HCS14_V02 Datasheet
1Mb / 25P
[Old version datasheet]   SN74HCS14 Automotive Hex Inverter with Schmitt-Trigger Inputs
SN74HCS14-Q1 TI-SN74HCS14-Q1_V03 Datasheet
2Mb / 32P
[Old version datasheet]   SN74HCS14-Q1 Automotive Hex Inverter with Schmitt-Trigger Inputs
DECEMBER 2021
SN74HCS14-Q1 TI1-SN74HCS14-Q1 Datasheet
226Kb / 15P
[Old version datasheet]   SN74HCS14-Q1 Automotive Hex Inverter with Schmitt-Trigger Inputs
SN74HCS14-Q1 TI1-SN74HCS14-Q1_V01 Datasheet
344Kb / 18P
[Old version datasheet]   SN74HCS14-Q1 Automotive Hex Inverter with Schmitt-Trigger Inputs
SN74HCS14-Q1 TI-SN74HCS14-Q1_V02 Datasheet
1Mb / 28P
[Old version datasheet]   SN74HCS14-Q1 Automotive Automotive Hex Inverter with Schmitt-Trigger Inputs
Fairchild Semiconductor
Fairchild Semiconductor
DM74ALS14 FAIRCHILD-DM74ALS14 Datasheet
76Kb / 6P
   Hex Inverter with Schmitt Trigger Inputs
DM74LS14 FAIRCHILD-DM74LS14 Datasheet
61Kb / 5P
   Hex Inverter with Schmitt Trigger Inputs
National Semiconductor (TI)
National Semiconductor ...
DM74ALS14 NSC-DM74ALS14 Datasheet
177Kb / 6P
   Hex Inverter with Schmitt Trigger Inputs
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz