Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HIP5500 Datasheet(PDF) 6 Page - Intersil Corporation

Part No. HIP5500
Description  High Voltage IC Half Bridge Gate Driver
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  INTERSIL [Intersil Corporation]
Homepage  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HIP5500 Datasheet(HTML) 6 Page - Intersil Corporation

Back Button HIP5500 Datasheet HTML 2Page - Intersil Corporation HIP5500 Datasheet HTML 3Page - Intersil Corporation HIP5500 Datasheet HTML 4Page - Intersil Corporation HIP5500 Datasheet HTML 5Page - Intersil Corporation HIP5500 Datasheet HTML 6Page - Intersil Corporation HIP5500 Datasheet HTML 7Page - Intersil Corporation HIP5500 Datasheet HTML 8Page - Intersil Corporation HIP5500 Datasheet HTML 9Page - Intersil Corporation HIP5500 Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6
FIGURE 7. SOFT-START CURRENT SOURCE CURRENT vs
TEMPERATURE AND VCC SUPPLY VOLTAGE
FIGURE 8. FAULT_NOT LOW LEVEL OUTPUT VOLTAGE vs
TEMPERATURE AND VCC SUPPLY VOLTAGE,
SINKING 5mA
FIGURE 9. CT RAMP TRIGGER AND DISCHARGE VOLTAGE
TRIP POINT vs TEMPERATURE AND VCC SUPPLY
VOLTAGE
FIGURE 10. CT TO RT CURRENT SOURCE RATIO vs
TEMPERATURE
FIGURE 11. SHUTDOWN THRESHOLD VOLTAGE (% OF VCC) vs TEMPERATURE AND VCC SUPPLY VOLTAGE
Typical Performance Curves All Curves are VCC = +15V, TA = +25oC, Unless Otherwise Specified (Continued)
-40
-20
0
+20
+40
+60
+80
+100
+120
80
90
100
110
120
TEMPERATURE (oC)
VCC = 15V
VCC = 12V
VCC = 10V
-40
-20
0
+20
+40
+60
+80
+100
+120
0.5
0.7
0.9
1.1
1.3
1.5
1.7
1.9
TEMPERATURE (oC)
VCC = 10V
VCC = 12V
VCC = 15V
-40
-20
0
+20
+40
+60
+80
+100
+120
0
20
40
60
80
100
TEMPERATURE (oC)
VCC = 15V
VCC = 12V
VCC = 10V
VCC = 15V
VCC = 12V
VCC = 10V
-40
-20
0
+20
+40
+60
+80
+100
+120
0.90
0.92
0.94
0.96
0.98
1.00
TEMPERATURE (oC)
-40
-20
0
+20
+40
+60
+80
+100
+120
25.0
25.5
26.0
26.5
27.0
27.5
TEMPERATURE (oC)
VCC = 15V
VCC = 12V
VCC = 10V
HIP5500


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
M81700FPHIGH VOLTAGE HALF BRIDGE DRIVER 1 2 3 4 5 Mitsubishi Electric Semiconductor
M81701FPHIGH VOLTAGE HALF BRIDGE DRIVER 1 2 3 4 5 Mitsubishi Electric Semiconductor
L6569HIGH VOLTAGE HALF BRIDGE DRIVER WITH OSCILLATOR 1 2 3 4 5 MoreSTMicroelectronics
M81702FPHIGH VOLTAGE HALF BRIDGE DRIVER 1 2 3 4 5 Mitsubishi Electric Semiconductor
L6571AHIGH VOLTAGE HALF BRIDGE DRIVER WITH OSCILLATOR 1 2 3 4 5 MoreSTMicroelectronics
M81703FPHIGH VOLTAGE HALF BRIDGE DRIVER 1 2 3 4 5 Mitsubishi Electric Semiconductor
M63954PHIGH VOLTAGE HALF BRIDGE DRIVER 1 2 3 4 5 MoreMitsubishi Electric Semiconductor
M63991FPHIGH VOLTAGE HALF BRIDGE DRIVER 1 2 3 4 5 MoreMitsubishi Electric Semiconductor
M63992FPHIGH VOLTAGE HALF BRIDGE DRIVER 1 2 3 4 5 MoreMitsubishi Electric Semiconductor
M63994PHIGH VOLTAGE HALF BRIDGE DRIVER 1 2 3 4 5 MoreMitsubishi Electric Semiconductor

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn