Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HIP5500 Datasheet(PDF) 4 Page - Intersil Corporation

Part No. HIP5500
Description  High Voltage IC Half Bridge Gate Driver
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  INTERSIL [Intersil Corporation]
Homepage  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HIP5500 Datasheet(HTML) 4 Page - Intersil Corporation

  HIP5500 Datasheet HTML 1Page - Intersil Corporation HIP5500 Datasheet HTML 2Page - Intersil Corporation HIP5500 Datasheet HTML 3Page - Intersil Corporation HIP5500 Datasheet HTML 4Page - Intersil Corporation HIP5500 Datasheet HTML 5Page - Intersil Corporation HIP5500 Datasheet HTML 6Page - Intersil Corporation HIP5500 Datasheet HTML 7Page - Intersil Corporation HIP5500 Datasheet HTML 8Page - Intersil Corporation HIP5500 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
Soft-Start VTHRESH, Low to High
VTSSHL
CT = 7.5V
7.5
7.8
8.1
7.4
8.2
V
Soft-Start VTHRESH, High to Low
VTSSLH
7.2
7.5
7.8
7.1
7.9
V
OSC Input Upper Threshold
VTCTLH
9.8
10.4
11.0
9.7
11.1
V
OSC Input Upper Threshold
VTCTHL
CT to DIS
5.0
5.6
6.2
4.9
6.3
V
Oscillator Upper to Lower
Threshold Difference
VCTDIF
VTCTLH - VTCTHL
4.5
4.8
5.1
4.4
5.2
V
OSC_OUT RDSON, Sinking
OSCRDSLIOSC_OUT = -50mA
5
8.5
12
2
17
OSC_OUT RDSON, Sourcing
OSCRDHIOSC_OUT = 50mA
14
19
30
9
40
DIS Output On Resistance
RDSDIS
IDIS = 10mA
75
115
150
-
200
FLT
Output On Resistance
RDSFLT
IFLT = 5mA
100
165
230
40
320
Dynamic Electrical Specifications VCC = VBS = +15V, GND = 0V, Unless Otherwise Specified
PARAMETER
SYMBOL
TEST CONDITIONS
TJ = +25oC
TJ = -40oC
TO +125oC
UNITS
MIN
TYP
MAX
MIN
MAX
Turn-On Rise Time, HO, LO
tDR
CL = 2000pF
-
-
50
-
-
ns
Turn-Off Fall Time, HO, LO
tDF
CL = 2000pF
-
-
50
-
-
ns
Turn-On Rise Time, HO, LO
tDNR
CBUF = 200pF
-
25
35
-
-
ns
Turn-Off Fall Time, HO, LO
tDNF
CBUF = 200pF
-
25
35
-
-
ns
CT Fall to LO/HO Rise
TPCTLH
CT = VTCTHL
LO/HO LOAD = 200pF
-
475
700
-
925
ns
CT Rise to LO/HO Fall
TPCTHL
CT = VTCTLH
LO/HO LOAD = 200pF
-
475
700
-
925
ns
LO-HO Prop Delay Mismatch
Delmatch
TPCTLH and TPCTHL
-
60
---ns
CT Rise to DIS Fall
TPCTDISHL
CT = VTCTHL
-
300
450
-
475
ns
CT Fall to DIS Rise
TPCTDISLH
CT = VTCTLH
-
600
800
-
825
ns
Minimum Dead Time
tDTMIN
-
200
---ns
Short Detect Propagation Delay
tSDLO/HO
SD = VTHSD, LO/HO = 200pF
-
425
850
-
1100
ns
Soft-Start Propagation Delay
Time
tSSDLY
SS = VTSSLH, LO/HO =
200pF
-
500
750
-
775
ns
Electrical Specifications VCC = VBS = +15V, VS = GND = 0V, Unless Otherwise Specified (Continued)
PARAMETER
SYMBOL
TEST CONDITIONS
TJ = +25oC
TJ = -40oC
TO +125oC
UNITS
MIN
TYP
MAX
MIN
MAX
HIP5500


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
M81700FPHIGH VOLTAGE HALF BRIDGE DRIVER 1 2 3 4 5 Mitsubishi Electric Semiconductor
M81701FPHIGH VOLTAGE HALF BRIDGE DRIVER 1 2 3 4 5 Mitsubishi Electric Semiconductor
L6569HIGH VOLTAGE HALF BRIDGE DRIVER WITH OSCILLATOR 1 2 3 4 5 MoreSTMicroelectronics
M81702FPHIGH VOLTAGE HALF BRIDGE DRIVER 1 2 3 4 5 Mitsubishi Electric Semiconductor
L6571AHIGH VOLTAGE HALF BRIDGE DRIVER WITH OSCILLATOR 1 2 3 4 5 MoreSTMicroelectronics
M81703FPHIGH VOLTAGE HALF BRIDGE DRIVER 1 2 3 4 5 Mitsubishi Electric Semiconductor
M63954PHIGH VOLTAGE HALF BRIDGE DRIVER 1 2 3 4 5 MoreMitsubishi Electric Semiconductor
M63991FPHIGH VOLTAGE HALF BRIDGE DRIVER 1 2 3 4 5 MoreMitsubishi Electric Semiconductor
M63992FPHIGH VOLTAGE HALF BRIDGE DRIVER 1 2 3 4 5 MoreMitsubishi Electric Semiconductor
M63994PHIGH VOLTAGE HALF BRIDGE DRIVER 1 2 3 4 5 MoreMitsubishi Electric Semiconductor

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn