Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HIP5500 Datasheet(PDF) 3 Page - Intersil Corporation

Part No. HIP5500
Description  High Voltage IC Half Bridge Gate Driver
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  INTERSIL [Intersil Corporation]
Homepage  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HIP5500 Datasheet(HTML) 3 Page - Intersil Corporation

  HIP5500 Datasheet HTML 1Page - Intersil Corporation HIP5500 Datasheet HTML 2Page - Intersil Corporation HIP5500 Datasheet HTML 3Page - Intersil Corporation HIP5500 Datasheet HTML 4Page - Intersil Corporation HIP5500 Datasheet HTML 5Page - Intersil Corporation HIP5500 Datasheet HTML 6Page - Intersil Corporation HIP5500 Datasheet HTML 7Page - Intersil Corporation HIP5500 Datasheet HTML 8Page - Intersil Corporation HIP5500 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3
Absolute Maximum Ratings
Thermal Information
Offset Supply Voltage, VS . . . . . . . . . . . . . . . . . . . . . -VBS to +500V
Floating Supply Voltage (VB to VS) . . . . . . . . . . . . . . -0.3V to +18V
High Side Channel Output Voltage, VHO, VNHO . VS-0.5 to VB+0.5
Fixed Supply Voltage, VCC . . . . . . . . . . . . . . . . . . . . -0.5V to +18V
Low Side Channel Output Voltage . . . . . . . . . . . -0.5V to VCC +0.5V
All Other Pin Voltages
(SD, RT, CT, DIS, SS, EN and FLT). . . . . . . . . -0.5V to VCC +0.5V
Storage Temperature Range . . . . . . . . . . . . . . . . . -40oC to +150oC
Junction Temperature. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +125oC
Lead Temperature (Soldering 10s). . . . . . . . . . . . . . . . . . . . +300oC
(SOIC - Lead Tips Only)
Offset Supply Maximum dv/dt, dVS/dt . . . . . . . . . . . . . . . . . . 50V/ns
ESD Classification . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Class 1
Thermal Resistance
θJA
Plastic DIP Package . . . . . . . . . . . . . . . . . . . . . . . . . . .
75oC/W
Plastic SOIC Package. . . . . . . . . . . . . . . . . . . . . . . . . .
80oC/W
See Maximum Power Dissipation vs Temperature Curve Figure 21
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation
of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
Recommended Operating Conditions (TJ = -40oC to +125oC Unless Otherwise Noted, All Voltages Referenced to VSS)
Offset Supply Voltage, VS . . . . . . . . . . . . . . . . . . . . -2.0V to +500V
Floating Supply Voltage, VBS (VB to VS) . . . . . . . . . . +10V to +15V
High Side Channel Output Voltage, VHO,VNHO . . . . . . . 0V to VBS
Fixed Supply Voltage, VCC . . . . . . . . . . . . . . . . . . . . +10V to +15V
Low Side Channel Output Voltage, VLO,VNLO. . . . . . . . . 0V to VCC
All Other Pin Voltages (SD, RT, CT, DIS, SS, FLT and EN) 0V to VCC
Discharge Time Constant . . . . . . . . . . . . . . . . . . . . . . . . . 100ns Min
Discharge Resistor Range, RDIS . . . . . . . . . . . . . . . . . 1kΩ to 50kΩ
Charging Resistor Range, RT. . . . . . . . . . . . . . . . . .6.8kΩ to 400kΩ
Oscillator Capacitor Range, CT. . . . . . . . . . . . . . . . . 100pF to 0.1µF
Oscillator Frequency Range . . . . . . . . . . . . . . . . . . . . . 300kHz Max
Oscillator Capacitor Charge Current Range, IRT . . . . .21µA to 5mA
Electrical Specifications VCC = VBS = +15V, VS = GND = 0V, Unless Otherwise Specified
PARAMETER
SYMBOL
TEST CONDITIONS
TJ = +25oC
TJ = -40oC
TO +125oC
UNITS
MIN
TYP
MAX
MIN
MAX
Quiescent VCC Current
IQCC
-
5.5
7.0
-
8.0
mA
Quiescent VBS Current
IQBS
-
300
400
-
435
µA
Quiescent Leakage Current
ILK
(VS - GND) = 5.0V
-
0.4
3.0
-
-
µA
Standby VCC Current
ISTBY
RT = 0
-
2.0
3.5
-
5.0
mA
SS Current Source
ISFT/PWM
1/3VCC < VSFT < 2/3VCC
70
110
145
60
160
µA
Input Threshold
VEN
Low to High Transition
7.5
7.8
8.5
7.4
8.6
V
Input Hysteresis
VEN-HYS
-
2
---
V
Undervoltage Threshold
VUVHL
High to Low Transition
7.7
8.6
9.5
7.4
9.6
V
Undervoltage Threshold
VUVLH
Low to High Transition
7.9
8.8
9.7
7.6
9.8
V
Undervoltage Hysteresis
VUVHYS
0.08
0.3
0.7
0.05
0.75
V
Short Detect Threshold
VTHSD
3.5
4.0
4.5
3.4
4.6
V
CT/RT Current Ratio
ICTRAT
IRT = 100µA,
VCC/3 < VCT < 2/3VCC
0.9
1
1.1
0.85
1.15
µA
HO, LO Peak Output Current
IOUT+
Sourcing, LO, HO = GND
1.5
1.95
-
1.0
-
A
HO, LO Peak Output Current
IOUT-
Sinking, LO, HO = VCC = VBS
1.5
2.0
-
1.0
-
A
LO
, HO Peak Output Current
IBUF+Sourcing, LO, HO = Vss
170
250
-
110
-
mA
LO
, HO Peak Output Current
IBUF -Sinking, LO, HO = VCC = VBS
170
230
-
110
-
mA
HIP5500


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
M81700FPHIGH VOLTAGE HALF BRIDGE DRIVER 1 2 3 4 5 Mitsubishi Electric Semiconductor
M81701FPHIGH VOLTAGE HALF BRIDGE DRIVER 1 2 3 4 5 Mitsubishi Electric Semiconductor
L6569HIGH VOLTAGE HALF BRIDGE DRIVER WITH OSCILLATOR 1 2 3 4 5 MoreSTMicroelectronics
M81702FPHIGH VOLTAGE HALF BRIDGE DRIVER 1 2 3 4 5 Mitsubishi Electric Semiconductor
L6571AHIGH VOLTAGE HALF BRIDGE DRIVER WITH OSCILLATOR 1 2 3 4 5 MoreSTMicroelectronics
M81703FPHIGH VOLTAGE HALF BRIDGE DRIVER 1 2 3 4 5 Mitsubishi Electric Semiconductor
M63954PHIGH VOLTAGE HALF BRIDGE DRIVER 1 2 3 4 5 MoreMitsubishi Electric Semiconductor
M63991FPHIGH VOLTAGE HALF BRIDGE DRIVER 1 2 3 4 5 MoreMitsubishi Electric Semiconductor
M63992FPHIGH VOLTAGE HALF BRIDGE DRIVER 1 2 3 4 5 MoreMitsubishi Electric Semiconductor
M63994PHIGH VOLTAGE HALF BRIDGE DRIVER 1 2 3 4 5 MoreMitsubishi Electric Semiconductor

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn