Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS280DF810 Datasheet(PDF) 16 Page - Texas Instruments

Part # DS280DF810
Description  DS280DF810 28 Gbps Multi-Rate 8-Channel Retimer
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DS280DF810 Datasheet(HTML) 16 Page - Texas Instruments

Back Button DS280DF810_V01 Datasheet HTML 12Page - Texas Instruments DS280DF810_V01 Datasheet HTML 13Page - Texas Instruments DS280DF810_V01 Datasheet HTML 14Page - Texas Instruments DS280DF810_V01 Datasheet HTML 15Page - Texas Instruments DS280DF810_V01 Datasheet HTML 16Page - Texas Instruments DS280DF810_V01 Datasheet HTML 17Page - Texas Instruments DS280DF810_V01 Datasheet HTML 18Page - Texas Instruments DS280DF810_V01 Datasheet HTML 19Page - Texas Instruments DS280DF810_V01 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 51 page
background image
16
DS280DF810
SNLS538A – SEPTEMBER 2016 – REVISED OCTOBER 2019
www.ti.com
Product Folder Links: DS280DF810
Submit Documentation Feedback
Copyright © 2016–2019, Texas Instruments Incorporated
8 Detailed Description
8.1 Overview
The DS280DF810 is an eight-channel multi-rate retimer with integrated signal conditioning. Each of the eight
channels operates independently. Each channel includes a continuous-time linear equalizer (CTLE) and a
Decision Feedback Equalizer (DFE), which together compensate for the presence of a dispersive transmission
channel between the source transmitter and the DS280DF810 receiver. The CTLE and DFE are self-adaptive.
Each channel includes an independent voltage-controlled oscillator (VCO) and phase-locked loop (PLL) which
produce a clean clock that is frequency-locked to the clock embedded in the input data stream. The high-
frequency jitter on the incoming data is attenuated by the PLL, producing a clean clock with substantially-reduced
jitter. This clean clock is used to re-time the incoming data, removing high-frequency jitter from the data stream
and reproducing the data on the output with significantly-reduced jitter.
Each channel of the DS280DF810 features an output driver with adjustable differential output voltage and output
equalization in the form of a three-tap finite impulse response (FIR) filter. The output FIR compensates for
dispersion in the transmission channel at the output of the DS280DF810.
All transmit and receive channels on the DS280DF810 are AC-coupled with physical AC-coupling capacitors (220
nF +/- 20%) on the package substrate. This ensures common mode voltage compatibility with all link partners
and eliminates the need for AC coupling capacitors on the system PCB, thereby saving cost and greatly reducing
PCB routing complexity.
Between each group of two adjacent channels (e.g. between channels 0–1, 2–3, 4–5, and 6–7) is a full 2x2
cross-point switch. This allows multiplexing and de-multiplexing and fanout applications for fail-over redundancy,
as well as cross-over applications to aid PCB routing.
Each channel also includes diagnostic features such as a Pseudo Random Bit Sequence (PRBS) pattern
generator and checker, as well as a non-destructive eye opening monitor (EOM). The EOM can be used to plot
the post-equalized eye at the input to the decision slicer or simply to read the horizontal eye opening (HEO) and
vertical eye opening (VEO).
The DS280DF810 is configurable through a single SMBus port. The DS280DF810 can also act as an SMBus
master to configure itself from an EEPROM. Up to sixteen DS280DF810 devices can share a single SMBus.
The sections which follow describe the functionality of various circuits and features within the DS280DF810. For
more information about how to program or operate these features, consult the DS280DF810 Programming
Guide.


Similar Part No. - DS280DF810_V01

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS280DF810ABVR TI1-DS280DF810ABVR Datasheet
332Kb / 11P
[Old version datasheet]   28 Gbps Multi-Rate 8-Channel Retimer
DS280DF810ABVT TI1-DS280DF810ABVT Datasheet
332Kb / 11P
[Old version datasheet]   28 Gbps Multi-Rate 8-Channel Retimer
More results

Similar Description - DS280DF810_V01

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS280DF810 TI1-DS280DF810 Datasheet
332Kb / 11P
[Old version datasheet]   28 Gbps Multi-Rate 8-Channel Retimer
DS250DF810 TI1-DS250DF810 Datasheet
899Kb / 12P
[Old version datasheet]   25 Gbps Multi-Rate 8-Channel Retimer
DS250DF410 TI1-DS250DF410 Datasheet
351Kb / 10P
[Old version datasheet]   25 Gbps Multi-Rate 4-Channel Retimer
DS250DF210 TI1-DS250DF210 Datasheet
899Kb / 12P
[Old version datasheet]   25-Gbps Multi-Rate 2-Channel Retimer
DS250DF230 TI1-DS250DF230 Datasheet
274Kb / 11P
[Old version datasheet]   25-Gbps Multi-Rate 2-Channel Retimer
DS560DF810 TI-DS560DF810 Datasheet
647Kb / 12P
[Old version datasheet]   DS560DF810 56 Gbps Multi-Rate 8-Channel Retimer with Crosspoint
REVISED DECEMBER 2022
DS250DF230 TI-DS250DF230_V01 Datasheet
2Mb / 105P
[Old version datasheet]   DS250DF230 25-Gbps Multi-Rate 2-Channel Retimer
DS560DF410 TI-DS560DF410 Datasheet
553Kb / 9P
[Old version datasheet]   DS560DF410 56 Gbps Multi-Rate 4-Channel Retimer with Crosspoint
MARCH 2023
DS125DF410 TI1-DS125DF410 Datasheet
214Kb / 5P
[Old version datasheet]   Low Power Multi-Rate Quad Channel Retimer
DS110DF410 TI1-DS110DF410_15 Datasheet
1Mb / 61P
[Old version datasheet]   Low Power Multi-Rate Quad Channel Retimer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com