Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HIP5062DY Datasheet(PDF) 6 Page - Intersil Corporation

Part # HIP5062DY
Description  Power Control IC Single Chip Dual Switching Power Supply
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HIP5062DY Datasheet(HTML) 6 Page - Intersil Corporation

  HIP5062DY Datasheet HTML 1Page - Intersil Corporation HIP5062DY Datasheet HTML 2Page - Intersil Corporation HIP5062DY Datasheet HTML 3Page - Intersil Corporation HIP5062DY Datasheet HTML 4Page - Intersil Corporation HIP5062DY Datasheet HTML 5Page - Intersil Corporation HIP5062DY Datasheet HTML 6Page - Intersil Corporation HIP5062DY Datasheet HTML 7Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
6
32
CKIN
Clock input when XCKS is grounded.
33
XCKS
Grounding this terminal provides for the application of an external clock to CKIN input terminal.
For normal internal clock operation, this terminal may be left floating or returned to 12V. There
is an internal 30K pull-up resistor on this terminal.
34
DGND
Ground of the DMOS gate drivers. This pad is used for bypassing.
35
AGND
Analog ground.
36
VINP
Internal 5.1V reference. This point is usually bypassed.
37
IRFO2
A resistor placed between this pad and IRFI2 converts the VCMP2 signal to a current for the cur-
rent sense comparator. The maximum current set by the value of the resistor, according to the
equation: IPEAK = 16/R. Where R is the value of the external resistor in KΩ and must be greater
than 1.5K
Ω but less than 10KΩ. For example, if the resistor chosen is 1.8K, the peak current will
be 8.8A. This assumes VCMP2 is 7.3V. Maximum output current should be kept below 10A.
38
IRFI2
See IRFO2.
39
TMON
This is the thermal shut down pad than can be used to disable the thermal shutdown circuit. By
returning this pad to VDDA or 12V the function is disabled. Returning this pad to ground will put
the IC into the thermal shutdown state. Thermal shutdown occurs at a nominal junction temper-
ature or +120oC. This terminal is normally returned to ground.
40
V+
This is the main supply voltage input pad to the regulator IC. Because of the high peak currents
this pad must be well bypassed with at least a 0.1
µF capacitor.
Pin Descriptions (Continued)
PAD NUMBER
DESIGNATION
DESCRIPTION
HIP5062


Similar Part No. - HIP5062DY

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HIP5060 INTERSIL-HIP5060 Datasheet
615Kb / 6P
   Power Control IC Single Chip PowerSupply
HIP5060DW INTERSIL-HIP5060DW Datasheet
615Kb / 6P
   Power Control IC Single Chip PowerSupply
HIP5060DY INTERSIL-HIP5060DY Datasheet
615Kb / 6P
   Power Control IC Single Chip PowerSupply
HIP5061 INTERSIL-HIP5061 Datasheet
158Kb / 20P
   7A, High Efficiency Current Mode Controlled PWM Regulator
HIP5061DS INTERSIL-HIP5061DS Datasheet
158Kb / 20P
   7A, High Efficiency Current Mode Controlled PWM Regulator
More results

Similar Description - HIP5062DY

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HIP5063 INTERSIL-HIP5063 Datasheet
549Kb / 4P
   Power Control IC Single Chip Power Supply
logo
Fuji Electric
FA5546 FUJI-FA5546 Datasheet
667Kb / 27P
   Switching Power Supply Control IC
FA5640 FUJI-FA5640 Datasheet
767Kb / 35P
   Fuji Switching Power Supply Control IC
FA5695 FUJI-FA5695 Datasheet
739Kb / 21P
   Fuji Switching Power Supply Control IC
FA5626 FUJI-FA5626 Datasheet
602Kb / 27P
   Fuji Switching Power Supply Control IC
FA5639 FUJI-FA5639 Datasheet
452Kb / 21P
   Fuji Switching Power Supply Control IC
logo
List of Unclassifed Man...
FA551 ETC1-FA551 Datasheet
259Kb / 22P
   CMOS IC For Switching Power Supply Control
logo
Fuji Electric
FA13842 FUJI-FA13842 Datasheet
151Kb / 15P
   CMOS IC(For Switching Power Supply Control)
FA7613CP FUJI-FA7613CP Datasheet
55Kb / 5P
   Bipolar IC For Switching Power Supply Control
FA7622CP FUJI-FA7622CP Datasheet
67Kb / 8P
   Bipolar IC For Switching Power Supply Control
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com