Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

1200270127 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part No. 1200270127
Description  Nano-Change (M8) Single-Ended Cordset, 4 Poles, Female (Straight) to Pigtail
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.

1200270127 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  1200270127 Datasheet HTML 1Page - Molex Electronics Ltd. 1200270127 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This document was generated on 05/28/2020
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
1200270127
Status:
Active
Overview:
Brad Nano-Change (M8) Products
Description:
Nano-Change (M8) Single-Ended Cordset, 4 Poles, Female (Straight) to Pigtail,
0.25mm² PVC Cable, 2.0m (6.56') Length
Documents:
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Agency Certification
UL
E152210
General
Product Family
Industrial Cordsets
Series
120027
Connector End A
Nano-Change (M8)
Connector End B
Pigtail
IP Rating
IP67
Material - Contact
Copper Alloy
Overview
Brad Nano-Change (M8) Products
Product Name
Nano-Change (M8)
Protocol
N/A
Region
Europe
Type
Single Ended
UPC
883906026349
Physical
Cable Diameter
5.08mm (.200")
Cable Length
2.0m (6.56')
Color - Cable Jacket
Black
Coupling Style
Threaded
Gender
Female-Pigtail
Keyway
Single
LED Indicator
No
Material - Cable Jacket
PVC
Material - Connector Body
PUR
Material - Coupling Nut
Nickel-plated Brass
Material - O-Ring
Fluoro-elastomer
Material - Plating Mating
Gold
Net Weight
69.861/g
Orientation
Straight to Pigtail
Poles
4
Temperature Range - Operating
-25°C to +80°C
Wire Size AWG
N/A
Wire/Cable Type
UL 2464
Electrical
Current - Maximum per Contact
3.0A
Voltage - Maximum
60V
Material Info
Engineering Number
404000E02M020
Reference - Drawing Numbers
Sales Drawing
1200860594-000
Series image - Reference only
EU ELV
Not Relevant
EU RoHS
China RoHS
Compliant with
Exemption 6(c)
REACH SVHC
Not Contained Per -
ED/71/2019 (16 July
2019)
Halogen-Free
Status
Not Low-Halogen
For more information, please visit Contact US
China ROHS
50 Image
ELV
Not Relevant
RoHS Phthalates
Not Contained
Search Parts in this Series
120027 Series


Html Pages

1  2 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn