Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HI-5700 Datasheet(PDF) 4 Page - Intersil Corporation

Part # HI-5700
Description  8-Bit, 20 MSPS Flash A/D Converter
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HI-5700 Datasheet(HTML) 4 Page - Intersil Corporation

  HI-5700 Datasheet HTML 1Page - Intersil Corporation HI-5700 Datasheet HTML 2Page - Intersil Corporation HI-5700 Datasheet HTML 3Page - Intersil Corporation HI-5700 Datasheet HTML 4Page - Intersil Corporation HI-5700 Datasheet HTML 5Page - Intersil Corporation HI-5700 Datasheet HTML 6Page - Intersil Corporation HI-5700 Datasheet HTML 7Page - Intersil Corporation HI-5700 Datasheet HTML 8Page - Intersil Corporation HI-5700 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4-1494
Specifications HI-5700
ANALOG INPUTS
Analog Input Resistance, RIN
Analog Input Capacitance, CIN
Analog Input Bias Current, IB
VIN = 4V
VIN = 0V
VIN = 0V, 4V
4
-
-
10
60
±0.01
-
-
±1.0
-
-
-
-
-
±1.0
M
pF
µA
REFERENCE INPUTS
Total Reference Resistance, RL
250
330
-
235
-
Reference Resistance Tempco, TC
-
+0.31
-
-
-
Ω/°C
DIGITAL INPUTS
Input Logic High Voltage, VIH
Input Logic Low Voltage, VIL
Input Logic High Current, IIH
Input Logic Low Current, IIL
Input Capacitance, CIN
VIN = 5V
VIN = 0V
2.0
-
-
-
-
-
-
-
-
7
-
0.8
1.0
1.0
-
2.0
-
-
-
-
-
0.8
1.0
1.0
-
V
V
µA
µA
pF
DIGITAL OUTPUTS
Output Logic Sink Current, IOL
Output Logic Source Current, IOH
Output Leakage, IOZ
Output Capacitance, COUT
VO = 0.4V
VO = 4.5V
CE2 = 0V, VO = 0V, 5V
CE2 = 0V
3.2
-3.2
-
-
-
-
-
5.0
-
-
±1.0
-
3.2
-3.2
-
-
-
-
±1.0
-
mA
mA
µA
pF
TIMING CHARACTERISTICS
Aperture Delay, tAP
Aperture Jitter, tAJ
Data Output Enable Time, tEN
Data Output Disable Time, tDIS
Data Output Delay, tOD
Data Output Hold, tH
-
-
-
-
-
10
6
30
18
15
20
20
-
-
25
20
25
-
-
-
-
-
-
5
-
-
30
25
30
-
ns
ps
ns
ns
ns
ns
POWER SUPPLY REJECTION
Offset Error PSRR,
∆VOS
Gain Error PSRR,
∆FSE
VDD = 5V ±10%
VDD = 5V ±10%
-
-
±0.1
±0.1
±2.75
±2.75
-
-
±5.0
±5.0
LSB
LSB
POWER SUPPLY CURRENT
Supply Current, IDD
FS = 20MHz
-
145
180
-
190
mA
NOTES:
9. Dissipation rating assumes device is mounted with all leads soldered to printed circuit board.
10. Parameter guaranteed by design or characterization and not production tested.
Electrical Specifications AVDD = VDD = +5.0V; VREF+ = +4.0V; VREF- = GND = AGND = 0V; FS = Specified Clock Frequency at
50% Duty Cycle; CL = 30pF; Unless Otherwise Specified (Continued)
PARAMETER
TEST CONDITION
+25oC
(NOTE 2)
0oC TO +70oC
-40oC TO +85oC
UNITS
MIN
TYP
MAX
MIN
MAX


Similar Part No. - HI-5700

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HI-5700/883 INTERSIL-HI-5700/883 Datasheet
668Kb / 8P
   8-Bit, 20 MSPS Flash A/D Converter
HI-5700883 INTERSIL-HI-5700883 Datasheet
668Kb / 8P
   8-Bit, 20 MSPS Flash A/D Converter
More results

Similar Description - HI-5700

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HI1176 INTERSIL-HI1176_05 Datasheet
341Kb / 12P
   8-Bit, 20 MSPS, Flash A/D Converter
HI-5700883 INTERSIL-HI-5700883 Datasheet
668Kb / 8P
   8-Bit, 20 MSPS Flash A/D Converter
logo
National Semiconductor ...
ADC0881 NSC-ADC0881 Datasheet
384Kb / 12P
   8-Bit 20 MSPS Flash A/D Converter
logo
Intersil Corporation
HI1175 INTERSIL-HI1175_05 Datasheet
280Kb / 13P
   8-Bit, 20 MSPS, Flash A/D Converter
logo
National Semiconductor ...
ADC0882 NSC-ADC0882 Datasheet
344Kb / 11P
   8-Bit 20 MSPS Flash A/D Converter
logo
Intersil Corporation
HI1176 INTERSIL-HI1176 Datasheet
85Kb / 11P
   8-Bit, 20 MSPS, Flash A/D Converter
October 1998
HI1175 INTERSIL-HI1175 Datasheet
74Kb / 13P
   8-Bit, 20 MSPS, Flash A/D Converter
August 1997
logo
Renesas Technology Corp
HI1176 RENESAS-HI1176 Datasheet
643Kb / 12P
   8-Bit, 20 MSPS, Flash A/D Converter
October 25, 2005
logo
Micro Linear Corporatio...
ML6401 MICRO-LINEAR-ML6401 Datasheet
554Kb / 10P
   8-Bit 20 MSPS A/D Converter
logo
Fairchild Semiconductor
SPT7725 FAIRCHILD-SPT7725 Datasheet
134Kb / 12P
   8-BIT, 300 MSPS, FLASH A/D CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com