Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HI5667 Datasheet(PDF) 1 Page - Intersil Corporation

Part No. HI5667
Description  8-Bit, 60MSPS A/D Converter with Internal Voltage Reference
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HI5667 Datasheet(HTML) 1 Page - Intersil Corporation

  HI5667 Datasheet HTML 1Page - Intersil Corporation HI5667 Datasheet HTML 2Page - Intersil Corporation HI5667 Datasheet HTML 3Page - Intersil Corporation HI5667 Datasheet HTML 4Page - Intersil Corporation HI5667 Datasheet HTML 5Page - Intersil Corporation HI5667 Datasheet HTML 6Page - Intersil Corporation HI5667 Datasheet HTML 7Page - Intersil Corporation HI5667 Datasheet HTML 8Page - Intersil Corporation HI5667 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1
®
HI5667
8-Bit, 60MSPS A/D Converter with Internal
Voltage Reference
The HI5667 is a monolithic, 8-bit, analog-to-digital converter
fabricated in a CMOS process. It is designed for high speed
applications where wide bandwidth and low power
consumption are essential. Its high sample clock rate is
made possible by a fully differential pipelined architecture
with both an internal sample and hold and internal band-gap
voltage reference.
The 250MHz Full Power Input Bandwidth and superior high
frequency performance of the HI5667 converter make it an
excellent choice for implementing Digital IF architectures in
communications applications.
The HI5667 has excellent dynamic performance while
consuming only 350mW power at 60MSPS. Data output
latches are provided which present valid data to the output
bus with a latency of 7 clock cycles.
.
Features
• Sampling Rate . . . . . . . . . . . . . . . . . . . . . . . . . . 60MSPS
• 7.7Bits at fIN = 10MHz, fS = 60MSPS
• Low Power at 60MSPS . . . . . . . . . . . . . . . . . . . . 350mW
• Wide Full Power Input Bandwidth . . . . . . . . . . . . 250MHz
• On-Chip Sample and Hold
• Internal 2.5V Band-Gap Voltage Reference
• Fully Differential or Single-Ended Analog Input
• Single Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . +5V
• TTL/CMOS Compatible Digital Inputs
• CMOS Compatible Digital Outputs. . . . . . . . . . 3.0V/5.0V
• Offset Binary or Two’s Complement Output Format
Applications
• Digital Communication Systems
• QAM Demodulators
• Professional Video Digitizing
• Medical Imaging
• High Speed Data Acquisition
Pinout
HI5667 (SOIC, SSOP)
TOP VIEW
Part Number Information
PART
NUMBER
TEMP.
RANGE
(oC)
PACKAGE
PKG.
NO.
SAMPLING
RATE
(MSPS)
HI5667/6CB
0 to 70
28 Ld SOIC
M28.3
60
HI5667/6CA
0 to 70
28 Ld SSOP
M28.15
60
HI5667EVAL2
25
Evaluation Board
60
28
27
26
25
24
23
22
21
20
19
18
17
16
15
DVCC1
DGND
DVCC1
DGND
AVCC
AGND
VREFIN
VREFOUT
VIN+
VIN-
VDC
AGND
AVCC
OE
1
2
3
4
5
6
7
8
9
10
11
12
13
14
NC
D0
D1
D2
DVCC2
DGND
D4
D5
D6
D7
DFS
NC
CLK
D3
Data Sheet
March 2003
FN4584.2
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 321-724-7143
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright © Intersil Americas Inc. 2003. All Rights Reserved
All other trademarks mentioned are the property of their respective owners.
OBS
OLE
TE P
ROD
UCT
NO R
ECO
MME
NDE
D RE
PLA
CEM
ENT
cont
act o
ur T
echn
ical
Sup
port
Cen
ter a
t
1-88
8-IN
TER
SIL
or w
ww.
inter
sil.c
om/
tsc


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn