Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HI5667 Datasheet(PDF) 6 Page - Intersil Corporation

Part No. HI5667
Description  8-Bit, 60MSPS A/D Converter with Internal Voltage Reference
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HI5667 Datasheet(HTML) 6 Page - Intersil Corporation

Back Button HI5667 Datasheet HTML 2Page - Intersil Corporation HI5667 Datasheet HTML 3Page - Intersil Corporation HI5667 Datasheet HTML 4Page - Intersil Corporation HI5667 Datasheet HTML 5Page - Intersil Corporation HI5667 Datasheet HTML 6Page - Intersil Corporation HI5667 Datasheet HTML 7Page - Intersil Corporation HI5667 Datasheet HTML 8Page - Intersil Corporation HI5667 Datasheet HTML 9Page - Intersil Corporation HI5667 Datasheet HTML 10Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
6
Timing Waveforms
NOTES:
4. SN: N-th sampling period.
5. HN: N-th holding period.
6. BM, N: M-th stage digital output corresponding to N-th sampled input.
7. DN: Final data output corresponding to N-th sampled input.
FIGURE 1. HI5667 INTERNAL CIRCUIT TIMING
FIGURE 2. INPUT-TO OUTPUT TIMING
DN - 7
DN - 6
DN - 2
DN - 1
DN
DN + 1
ANALOG
INPUT
CLOCK
INPUT
INPUT
S/H
1ST
STAGE
2ND
STAGE
MTH
STAGE
DATA
OUTPUT
SN - 1
HN - 1
SN
HN
SN + 1 HN + 1 SN + 2
SN + 5 HN + 5 SN + 6 HN + 6 SN + 7 HN + 7 SN + 8 HN + 8
B1, N - 1
B1, N
B1, N + 1
B1, N + 4
B1, N + 5
B1, N + 6
B1, N + 7
B2, N - 2
B2, N - 1
B2, N
B2, N + 4
B2, N + 5
B2, N + 6
BM, N - 5
BM, N - 4
BM, N
BM, N + 1
BM, N + 2
BM, N + 3
tLAT
tOD
tH
DATA N-1
DATA N
CLOCK
INPUT
DATA
OUTPUT
1.5V
tAP
ANALOG
INPUT
tAJ
1.5V
2.4V
0.5V
HI5667


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn