Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HI5667 Datasheet(PDF) 4 Page - Intersil Corporation

Part No. HI5667
Description  8-Bit, 60MSPS A/D Converter with Internal Voltage Reference
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HI5667 Datasheet(HTML) 4 Page - Intersil Corporation

  HI5667 Datasheet HTML 1Page - Intersil Corporation HI5667 Datasheet HTML 2Page - Intersil Corporation HI5667 Datasheet HTML 3Page - Intersil Corporation HI5667 Datasheet HTML 4Page - Intersil Corporation HI5667 Datasheet HTML 5Page - Intersil Corporation HI5667 Datasheet HTML 6Page - Intersil Corporation HI5667 Datasheet HTML 7Page - Intersil Corporation HI5667 Datasheet HTML 8Page - Intersil Corporation HI5667 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
4
Absolute Maximum Ratings TA =25oC
Thermal Information
Supply Voltage, AVCC or DVCC to AGND or DGND . . . . . . . . . . 6V
DGND to AGND . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0.3V
Digital I/O Pins . . . . . . . . . . . . . . . . . . . . . . . . . . . . . DGND to DVCC
Analog I/O Pins . . . . . . . . . . . . . . . . . . . . . . . . . . . . AGND to AVCC
Operating Conditions
Temperature Range
HI5667/xCx (Typ) . . . . . . . . . . . . . . . . . . . . . . . . . . . 0oC to 70oC
Thermal Resistance (Typical, Note 1)
θ
JA (
oC/W)
SOIC Package . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
75
SSOP Package . . . . . . . . . . . . . . . . . . . . . . . . . . . .
100
Maximum Junction Temperature . . . . . . . . . . . . . . . . . . . . . . 150oC
Maximum Storage Temperature Range . . . . . . . . . -65oC to 150oC
Maximum Lead Temperature (Soldering 10s) . . . . . . . . . . . 300oC
(SOIC - Lead Tips Only)
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
NOTE:
1.
θJA is measured with the component mounted on an evaluation PC board in free air.
Electrical Specifications
AVCC = DVCC1 = 5.0V, DVCC2 = 3.0V; VREFIN = VREFOUT; fS = 60MSPS at 50% Duty Cycle;
CL = 10pF; TA = 25
oC; Differential Analog Input; Typical Values are Test Results at 25oC,
Unless Otherwise Specified
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
ACCURACY
Resolution
8-
-
Bits
Integral Linearity Error, INL
fIN = 10MHz
-
±0.3
±1.75
LSB
Differential Linearity Error, DNL
(Guaranteed No Missing Codes)
fIN = 10MHz
-
±0.3
±1.0
LSB
Offset Error, VOS
fIN = 10MHz
-10
-
10
LSB
Full Scale Error, FSE
fIN = 10MHz
-
1
-
LSB
DYNAMIC CHARACTERISTICS
Minimum Conversion Rate
No Missing Codes
-
0.5
1
MSPS
Maximum Conversion Rate
No Missing Codes
60
MSPS
Effective Number of Bits, ENOB
fIN = 10MHz
7.3
7.7
-
Bits
Signal to Noise and Distortion Ratio, SINAD
fIN = 10MHz
-
48
-
dB
Signal to Noise Ratio, SNR
fIN = 10MHz
-
48.2
-
dB
Total Harmonic Distortion, THD
fIN = 10MHz
-
-62
-
dBc
2nd Harmonic Distortion
fIN = 10MHz
-
-69
-
dBc
3rd Harmonic Distortion
fIN = 10MHz
-
-63
-
dBc
Spurious Free Dynamic Range, SFDR
fIN = 10MHz
-
63
-
dBc
Transient Response
(Note 2)
-
1
-
Cycle
Over-Voltage Recovery
0.2V Overdrive (Note 2)
-
1
-
Cycle
ANALOG INPUT
Maximum Peak-to-Peak Differential Analog Input Range
(VIN+ - VIN-)
-
±0.5
-
V
Maximum Peak-to-Peak Single-Ended
Analog Input Range
-1.0
-
V
Analog Input Resistance, RIN
(Note 3)
-
1
-
M
Analog Input Capacitance, CIN
-10
-
pF
Analog Input Bias Current, IB+ or IB-
(Note 3)
-10
-
+10
µA
Differential Analog Input Bias Current
IBDIFF = (IB+ - IB-)
(Note 3)
-
±0.5
-
µA
Full Power Input Bandwidth, FPBW
-
250
-
MHz
Analog Input Common Mode Voltage Range (VIN+ + VIN-) / 2 Differential Mode (Note 2)
0.25
-
4.75
V
INTERNAL REFERENCE VOLTAGE
Reference Voltage Output, VREFOUT (Loaded)
-
2.5
-
V
Reference Output Current, IREFOUT
-1
2
mA
RMS Signal
RMS Noise + Distortion
--------------------------------------------------------------
=
RMS Signal
RMS Noise
-------------------------------
=
HI5667


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn