Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CXD2559 Datasheet(PDF) 9 Page - Intersil Corporation

Part # CXD2559
Description  1-Bit D/A Converter For Audio Application
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CXD2559 Datasheet(HTML) 9 Page - Intersil Corporation

Back Button CXD2559 Datasheet HTML 3Page - Intersil Corporation CXD2559 Datasheet HTML 4Page - Intersil Corporation CXD2559 Datasheet HTML 5Page - Intersil Corporation CXD2559 Datasheet HTML 6Page - Intersil Corporation CXD2559 Datasheet HTML 7Page - Intersil Corporation CXD2559 Datasheet HTML 8Page - Intersil Corporation CXD2559 Datasheet HTML 9Page - Intersil Corporation CXD2559 Datasheet HTML 10Page - Intersil Corporation CXD2559 Datasheet HTML 11Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
4-9
D. Digital Attenuator
[Related pins] ATT, SHIFT, LATCH
The output data can be attenuated independently in the L
and R channels, using the transfer data from the external
microcomputer.
The ATT data of the L and R channels consist of eight bits
each, and the L and R channels can be attenuated com-
monly using the ATT control bit. (The L channel attenuation
value is used when the L and R channels are commonly
attenuated).
(1) Command and Audio Output
The attenuation data of the L and R channels consist of eight
bits, it can be set 255 ways. The following table shows the
relationship between the commands and the outputs.
The attenuation values for 01 (H) to FE (H) can be obtained
with the following equation:
E. Digital Attenuator
Suppose that there are attenuation data ATT1, ATT2 and
ATT3, and their relationship is ATT1>ATT3>ATT2. When
ATT2 is transferred before the level reaches the value of
ATT1 (point A in the figure), the level keeps approaching to
the value of ATT2. Next, when ATT3 is transferred before
the level reaches the value of ATT2 (point B or C in the fig-
ure), the level starts approaching to the value of ATT3 from
its level at that time (point B or C in the figure). The transition
(0 dB to
→ –∞) between the attenuation data is 1024/FS
(FS = 44kHz for CD).
F. Output Selection
[Related pins] ATT, SHIFT, LATCH
The L and R channel outputs can be set in four combinations
[L/RL + R/Mute] (16 ways in total) using the transfer data
from the external microcomputer. The following table shows
the relationship between the commands and the outputs.
CONTROL
BIT
CONTROL
WHEN SYSTEM IS CLEARED
L7 TO L0
The L channel attenuation data.
FF (H)
R7 to R0
The R channel attenuation data.
FF (H)
P3 to P0
Output selection.
9 (H) Stereo
E
De-emphasis (High = on, Low = off)
However, the time constant of the emphasis is
γ 1 = 50µs and γ 2 = 15µs
when FS = 44.1kHz. The de-emphasis function cannot be used when FS
is not 44.1kHz.
OFF
A
Attenuate (Low = independent, High = common). However, the L channel
attenuation value is used when the L and R channels are commonly atten-
uated.
Independent
XDon’t care.
NOTE: When the data is more than three bytes are transferred to the ATT pin, only the three bytes transferred finally are effective.
ATTENUATION DATA
L7 TO L0/R7 TO R0
AUDIO OUTPUT
FF (H)
0dB
FE (H)
01 (H)
-0.034dB
-48.131dB
00 (H)
-
ATT = 20log [Input data/255] dB
Ex. for attenuating data FA (H)
ATT = 20log [250/255] db = 0.172dB
0dB
A
ATT1
B
ATT3
C
ATT2
FIGURE 7. METHOD OF OBTAINING AN ATTENUATION VALUE
HI2559, CXD2559


Similar Part No. - CXD2559

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXD2550P SONY-CXD2550P Datasheet
553Kb / 10P
   Digital Filter for CD
CXD2552 SONY-CXD2552 Datasheet
430Kb / 17P
   1 BIT D/A CONVERTER
CXD2552AQ SONY-CXD2552AQ Datasheet
430Kb / 17P
   1 BIT D/A CONVERTER
CXD2552Q SONY-CXD2552Q Datasheet
430Kb / 17P
   1 BIT D/A CONVERTER
logo
List of Unclassifed Man...
CXD2554P ETC2-CXD2554P Datasheet
52Kb / 1P
   Digital Filter
More results

Similar Description - CXD2559

ManufacturerPart #DatasheetDescription
logo
NEC
UPD6379 NEC-UPD6379 Datasheet
119Kb / 16P
   2-CHANNEL 16-BIT D/A CONVERTER FOR AUDIO APPLICATION
logo
Intersil Corporation
HI2570 INTERSIL-HI2570 Datasheet
637Kb / 8P
   1-Bit AD/DA Converter For Audio Application
HI2555 INTERSIL-HI2555 Datasheet
758Kb / 11P
   1-Bit, AD/DA Converter For Audio Application
logo
Sanyo Semicon Device
LC78817 SANYO-LC78817 Datasheet
137Kb / 6P
   16-Bit D/A Converter for Digital Audio?
logo
Sony Corporation
CXD2564AM SONY-CXD2564AM Datasheet
885Kb / 13P
   1-bit Audio D/A Converter (with Digital Filter)
CXD2552Q SONY-CXD2552Q Datasheet
430Kb / 17P
   1 BIT D/A CONVERTER
logo
Cirrus Logic
CS4328 CIRRUS-CS4328 Datasheet
831Kb / 31P
   18-Bit, Stereo D/A Converter for Digital Audio
OCT 1993
logo
Sanyo Semicon Device
LC7886 SANYO-LC7886 Datasheet
134Kb / 6P
   18-Bit A/D Converter for Digital Audio Applications
logo
Cirrus Logic
CS4329 CIRRUS-CS4329 Datasheet
1Mb / 36P
   20-Bit, Stereo D/A Converter for Digital Audio
CS4390 CIRRUS-CS4390 Datasheet
629Kb / 22P
   24-Bit, Stereo D/A Converter for Digital Audio
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com