Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HI2303 Datasheet(PDF) 3 Page - Intersil Corporation

Part No. HI2303
Description  Triple 8-Bit, 50 MSPS, Video A/D Converter with Clamp Function
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HI2303 Datasheet(HTML) 3 Page - Intersil Corporation

  HI2303 Datasheet HTML 1Page - Intersil Corporation HI2303 Datasheet HTML 2Page - Intersil Corporation HI2303 Datasheet HTML 3Page - Intersil Corporation HI2303 Datasheet HTML 4Page - Intersil Corporation HI2303 Datasheet HTML 5Page - Intersil Corporation HI2303 Datasheet HTML 6Page - Intersil Corporation HI2303 Datasheet HTML 7Page - Intersil Corporation HI2303 Datasheet HTML 8Page - Intersil Corporation HI2303 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
3
Pin Description
PIN NO.
SYMBOL
EQUIVALENT CIRCUIT
DESCRIPTION
1, 2, 22, 23
DVDD
-
Digital Power Supply.
+5V or +3.3V.
13 to 20
3 to 10
73 to 80
A0 to A7
B0 to B7
C0 to C7
O
Digital output.
A0 (LSB) to A7 (MSB)
B0 (LSB) to B7 (MSB)
C0 (LSB) to C7 (MSB).
21
TGR
O
Trigger Output
11, 12, 71, 72
DVSS
-
Digital Ground.
24, 27, 38, 60, 61,
65
AVSS
-
Analog Ground.
25
40
63
ARBS
BRBS
CRBS
-
Shorting the RBS pins to AVSS
generates voltage of approxi-
mately 0.6V at the ARB, BRB and
CRB pins.
26
39
64
ARB
BRB
CRB
-
Reference Voltage (Bottom).
31
34
69
ART
BRT
CRT
-
Reference Voltage (Top).
32
33
70
ARTS
BRTS
CRTS
-
Shorting the RTS pins to AVDD
generates voltage of about 2.5V at
the ART, BRT and CRT pins.
28
37
66
AIN
BIN
CIN
I
Analog Input.
29
36
67
AIO
BIO
CIO
O
Analog Output. These pins are the
D/A
converter
outputs
which
comprise the digital clamp circuit.
DVDD
DVSS
31
34
69
32
33
70
26
39
64
25
40
63
AVDD
RT
RB
RREF
AVSS
RTS
RT
RB
RBS
28
37
66
AVDD
AVSS
29
36
67
AVDD
AVSS
200
HI2303


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn