Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HI1106 Datasheet(PDF) 4 Page - Intersil Corporation

Part # HI1106
Description  8-Bit, 35 MSPS, High Speed D/A Converter (TTL Input)
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HI1106 Datasheet(HTML) 4 Page - Intersil Corporation

  HI1106 Datasheet HTML 1Page - Intersil Corporation HI1106 Datasheet HTML 2Page - Intersil Corporation HI1106 Datasheet HTML 3Page - Intersil Corporation HI1106 Datasheet HTML 4Page - Intersil Corporation HI1106 Datasheet HTML 5Page - Intersil Corporation HI1106 Datasheet HTML 6Page - Intersil Corporation HI1106 Datasheet HTML 7Page - Intersil Corporation HI1106 Datasheet HTML 8Page - Intersil Corporation HI1106 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
10-4
Absolute Maximum Ratings TA = 25oC
Thermal Information
Supply Voltage
VCC - DGND1 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .0V to 6V
VEE - AGND1, AGND2 . . . . . . . . . . . . . . . . . . . . . . . . . . -6V to 0V
DGND2 - DGND1 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .0V to 6V
Digital Input Voltage
VI. . . . . . . . . . . . . . . . . . . . . . . . . . . DGND1 - 0.3V to VCC + 0.3V
VCLK . . . . . . . . . . . . . . . . . . . . . . . . DGND1 - 0.3V to VCC + 0.3V
Input Voltage (VSET Pin), VSET . . . . . . . . VEE - 0.3V to VEE + 2.7V
Output Current (VREF Pin), lREF . . . . . . . . . . . . . . . . . -5mA to 0mA
Thermal Resistance (Typical, Note 2)
θJA (oC/W)
PDIP Package . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
90
SOIC Package. . . . . . . . . . . . . . . . . . . . . . . . . . . . .
90
Maximum Power Dissipation, PD . . . . . . . . . . . . . . . . . . . . . . 1.27W
Maximum Junction Temperature (Plastic Package) . . . . . . . . 150oC
Maximum Storage Temperature Range, TSTG. . . . -55oC to 150oC
Maximum Lead Temperature (Soldering 10s). . . . . . . . . . . . . 300oC
(SOIC - Lead Tips Only)
Recommended Operating Conditions
SINGLE POWER SUPPLY
MIN
TYP
MAX
Supply Voltage
VCC, DGND2, AGND1, AGND2 . . . . . . . . 4.75V
5V
5.25V
DGND2 - AGND1, DGND2 - AGND2 . . . . -0.2V
0V
0.2V
AGND1 - AGND2 . . . . . . . . . . . . . . . . . . . -0.1V
0V
0.1V
Digital Input Voltage
H Level, VIH, VCLKH. . . . . . . . . . . . . . . . . 2.0V
-
VCC
L Level, VIL, VCLKL. . . . . . . . . . . . . . . . . .DGND1 -
1V
VSET Input Voltage, VSET . . . . . . . . . . . . . . 0.70V 0.84V
1V
VREF Pin Current, IREF . . . . . . . . . . . . . . . .-3.0mA
-
-0.4mA
Clock Pulse Width (Note 1)
tPW1 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10ns
-
-
tPW0 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10ns
-
-
Temperature Range, TOPR . . . . . . . . . . . . . . . . . . . . -20oC to 75oC
DUAL POWER SUPPLY
MIN
TYP
MAX
Supply Voltage
VCC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4.75V
5V
5.25V
VEE . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -5.5V
5V
-4.75V
DGND2 - AGND1, DGND2 - AGND2 . . . -0.2V
0V
-0.2V
AGND1 - AGND2. . . . . . . . . . . . . . . . . . . -0.1V
0V
0.1V
Digital Input Voltage
H Level, VIH, VCLKH . . . . . . . . . . . . . . . . 2.0V
-
VCC
L Level, VIL, VCLKL . . . . . . . . . . . . . . . . . DGND1
-
1V
VSET Input Voltage, VSET. . . . . . . . . . . . . . -4.30V -4.16V -4.00V
VREF Pin Current, IREF. . . . . . . . . . . . . . . . -3mA
-
-0.4mA
Clock Pulse Width
tPW1. . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10ns
-
-
tPW0. . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10ns
-
-
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation
of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
NOTES:
1. See Figure 6 in the Timing Diagram.
2.
θJA is measured with the component mounted on an evaluation PC board in free air.
Electrical Specifications
TA = 25oC, VCC = DGND2 = AGND1 = AGND2 = 5V, DGND1 = VEE = 0V, VSET = 0.84V
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SINGLE POWER SUPPLY
Resolution, n
-8
-
Bit
Maximum Conversion Speed, fMAX
RL > 10kΩ, CL < 20pF
35
-
-
MHz
Linearity Error, EL
RL > 10kΩ
-0.5
-
0.5
LSB
Differential Linearity Error, ED
-0.5
-
0.5
LSB
Full Scale Output Voltage, VFS
RL > 10kΩ
0.9
1.0
1.1
V
Offset Voltage (Note 2), VOS
RL > 10kΩ
04
10
mV
Output Resistance, RO
290
350
410
Power Supply Current, ICC
RL > 10kΩ, IREF = -400µA
324048
mA
Digital Input Current
H Level, IIH
0-
5
µA
L Level, IIL
-400
-
0
µA
VSET Input Current, ISET
-3
-
0
µA
Internal Reference Output Voltage, VREF IREF = -400µA
1.17
1.25
1.33
V
Accuracy Output Voltage Range, VOC
RL > 10kΩ
0.5
1.0
1.50
V
Set-Up Time, tS
10
-
-
ns
Hold Time, tH
2-
-
ns
Propagation Delay Time, tPD
RL > 10kΩ
-11
-
ns
Glitch Energy, GE
RL > 10kΩ,
fCLK = 1MHz, Digital Lamp Output
-30
-
pV/s
NOTE:
3. VOS = AGND2 - V255 (V255 is the output voltage when full input is at high level).
HI1106


Similar Part No. - HI1106

ManufacturerPart #DatasheetDescription
logo
Hi-Sincerity Mocroelect...
HI1109 HSMC-HI1109 Datasheet
30Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
More results

Similar Description - HI1106

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXA1106P SONY-CXA1106P Datasheet
350Kb / 19P
   8-BIT 35 MSPS HIGH-SPEED D/A CONVERTER
logo
Analog Devices
AD9012 AD-AD9012_15 Datasheet
263Kb / 8P
   High Speed 8-Bit TTL A/D Converter
REV. F
AD9012 AD-AD9012 Datasheet
141Kb / 8P
   High Speed 8-Bit TTL A/D Converter
REV. D
logo
Intersil Corporation
HI1179 INTERSIL-HI1179 Datasheet
117Kb / 14P
   8-Bit, 35 MSPS, Video A/D Converter
August 1997
logo
Renesas Technology Corp
HI1179 RENESAS-HI1179 Datasheet
721Kb / 15P
   8-Bit, 35 MSPS, Video A/D Converter
October 25, 2005
logo
Intersil Corporation
HI1179 INTERSIL-HI1179_05 Datasheet
303Kb / 15P
   8-Bit, 35 MSPS, Video A/D Converter
HI1171 INTERSIL-HI1171 Datasheet
42Kb / 7P
   8-Bit, 40 MSPS, High Speed D/A Converter
August 1997
logo
Renesas Technology Corp
HI1171 RENESAS-HI1171 Datasheet
382Kb / 7P
   8-Bit, 40 MSPS, High Speed D/A Converter
logo
Intersil Corporation
HI1171 INTERSIL-HI1171_05 Datasheet
119Kb / 7P
   8-Bit, 40 MSPS, High Speed D/A Converter
logo
Sony Corporation
CXA1096M SONY-CXA1096M Datasheet
560Kb / 16P
   8-bit MSPS Flash A/D Converter (TTL I/O)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com