Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HFA1212883 Datasheet(PDF) 2 Page - Intersil Corporation

Part # HFA1212883
Description  Dual, High Speed, Low Power, Video Closed Loop Buffer
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HFA1212883 Datasheet(HTML) 2 Page - Intersil Corporation

  HFA1212883 Datasheet HTML 1Page - Intersil Corporation HFA1212883 Datasheet HTML 2Page - Intersil Corporation HFA1212883 Datasheet HTML 3Page - Intersil Corporation HFA1212883 Datasheet HTML 4Page - Intersil Corporation HFA1212883 Datasheet HTML 5Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
3-220
Specifications HFA1212/883
Absolute Maximum Ratings
Thermal Information
Voltage Between V+ and V- . . . . . . . . . . . . . . . . . . . . . . . . . . . . 12V
Voltage at Either Input Terminal . . . . . . . . . . . . . . . . . . . . . . V+ to V-
Output Current (Note 1) . . . . . . . . . . . . . . . . Short Circuit Protected
Output Current (50% Duty Cycle, Note 1) . . . . . . . . . . . . . . . . 60mA
Junction Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +175oC
ESD Rating. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . > 2000V
Storage Temperature Range . . . . . . . . . . . . . . -65oC
≤ T
A ≤ +150
oC
Lead Temperature (Soldering 10s) . . . . . . . . . . . . . . . . . . . . +300oC
Thermal Resistance
θ
JA
θ
JC
CerDIP Package . . . . . . . . . . . . . . . . .
115oC/W
30oC/W
Maximum Package Power Dissipation at +75oC
CerDIP Package . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0.87W
Package Power Dissipation Derating Factor above +75oC
CerDIP Package . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 8.7mW/oC
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation
of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
Operating Conditions
Operating VSUPPLY (±VS) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . ±5V
Operating Temperature Range . . . . . . . . . . . . . -55oC
≤ T
A ≤ +125
oC
RL ≥ 50Ω
TABLE 1. DC ELECTRICAL PERFORMANCE CHARACTERISTICS
Device Tested at: VSUPPLY = ±5V, AV = +1, RSOURCE = 0Ω, RL = 100Ω, VOUT = 0V, Unless Otherwise Specified.
PARAMETERS
SYMBOL
CONDITIONS
GROUP A
SUBGROUPS
TEMPERATURE
LIMITS
UNITS
MIN
MAX
Output Offset
Voltage
VOS
VCM = 0V
1
+25oC
-10
10
mV
2, 3
+125oC, -55oC
-20
20
mV
Channel-to-Channel
Output Offset
Voltage Mismatch
V
OS
VCM = 0V
1
+25oC
-15
15
mV
2, 3
+125oC, -55oC
-30
30
mV
Common Mode
Rejection Ratio
CMRR
∆V
CM = ±1.8V
V+ = 3.2V, V- = -6.8V
V+ = 6.8V, V- = -3.2V
1
+25oC42
-
dB
2
+125oC39
-
dB
∆V
CM = ±1.2V
V+ = 3.8V, V- = -6.2V
V+ = 6.2V, V- = -3.8V
3
-55oC39
-
dB
Power Supply
Rejection Ratio
PSRRP
∆V
SUPPLY = ±1.8V
V+ = 6.8V, V- = -5V
V+ = 3.2V, V- = -5V
1
+25oC45
-
dB
2
+125oC42
-
dB
∆V
SUPPLY = ±1.2V
V+ = 6.2V, V- = -5V
V+ = 3.8V, V- = -5V
3
-55oC42
-
dB
PSRRN
∆V
SUPPLY = ±1.8V
V+ = 5V, V- = -6.8V
V+ = 5V, V- = -3.2V
1
+25oC45
-
dB
2
+125oC42
-
dB
∆V
SUPPLY = ±1.2V
V+ = 5V, V- = -6.2V
V+ = 5V, V- = -3.8V
3
-55oC42
-
dB
Non-Inverting Input
(+IN) Current
IBSP
VCM = 0V
1
+25oC
-15
15
µA
2, 3
+125oC, -55oC
-25
25
µA
Channel-to-Channel
+IN Current
Mismatch
I
BSP
VCM = 0V
1
+25oC
-15
15
µA
2, 3
+125oC, -55oC
-25
25
µA
Spec Number
511111-883


Similar Part No. - HFA1212883

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HFA1212 INTERSIL-HFA1212 Datasheet
90Kb / 10P
   Dual 350MHz, Low Power Closed Loop Buffer Amplifier
September 1998
HFA1212 INTERSIL-HFA1212 Datasheet
198Kb / 12P
   Dual 350MHz, Low Power Closed Loop Buffer Amplifier
logo
Renesas Technology Corp
HFA1212 RENESAS-HFA1212 Datasheet
204Kb / 12P
   Dual 350MHz, Low Power Closed Loop Buffer Amplifier
July 2004
logo
Intersil Corporation
HFA1212IB INTERSIL-HFA1212IB Datasheet
90Kb / 10P
   Dual 350MHz, Low Power Closed Loop Buffer Amplifier
September 1998
HFA1212IB INTERSIL-HFA1212IB Datasheet
198Kb / 12P
   Dual 350MHz, Low Power Closed Loop Buffer Amplifier
More results

Similar Description - HFA1212883

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HFA1412 INTERSIL-HFA1412 Datasheet
23Kb / 4P
   Quad, High Speed, Low Power, Video Closed Loop Buffer
June 1994
HS-1212RH INTERSIL-HS-1212RH Datasheet
107Kb / 9P
   Radiation Hardened, Dual, High Speed Low Power, Video Closed Loop Buffer
HS-1412RH INTERSIL-HS-1412RH Datasheet
174Kb / 11P
   Radiation Hardened, Quad, High Speed, Low Power, Video Closed Loop Buffer
logo
National Semiconductor ...
LMH6559 NSC-LMH6559 Datasheet
1Mb / 22P
   High-Speed, Closed-Loop Buffer
logo
Texas Instruments
LMH6559 TI1-LMH6559 Datasheet
1Mb / 36P
[Old version datasheet]   High-Speed, Closed-Loop Buffer
BUF602IDBVTG4 TI-BUF602IDBVTG4 Datasheet
955Kb / 27P
[Old version datasheet]   High-Speed, Closed-Loop Buffer
logo
National Semiconductor ...
LMH6559 NSC-LMH6559_06 Datasheet
1Mb / 22P
   High-Speed, Closed-Loop Buffer
logo
Texas Instruments
BUF602 TI-BUF602 Datasheet
483Kb / 22P
[Old version datasheet]   High-Speed, Closed-Loop Buffer
logo
Analog Devices
BUF04 AD-BUF04 Datasheet
437Kb / 16P
   Closed-Loop High Speed Buffer
REV. 0
BUF04 AD-BUF04_15 Datasheet
365Kb / 16P
   Closed-Loop High Speed Buffer
REV. 0
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com