Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HFA1115883 Datasheet(PDF) 1 Page - Intersil Corporation

Part # HFA1115883
Description  High Speed, Low Power, Output Limiting Closed Loop Buffer Amplifier
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HFA1115883 Datasheet(HTML) 1 Page - Intersil Corporation

  HFA1115883 Datasheet HTML 1Page - Intersil Corporation HFA1115883 Datasheet HTML 2Page - Intersil Corporation HFA1115883 Datasheet HTML 3Page - Intersil Corporation HFA1115883 Datasheet HTML 4Page - Intersil Corporation HFA1115883 Datasheet HTML 5Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
194
TM
HFA1115/883
High Speed, Low Power, Output Limiting
Closed Loop Buffer Amplifier
Description
The HFA1115/883 is a high speed closed loop Buffer featur-
ing both user programmable gain and output limiting. Manu-
factured in Intersil’ proprietary complementary bipolar UHF-1
process, the HFA1115/883 also offers a wide -3dB band-
width of 225MHz, very fast slew rate, excellent gain flatness
and high output current.
This buffer is the ideal choice for high frequency applications
requiring output limiting, especially those needing ultra fast
overload recovery times. The limiting function allows the
designer to set the maximum positive and negative output lev-
els, thereby protecting later stages from damage or input satu-
ration. The HFA1115/883 also allows for voltage gains of +2,
+1, and -1, without the use of external resistors. Gain selec-
tion is accomplished via connections to the inputs, as
described in the “Application Information” text. The result is a
more flexible product, fewer part types in inventory, and more
efficient use of board space.
Compatibility with existing op amp pinouts provides flexibility to
upgrade low gain amplifiers, while decreasing component
count. Unlike most buffers, the standard pinout provides an
upgrade path should a higher closed loop gain be needed at a
future date.
Ordering Information
PART NUMBER
TEMPERATURE
RANGE
PACKAGE
HFA1115MJ/883
-55oC to +125oC
8 Lead CerDIP
Features
• This Circuit is Processed in Accordance to MIL-STD-
883 and is Fully Conformant Under the Provisions of
Paragraph 1.2.1.
• User Programmable Output Voltage Limiting
• User Programmable For Closed-Loop Gains of +1, -1
or +2 Without Use of External Resistors
• Standard Operational Amplifier Pinout
• Fast Overdrive Recovery . . . . . . . . . . . . . . . <1ns (Typ)
• Low Supply Current. . . . . . . . . . . . . . . . . . 6.9mA (Typ)
• Excellent Gain Accuracy . . . . . . . . . . . . . . 0.99V/V (Typ)
• Wide -3dB Bandwidth . . . . . . . . . . . . . . . 225MHz (Typ)
• Fast Slew Rate . . . . . . . . . . . . . . . . . . . . 1135V/
µs (Typ)
• High Input Impedance . . . . . . . . . . . . . . . . . . 1M
Ω (Typ)
• Excellent Gain Flatness (to 50MHz) . . . . .
±0.1dB (Typ)
Applications
• Flash A/D Driver
• Video Switching and Routing
• Pulse and Video Amplifiers
• Wideband Amplifiers
• RF/IF Signal Processing
• Medical Imaging Systems
July 1994
Pinout
HFA1115/883
(CERDIP)
TOP VIEW
NC
-IN
+IN
V-
1
2
3
4
8
7
6
5
VH
V+
OUT
VL
350
350
+
-
Spec Number
511109-883
FN3724
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 321-724-7143
| Intersil (and design) is a trademark of Intersil Americas Inc.
Copyright © Intersil Americas Inc. 2002. All Rights Reserved


Similar Part No. - HFA1115883

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HFA1115 INTERSIL-HFA1115 Datasheet
159Kb / 14P
   225MHz, Low Power, Output Limiting, Closed Loop Buffer Amplifier
September 1998
HFA1115 INTERSIL-HFA1115 Datasheet
402Kb / 14P
   225MHz, Low Power, Output Limiting, Closed Loop Buffer Amplifier
logo
Renesas Technology Corp
HFA1115 RENESAS-HFA1115 Datasheet
408Kb / 14P
   225MHz, Low Power, Output Limiting, Closed Loop Buffer Amplifier
July 2004
logo
Intersil Corporation
HFA1115EVAL INTERSIL-HFA1115EVAL Datasheet
159Kb / 14P
   225MHz, Low Power, Output Limiting, Closed Loop Buffer Amplifier
September 1998
HFA1115IB INTERSIL-HFA1115IB Datasheet
159Kb / 14P
   225MHz, Low Power, Output Limiting, Closed Loop Buffer Amplifier
September 1998
More results

Similar Description - HFA1115883

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HS-1115RH INTERSIL-HS-1115RH Datasheet
42Kb / 4P
   Radiation Hardened, High Speed, Low Power Output Limiting, Closed-Loop-Buffer Amplifier
HS-1115RH INTERSIL-HS-1115RH_02 Datasheet
133Kb / 4P
   Radiation Hardened, High Speed, Low Power Output Limiting, Closed-Loop-Buffer Amplifier
HFA1115 INTERSIL-HFA1115 Datasheet
159Kb / 14P
   225MHz, Low Power, Output Limiting, Closed Loop Buffer Amplifier
September 1998
HFA1115 INTERSIL-HFA1115_04 Datasheet
402Kb / 14P
   225MHz, Low Power, Output Limiting, Closed Loop Buffer Amplifier
logo
Renesas Technology Corp
HFA1115 RENESAS-HFA1115 Datasheet
408Kb / 14P
   225MHz, Low Power, Output Limiting, Closed Loop Buffer Amplifier
July 2004
logo
National Semiconductor ...
LMH6559 NSC-LMH6559 Datasheet
1Mb / 22P
   High-Speed, Closed-Loop Buffer
logo
Texas Instruments
LMH6559 TI1-LMH6559 Datasheet
1Mb / 36P
[Old version datasheet]   High-Speed, Closed-Loop Buffer
BUF602IDBVTG4 TI-BUF602IDBVTG4 Datasheet
955Kb / 27P
[Old version datasheet]   High-Speed, Closed-Loop Buffer
logo
National Semiconductor ...
LMH6559 NSC-LMH6559_06 Datasheet
1Mb / 22P
   High-Speed, Closed-Loop Buffer
logo
Texas Instruments
BUF602 TI-BUF602 Datasheet
483Kb / 22P
[Old version datasheet]   High-Speed, Closed-Loop Buffer
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com